Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-20106 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-20106
Description  CURRENT SENSE TRANSFORMERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-20106 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-20106 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transformers & Magnetic Products
Industries Inc.
Rhombus
I-SENSET - 5/97
Specifications are subject to change without notice
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone: (714) 898-0960 l FAX: (714) 896-0971
PRIMARY Leads: 16AWG
SECONDARY Leads: 20AWG
Electrical Specifications at 25OC
Physical Dimensions
inches (mm)
Part Number
Schematic
Style
Secondary
Turns
Secondary
Induct. min.
DCR
max.
Terminating
Resistance
Pri. Unipolar
Amp-microsec.
Max. Rating
Pri. Bipolar
Amp-microsec.
Max. Rating
( mH )
( Ω )
( Ω )
T-20100
A
50
5.0
0.70
50
150
300
T-20101
A
100
20.0
1.40
100
300
600
T-20102
A
200
80.0
4.70
200
600
1200
T-20103
A
300
180.0
11.00
300
900
1800
T-20104
B
50CT
5.0
0.70
50
150
300
T-20105
B
100CT
20.0
1.40
100
300
600
T-20106
B
200CT
80.0
4.50
200
600
1200
T-20107
B
300CT
180.0
11.00
300
900
1800
CURRENT SENSE
TRANSFORMERS
DESIGNED FOR SWITCHING
POWER SUPPLY APPLICATIONS
PRIMARY WINDING FURNISHED
PRIMARY PEAK SENSE CURRENT
20 AMPS OR GREATER
3750V RMS HI-POT
Maximum ratings specified with rated secondary
terminating resistance and 1 turn.
Amp-
µsec rating of primary equals volt-µsec rating
of secondary when secondary is terminated into
rated resistance.
Maximum operating temperature 1050 C.
For further details refer to data sheets
STYLE "A"
SCHEMATIC
STYLE "B"
SCHEMATIC
1
2
3
5
PRI
SEC
1
2
3
4
5
PRI
SEC
3


Similar Part No. - T-20106

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-20101 RHOMBUS-IND-T-20101 Datasheet
23Kb / 1P
   CURRENT SENSE TRANSFORMER
More results

Similar Description - T-20106

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3108G-XXX PCA-EPC3108G-XXX_15 Datasheet
25Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST306-3A TRIAD-CST306-3A Datasheet
85Kb / 1P
   Current Sense Transformers
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L_15 Datasheet
255Kb / 1P
   Current Sense Transformers
logo
PCA ELECTRONICS INC.
EPC3108G-125 PCA-EPC3108G-125_07 Datasheet
25Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST206-1T TRIAD-CST206-1T Datasheet
86Kb / 1P
   Current Sense Transformers
CST206-3A TRIAD-CST206-3A Datasheet
85Kb / 1P
   Current Sense Transformers
logo
Coilcraft lnc.
CST7030 COILCRAFT-CST7030 Datasheet
173Kb / 2P
   Current Sense Transformers
CST2010 COILCRAFT-CST2010 Datasheet
182Kb / 2P
   Current Sense Transformers
logo
PCA ELECTRONICS INC.
EP151XXX PCA-EP151XXX_15 Datasheet
22Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST-1025 TRIAD-CST-1025 Datasheet
86Kb / 1P
   Current Sense Transformers
logo
Coilcraft lnc.
CST4835 COILCRAFT-CST4835 Datasheet
273Kb / 2P
   Current Sense Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com