Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2058CSN-C5TR Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ2058CSN-C5TR
Description  Lithium Ion Pack Supervisor for 3- and 4-Cell Packs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2058CSN-C5TR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ2058CSN-C5TR Datasheet HTML 3Page - Texas Instruments BQ2058CSN-C5TR Datasheet HTML 4Page - Texas Instruments BQ2058CSN-C5TR Datasheet HTML 5Page - Texas Instruments BQ2058CSN-C5TR Datasheet HTML 6Page - Texas Instruments BQ2058CSN-C5TR Datasheet HTML 7Page - Texas Instruments BQ2058CSN-C5TR Datasheet HTML 8Page - Texas Instruments BQ2058CSN-C5TR Datasheet HTML 9Page - Texas Instruments BQ2058CSN-C5TR Datasheet HTML 10Page - Texas Instruments BQ2058CSN-C5TR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Event Definition:
0:
The bq2058 is in the low-power sleep mode because one or more of the cell voltages are below VUV.
1:
A charger is applied to the pack, causing the difference between CSH and BAT1P to become greater
than 70mV. This awakens the bq2058, and the discharge pin DSG goes low.
2:
One or more cells charge to a voltage equal to VOV, initiating the overvoltage delay timer.
3:
The overvoltage delay time expires, causing CHG to be driven high.
4:
All cell voltages fall below VCE, causing CHG to be driven low.
5:
Stop charging, apply a load.
6:
An overcurrent condition is detected, initiating the overcurrent delay timer.
7:
The overcurrent delay time expires, causing DSG to be driven high.
8:
The overcurrent condition is no longer present; DSG is driven low.
9:
Pin CTL is driven high; both DSG and CHG are driven high.
10:
Pin CTL is driven low; both DSG and CHG resume their normal function.
11:
One or more cells fall below VUV, initiating the overdischarge delay timer.
12:
Once the overdischarge delay timer expires, if any of the cells is below VUV, the bq2058 drives
DSG high and enters the low-power sleep mode.
bq2058
TD205801.eps
Cell Voltage
VOV
CSH
DSG
CHG
CTL
VCE
VUV
0
1
2
3
4 5
6
7
8
9 10
11 12
BAT1P + 70mV (VCD)
BAT1P - 160mV (VOCH)
tUVD
tOCD
tOVD
Figure 3. Protector Event Diagram


Similar Part No. - BQ2058CSN-C5TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2058T TI-BQ2058T Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TR TI-BQ2058TR Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TRSN TI-BQ2058TRSN Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TRSN-C2 TI-BQ2058TRSN-C2 Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TSN TI-BQ2058TSN Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
More results

Similar Description - BQ2058CSN-C5TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2058T TI-BQ2058T Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
logo
NXP Semiconductors
NE57605 PHILIPS-NE57605 Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
logo
Shenzhen Huazhimei Semi...
HM5431A HMSEMI-HM5431A Datasheet
1Mb / 10P
   single-cell lithium-ion/lithium polymer rechargeable battery packs
DW01A HMSEMI-DW01A Datasheet
1Mb / 7P
   Protection IC for One-Cell Lithium-Ion / Lithium-Polymer Battery Pack
logo
Texas Instruments
BQ2158T TI-BQ2158T Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Samsung semiconductor
ICR18650-22F SAMSUNG-ICR18650-22F Datasheet
218Kb / 18P
   for Lithium-ion Rechargeable Cell
01 19/ 11/ 2007
ICR18650-30B SAMSUNG-ICR18650-30B Datasheet
403Kb / 17P
   for Lithium-ion Rechargeable Cell
1.1
logo
HYCON Technology Corpor...
HY2131 HYCON-HY2131 Datasheet
1Mb / 27P
   Protection IC for 2/3-Cell Lithium Ion/Lithium Polymer
logo
Texas Instruments
BQ29330 TI-BQ29330 Datasheet
1Mb / 26P
[Old version datasheet]   2-,3-,AND 4-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com