Electronic Components Datasheet Search
Selected language     English  ▼


F-1300 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-1300
Description  Signal Line Filters
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
32
SIG-LINE 9/97
Signal Line Filters
OCL
L
L
DCR
C
w/w
Part
Data
Turns
min.
max.
max.
max.
Z
O
Number
Lines
Ratio
(
µH )
(
µH )
( m
Ω )
( pF )
Package
Plot
F-1300
4
1:1:1:1
4.0
0.20
165
6.0
8 Pin
A
F-1301
4
1:1:1:1
24.0
0.20
200
15.0
8 Pin
D
F-1302
6
1:1:1:1:1:1
4.0
0.20
180
6.0
12 Pin
A
F-1303
6
1:1:1:1:1:1
25.0
0.20
350
15.0
12 Pin
C
F-1304
8
Dual 1:1:1:1
4.0
0.20
160
6.0
16 Pin
A
F-1305
8
Dual 1:1:1:1
24.0
0.20
210
15.0
16 Pin
D
F-1306
4
1:1:1:1
8.0
0.20
250
10.0
8 Pin
B
Electrical Specifications at 25OC
8 Line 16-Pin Schematic
4 Line 8-Pin Schematic
6 Line 12-Pin Schematic
" L "
Package
Number
Pins
"L"
Length Max.
D8-480
8
0.585 (14.85)
D12-480
12
0.675 (17.14)
D16-480
16
1.000 (25.40)
Table P-5
480" Wide Body DIPs
Lead Centers 0.300"
10
20
40
60
80
100
Frequency ( MHz )
400
(
Ω )
1200
800
Z
2000
1600
0
C
D
B
A
Minimum Impedance Plots
Data Line Protection Applications
Frequency Range up to 100 MHz
Filter Common &
Differential Mode Noise
EMI / RFI Suppression
High Current and Voltage Isolation
Hi-Pot 500 V
RMS Minimum




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ACF321825-223-T3-Terminal Filters for Signal Line and DC Power Line SMD 1 2 TDK Electronics
THS7318_073-Channel Low-Power EDTV/SDTV Video Line Driver With Low-Pass Filters 1 2 3 4 5 MoreTexas Instruments
B84131-PLCCustomer-Specific Filters for Power Line Communication 1 2 3 4 EPCOS
CFS24XXCommon Mode Line Filters 1 Frontier Electronics.
SNL201212SMD Inductor for Signal Line 1 2 3 List of Unclassifed Manufacturers
MEM2012T-S13-terminal Filters SMD For Signal Line 1 2 TDK Electronics
B84110APower line filters for 1-phase systems Rated voltage 250 V DC/AC 50/60 Hz Rated current 0.5 to 6 A 1 2 3 4 5 MoreEPCOS
CFS28XXCommon Mode Line Filters 1 Frontier Electronics.
F-1500Data Line Filters 1 Rhombus Industries Inc.
HD74LS190Synchronous Up / Down Decade Counter signal clock line 1 2 3 4 5 MoreRenesas Technology Corp

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl