Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV128DTTI-90Q Datasheet(PDF) 6 Page - Macronix International

Part # MX29LV128DTTI-90Q
Description  128M-BIT [16M x 8/8M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV128DTTI-90Q Datasheet(HTML) 6 Page - Macronix International

Back Button MX29LV128DTTI-90Q Datasheet HTML 2Page - Macronix International MX29LV128DTTI-90Q Datasheet HTML 3Page - Macronix International MX29LV128DTTI-90Q Datasheet HTML 4Page - Macronix International MX29LV128DTTI-90Q Datasheet HTML 5Page - Macronix International MX29LV128DTTI-90Q Datasheet HTML 6Page - Macronix International MX29LV128DTTI-90Q Datasheet HTML 7Page - Macronix International MX29LV128DTTI-90Q Datasheet HTML 8Page - Macronix International MX29LV128DTTI-90Q Datasheet HTML 9Page - Macronix International MX29LV128DTTI-90Q Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
6
P/N:PM1327
REV. 1.0, SEP. 22, 2008
MX29LV128D T/B
BLOCK DIAGRAM DESCRIPTION
The block diagram on Page 4 illustrates a simplified architecture of MX29LV128D T/B. Each block in the block diagram
represents one or more circuit modules in the real chip used to access, erase, program, and read the memory array.
The "CONTROL INPUT LOGIC" block receives input pins CE#, OE#, WE#, RESET#, BYTE#, and WP#/ACC. It
creates internal timing control signals according to the input pins and outputs to the "ADDRESS LATCH AND BUFFER"
to latch the external address pins A0-AM(A22).The internal addresses are output from this block to the main array and
decoders composed of "X-DECODER", "Y-DECODER", "Y-PASS GATE", AND "FLASH ARRAY". The X-DECODER
decodes the word-lines of the flash array, while the Y-DECODER decodes the bit-lines of the flash array. The bit lines
are electrically connected to the "SENSE AMPLIFIER" and "PGM DATA HV" selectively through the Y-PASS GATES.
SENSE AMPLIFIERS are used to read out the contents of the flash memory, while the "PGM DATA HV" block is used
to selectively deliver high power to bit-lines during programming. The "I/O BUFFER" controls the input and output on
the Q0-Q15/A-1 pads. During read operation, the I/O BUFFER receives data from SENSE AMPLIFIERS and drives
the output pads accordingly. In the last cycle of program command, the I/O BUFFER transmits the data on Q0-Q15/A-
1 to "PROGRAM DATA LATCH", which controls the high power drivers in "PGM DATA HV" to selectively program the
bits in a word or byte according to the user input pattern.
The "PROGRAM/ERASE HIGH VOLTAGE" block comprises the circuits to generate and deliver the necessary high
voltage to the X-DECODER, FLASH ARRAY, and "PGM DATA HV" blocks. The logic control module comprises of the
"WRITE STATE MACHINE, WSM", "STATE REGISTER", "COMMAND DATA DECODER", and "COMMAND DATA
LATCH". When the user issues a command by toggling WE#, the command on Q0-A15/A-1 is latched in the COM-
MAND DATA LATCH and is decoded by the COMMAND DATA DECODER. The STATE REGISTER receives the
command and records the current state of the device. The WSM implements the internal algorithms for program or
erase according to the current command state by controlling each block in the block diagram.
ARRAY ARCHITECTURE
The main flash memory array can be organized as 16M Bytes x 8 or as 8M Words x 16. The details of the address
ranges and the corresponding sector addresses are shown in Table 1.Table 1.a shows the sector group architecture for
the Top Boot part, whereas Table 1.b shows the sector group architecture for the Bottom Boot part. The specific
security sector addresses are shown at the bottom off each of these tables.


Similar Part No. - MX29LV128DTTI-90Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MHTC-10 MCNIX-MX29LV128MHTC-10 Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MHTC-90Q MCNIX-MX29LV128MHTC-90Q Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MHTC-90R MCNIX-MX29LV128MHTC-90R Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MHTI-10 MCNIX-MX29LV128MHTI-10 Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29LV128DTTI-90Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV640BT MCNIX-MX29LV640BT Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640MT MCNIX-MX29LV640MT Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E_14 Datasheet
1Mb / 65P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640T MCNIX-MX29LV640T Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Samsung semiconductor
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
logo
Macronix International
MX29LV008T MCNIX-MX29LV008T Datasheet
471Kb / 52P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29F800CBMI-70G MCNIX-MX29F800CBMI-70G Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29F800C MCNIX-MX29F800C Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29SL800C-802C MCNIX-MX29SL800C-802C Datasheet
871Kb / 60P
   8M-BIT [1M x 8 / 512K x 16] SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
logo
Fujitsu Component Limit...
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com