Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV640D Datasheet(PDF) 3 Page - Macronix International

Part # MX29LV640D
Description  64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV640D Datasheet(HTML) 3 Page - Macronix International

  MX29LV640D Datasheet HTML 1Page - Macronix International MX29LV640D Datasheet HTML 2Page - Macronix International MX29LV640D Datasheet HTML 3Page - Macronix International MX29LV640D Datasheet HTML 4Page - Macronix International MX29LV640D Datasheet HTML 5Page - Macronix International MX29LV640D Datasheet HTML 6Page - Macronix International MX29LV640D Datasheet HTML 7Page - Macronix International MX29LV640D Datasheet HTML 8Page - Macronix International MX29LV640D Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
3
P/N:PM1208
REV. 1.6, AUG. 16, 2008
MX29LV640D T/B
LOGIC SYMBOL
16 or 8
Q0-Q15
(A-1)
RY/BY#
A0-A21
CE#
OE#
WE#
RESET#
WP#/ACC
BYTE#
22
SYMBOL
PIN NAME
A0~A21
Address Input
Q0~Q14
Data Inputs/Outputs
Q15/A-1
Q15(Word Mode)/LSB addr(Byte Mode)
CE#
Chip Enable Input
WE#
Write Enable Input
OE#
Output Enable Input
RESET#
Hardware Reset Pin, Active Low
BYTE#
Word/Byte Selection Input
WP#/ACC
Hardware Write Protect/Programming
Acceleration Input
RY/BY#
Read/Busy Output
VCC
+3.0V single power supply
GND
Device Ground
PIN DESCRIPTION


Similar Part No. - MX29LV640D

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV640BB MCNIX-MX29LV640BB Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BBTC-12 MCNIX-MX29LV640BBTC-12 Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BBTC-12G MCNIX-MX29LV640BBTC-12G Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BBTC-90 MCNIX-MX29LV640BBTC-90 Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BBTC-90G MCNIX-MX29LV640BBTC-90G Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV640D

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV640E MCNIX-MX29LV640E Datasheet
728Kb / 61P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V
MX29LV640BT MCNIX-MX29LV640BT Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640MT MCNIX-MX29LV640MT Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E_14 Datasheet
1Mb / 65P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640T MCNIX-MX29LV640T Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
MX29LAA641D MCNIX-MX29LAA641D Datasheet
638Kb / 63P
   64M-BIT [4M x 16/8M x 8] CMOS EQUAL SECTOR
MX23L6411 MCNIX-MX23L6411 Datasheet
487Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM with Page Mode
logo
Fujitsu Component Limit...
MBM29LV652UE FUJITSU-MBM29LV652UE Datasheet
571Kb / 58P
   64M (4M X 16) BIT
MBM29LV650UE FUJITSU-MBM29LV650UE Datasheet
625Kb / 57P
   64M (4M x 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com