Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV640DBXEI-90G Datasheet(PDF) 10 Page - Macronix International

Part # MX29LV640DBXEI-90G
Description  64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV640DBXEI-90G Datasheet(HTML) 10 Page - Macronix International

Back Button MX29LV640DBXEI-90G Datasheet HTML 6Page - Macronix International MX29LV640DBXEI-90G Datasheet HTML 7Page - Macronix International MX29LV640DBXEI-90G Datasheet HTML 8Page - Macronix International MX29LV640DBXEI-90G Datasheet HTML 9Page - Macronix International MX29LV640DBXEI-90G Datasheet HTML 10Page - Macronix International MX29LV640DBXEI-90G Datasheet HTML 11Page - Macronix International MX29LV640DBXEI-90G Datasheet HTML 12Page - Macronix International MX29LV640DBXEI-90G Datasheet HTML 13Page - Macronix International MX29LV640DBXEI-90G Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
10
P/N:PM1208
REV. 1.6, AUG. 16, 2008
MX29LV640D T/B
Sector
Sector Size
Sector
Sector Address
Address Range
Group
Byte Mode
Word Mode
A21-A12
Byte Mode (x8)
Word Mode (x16)
(Kbytes)
(Kwords)
17
64
32
SA39
0100000xxx
200000h-20FFFFh
100000h-107FFFh
17
64
32
SA40
0100001xxx
210000h-21FFFFh
108000h-10FFFFh
17
64
32
SA41
0100010xxx
220000h-22FFFFh
110000h-117FFFh
17
64
32
SA42
0100011xxx
230000h-23FFFFh
118000h-11FFFFh
18
64
32
SA43
0100100xxx
240000h-24FFFFh
120000h-127FFFh
18
64
32
SA44
0100101xxx
250000h-25FFFFh
128000h-12FFFFh
18
64
32
SA45
0100110xxx
260000h-26FFFFh
130000h-137FFFh
18
64
32
SA46
0100111xxx
270000h-27FFFFh
138000h-13FFFFh
19
64
32
SA47
0101000xxx
280000h-28FFFFh
140000h-147FFFh
19
64
32
SA48
0101001xxx
290000h-29FFFFh
148000h-14FFFFh
19
64
32
SA49
0101010xxx
2A0000h-2AFFFFh
150000h-157FFFh
19
64
32
SA50
0101011xxx
2B0000h-2BFFFFh
158000h-15FFFFh
20
64
32
SA51
0101100xxx
2C0000h-2CFFFFh
160000h-167FFFh
20
64
32
SA52
0101101xxx
2D0000h-2DFFFFh
168000h-16FFFFh
20
64
32
SA53
0101110xxx
2E0000h-2EFFFFh
170000h-177FFFh
20
64
32
SA54
0101111xxx
2F0000h-2FFFFFh
178000h-17FFFFh
21
64
32
SA55
0110000xxx
300000h-30FFFFh
180000h-187FFFh
21
64
32
SA56
0110001xxx
310000h-31FFFFh
188000h-18FFFFh
21
64
32
SA57
0110010xxx
320000h-32FFFFh
190000h-197FFFh
21
64
32
SA58
0110011xxx
330000h-33FFFFh
198000h-19FFFFh
22
64
32
SA59
0110100xxx
340000h-34FFFFh
1A0000h-1A7FFFh
22
64
32
SA60
0110101xxx
350000h-35FFFFh
1A8000h-1AFFFFh
22
64
32
SA61
0110110xxx
360000h-36FFFFh
1B0000h-1B7FFFh
22
64
32
SA62
0110111xxx
370000h-37FFFFh
1B8000h-1BFFFFh
23
64
32
SA63
0111000xxx
380000h-38FFFFh
1C0000h-1C7FFFh
23
64
32
SA64
0111001xxx
390000h-39FFFFh
1C8000h-1CFFFFh
23
64
32
SA65
0111010xxx
3A0000h-3AFFFFh
1D0000h-1D7FFFh
23
64
32
SA66
0111011xxx
3B0000h-3BFFFFh
1D8000h-1DFFFFh
24
64
32
SA67
0111100xxx
3C0000h-3CFFFFh
1E0000h-1E7FFFh
24
64
32
SA68
0111101xxx
3D0000h-3DFFFFh
1E8000h-1EFFFFh
24
64
32
SA69
0111110xxx
3E0000h-3EFFFFh
1F0000h-1F7FFFh
24
64
32
SA70
0111111xxx
3F0000h-3FFFFFh
1F8000h-1FFFFFh
25
64
32
SA71
1000000xxx
400000h-40FFFFh
200000h-207FFFh
25
64
32
SA72
1000001xxx
410000h-41FFFFh
208000h-20FFFFh
25
64
32
SA73
1000010xxx
420000h-42FFFFh
210000h-217FFFh
25
64
32
SA74
1000011xxx
430000h-43FFFFh
218000h-21FFFFh
26
64
32
SA75
1000100xxx
440000h-44FFFFh
220000h-227FFFh
26
64
32
SA76
1000101xxx
450000h-45FFFFh
228000h-22FFFFh
26
64
32
SA77
1000110xxx
460000h-46FFFFh
230000h-237FFFh
26
64
32
SA78
1000111xxx
470000h-47FFFFh
238000h-23FFFFh


Similar Part No. - MX29LV640DBXEI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV640BB MCNIX-MX29LV640BB Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BBTC-12 MCNIX-MX29LV640BBTC-12 Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BBTC-12G MCNIX-MX29LV640BBTC-12G Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BBTC-90 MCNIX-MX29LV640BBTC-90 Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BBTC-90G MCNIX-MX29LV640BBTC-90G Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV640DBXEI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV640E MCNIX-MX29LV640E Datasheet
728Kb / 61P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V
MX29LV640BT MCNIX-MX29LV640BT Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640MT MCNIX-MX29LV640MT Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E_14 Datasheet
1Mb / 65P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640T MCNIX-MX29LV640T Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
MX29LAA641D MCNIX-MX29LAA641D Datasheet
638Kb / 63P
   64M-BIT [4M x 16/8M x 8] CMOS EQUAL SECTOR
MX23L6411 MCNIX-MX23L6411 Datasheet
487Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM with Page Mode
logo
Fujitsu Component Limit...
MBM29LV652UE FUJITSU-MBM29LV652UE Datasheet
571Kb / 58P
   64M (4M X 16) BIT
MBM29LV650UE FUJITSU-MBM29LV650UE Datasheet
625Kb / 57P
   64M (4M x 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com