Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-61302 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # L-61302
Description  Radial Lead Mini Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-61302 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  L-61302 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transformers & Magnetic Products
Industries Inc.
Rhombus
Specifications are subject to change without notice
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone: (714) 898-0960 z FAX: (714) 896-0971
RADLVRT - 5/97
Height dimensionsare without
solder joint or coatings
LEADS ARE # 22 AWG
1. Tested at 1 kHz & 100 mV
2. DC Current which produces a 10% drop in Inductance.
L (1)
DCR
I (2)
Part
+ 10%
Nom.
Max.
Size
Number
( µH )
( m
Ω )
( A )
Code
L-61100
10
60
1.80
A
L-61101
15
70
1.50
A
L-61102
22
90
1.20
A
L-61103
33
100
1.00
A
L-61104
47
170
0.90
A
L-61105
68
250
0.85
A
L-61106
100
300
0.75
A
L-61107
150
400
0.60
A
L-61108
220
600
0.50
A
L-61109
330
1200
0.40
A
L-61110
470
1100
0.35
A
L-61111
680
1900
0.30
A
L-61112
1000
2900
0.20
A
L-61113
3.3
40
2.0
A
L-61200
22
40
1.80
B
L-61201
33
60
1.50
B
L-61202
47
100
1.20
B
L-61203
68
110
1.00
B
L-61204
100
150
0.80
B
L-61205
150
240
0.65
B
L-61206
220
390
0.55
B
L-61207
330
600
0.45
B
L-61208
470
700
0.38
B
L-61209
680
1000
0.31
B
L-61210
1000
1600
0.25
B
L-61211
1500
2600
0.20
B
L-61212
2200
3600
0.17
B
L-61300
47
50
1.90
C
L-61301
68
70
1.60
C
L-61302
100
100
1.30
C
L-61303
150
150
1.00
C
L-61304
220
200
0.88
C
L-61305
330
300
0.70
C
L-61306
470
400
0.60
C
L-61307
680
700
0.50
C
L-61308
1000
1000
0.40
C
L-61309
1500
1600
0.33
C
L-61310
2200
2600
0.27
C
L-61311
3300
4100
0.22
C
L-61312
4700
5800
0.19
C
Electrical Specifications at 25OC
Size
Reference Dimensions in Inches (mm)
Code
H
DIA.
P
L
A
.29
.23
.13
.79
(7.5)
(6.0)
(3.5)
(20.0)
B
.39
.31
.19
.79
(10.0)
(8.0)
(5.0)
(20.0)
C
.43
.39
.27
.79
(11.0)
(10.0)
(7.0)
(20.0)
HIGH INDUCTANCE - LOW CURRENT
Designed for Noise, Spike & Filtering applications.
Coils finished with UL rated varnish.
Variations on electrical parameters of parts
listed are available - Please contact factory.
Radial Lead Mini Inductors
31
L
H
DIA.
P


Similar Part No. - L-61302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L-613ED ETC1-L-613ED Datasheet
108Kb / 1P
   2.37 x 4.88 x 8.6mm TOMBSTONE TYPE LED LAMP
L-613GD ETC1-L-613GD Datasheet
108Kb / 1P
   2.37 x 4.88 x 8.6mm TOMBSTONE TYPE LED LAMP
L-613HD ETC1-L-613HD Datasheet
108Kb / 1P
   2.37 x 4.88 x 8.6mm TOMBSTONE TYPE LED LAMP
L-613SRD ETC1-L-613SRD Datasheet
108Kb / 1P
   2.37 x 4.88 x 8.6mm TOMBSTONE TYPE LED LAMP
L-613XX ETC1-L-613XX Datasheet
108Kb / 1P
   2.37 x 4.88 x 8.6mm TOMBSTONE TYPE LED LAMP
More results

Similar Description - L-61302

ManufacturerPart #DatasheetDescription
logo
API Delevan
4554R API-4554R Datasheet
1Mb / 1P
   Radial Lead Inductors
logo
Datatronic Distribution...
PT21701 DATATRONICS-PT21701 Datasheet
57Kb / 2P
   RADIAL LEAD INDUCTORS
logo
Murata Manufacturing Co...
KMP_2200R MURATA-KMP_2200R Datasheet
92Kb / 2P
   Radial Lead Inductors
KMP_1100R MURATA-KMP_1100R Datasheet
101Kb / 3P
   Radial Lead Inductors
KMP_1300R MURATA-KMP_1300R Datasheet
116Kb / 4P
   Radial Lead Inductors
logo
Murata Power Solutions ...
1900R MURATA-PS-1900R Datasheet
114Kb / 3P
   Radial Lead Inductors
logo
TT Electronics.
HM17 TTELEC-HM17 Datasheet
457Kb / 3P
   Radial Lead Inductors
logo
Murata Manufacturing Co...
KMP_1700 MURATA-KMP_1700 Datasheet
90Kb / 2P
   Radial Lead Inductors
KMP_1800R MURATA-KMP_1800R Datasheet
112Kb / 2P
   Radial Lead Inductors
logo
RCD COMPONENTS INC.
R0908-100-MBW RCD-R0908-100-MBW Datasheet
58Kb / 1P
   RADIAL LEAD INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com