Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2158MODULE Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ2158MODULE
Description  Three or Four Series Cell Li-Ion Pack Supervisor Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2158MODULE Datasheet(HTML) 7 Page - Texas Instruments

  BQ2158MODULE Datasheet HTML 1Page - Texas Instruments BQ2158MODULE Datasheet HTML 2Page - Texas Instruments BQ2158MODULE Datasheet HTML 3Page - Texas Instruments BQ2158MODULE Datasheet HTML 4Page - Texas Instruments BQ2158MODULE Datasheet HTML 5Page - Texas Instruments BQ2158MODULE Datasheet HTML 6Page - Texas Instruments BQ2158MODULE Datasheet HTML 7Page - Texas Instruments BQ2158MODULE Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
DC Thresholds (TA =TOPR)
Symbol
Parameter
Value
Tolerance
Unit
Notes
VOV
Overvoltage threshold
4.25
± 50mV
V
VCE
Charge enable voltage
VOV - 100mV
± 50mV
V
VUV
Undervoltage limit
2.25
± 100mV
V
IOC
Overcurrent limit
3.4
A
TA = 25
°C
3.8
A
TA = 60
°C
tUVD
Undervoltage delay
950
±50%
ms
TA = 30°C
VCD
Charge detect threshold
70
-60, +80
mV
tOVD
Overvoltage delay
950
±50%
ms
TA = 30°C
tOCD
Overcurrent delay
12
±60%
ms
TA = 30°C
Note:
The thresholds above reflect the operation of a bq2158 using the standard bq2058 IC (VOV = 4.25V).
Specify other versions of the bq2058 by indicating the appropriate VOV threshold in Table 1.
bq2158
Ordering Information
Notes:
1.
Requires configuration sheet (Table 1)
2.
Example production part number: bq2158B-001
bq2158
B —
Customer Code:
Blank = Sample or Pre-production1
XXX = Customer-specific; assigned by Unitrode2
Package Option:
B = Board-level product
Device:
Three- or Four-Series Cell Li-Ion Supervisor Module
Change No.
Page No.
Description
Nature of Change
1
3
Table 2 pin connections
Clarified onboard bq2058 connection.
Note:
Change 1 = May 1999 B changes from July 1996.
Data Sheet Revision History


Similar Part No. - BQ2158MODULE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2158T TI-BQ2158T Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ2158TB- TI-BQ2158TB- Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ2158TB-XXX TI-BQ2158TB-XXX Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ2158TMODULE TI-BQ2158TMODULE Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
More results

Similar Description - BQ2158MODULE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2158T TI-BQ2158T Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ2168 TI-BQ2168 Datasheet
847Kb / 9P
[Old version datasheet]   Li-Ion Power Gauge??Module with Pack Supervisor
BQ2167 TI-BQ2167 Datasheet
899Kb / 9P
[Old version datasheet]   Li-Ion Power Gauge??Module with Pack Supervisor
logo
Silan Microelectronics ...
SA45141 SILAN-SA45141 Datasheet
502Kb / 9P
   THREE OR FOUR-CELL LI BATTERY PROTECTION CIRCUIT
logo
Texas Instruments
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
logo
List of Unclassifed Man...
BK-18650-PC6 ETC2-BK-18650-PC6 Datasheet
105Kb / 1P
   THREE 18650 LI-ION CELL HOLDER
logo
Texas Instruments
BQ2058T TI-BQ2058T Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com