Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2158MODULE Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ2158MODULE
Description  Three or Four Series Cell Li-Ion Pack Supervisor Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2158MODULE Datasheet(HTML) 2 Page - Texas Instruments

  BQ2158MODULE Datasheet HTML 1Page - Texas Instruments BQ2158MODULE Datasheet HTML 2Page - Texas Instruments BQ2158MODULE Datasheet HTML 3Page - Texas Instruments BQ2158MODULE Datasheet HTML 4Page - Texas Instruments BQ2158MODULE Datasheet HTML 5Page - Texas Instruments BQ2158MODULE Datasheet HTML 6Page - Texas Instruments BQ2158MODULE Datasheet HTML 7Page - Texas Instruments BQ2158MODULE Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Customer Name: ___________________________________________________________________________
Contact: _________________________________________
Phone: ______________________________
Address: _________________________________________________________________________________
_________________________________________________________________________________
Sales Contact: ____________________________________
Phone: ______________________________
Number of series cells (3 or 4)
________________________________________
Overvoltage threshold (4.25, 4.30 or 4.35V)
________________________________________
Charge current (3.9A max.)
________________________________________
Discharge current (3.9A max.)
________________________________________
FAE approval: _____________________________________
Date: _______________________________
Table 1. bq2158 Module Configuration
bq2158


Similar Part No. - BQ2158MODULE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2158T TI-BQ2158T Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ2158TB- TI-BQ2158TB- Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ2158TB-XXX TI-BQ2158TB-XXX Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ2158TMODULE TI-BQ2158TMODULE Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
More results

Similar Description - BQ2158MODULE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2158T TI-BQ2158T Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ2168 TI-BQ2168 Datasheet
847Kb / 9P
[Old version datasheet]   Li-Ion Power Gauge??Module with Pack Supervisor
BQ2167 TI-BQ2167 Datasheet
899Kb / 9P
[Old version datasheet]   Li-Ion Power Gauge??Module with Pack Supervisor
logo
Silan Microelectronics ...
SA45141 SILAN-SA45141 Datasheet
502Kb / 9P
   THREE OR FOUR-CELL LI BATTERY PROTECTION CIRCUIT
logo
Texas Instruments
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
logo
List of Unclassifed Man...
BK-18650-PC6 ETC2-BK-18650-PC6 Datasheet
105Kb / 1P
   THREE 18650 LI-ION CELL HOLDER
logo
Texas Instruments
BQ2058T TI-BQ2058T Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com