Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVMDL-50 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # LVMDL-50
Description  Logic Buffered Single - Dual - Triple Independent Delay Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

LVMDL-50 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  LVMDL-50 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.rhombus-ind.com
TEL: (714) 898-0960
sales@rhombus-ind.com
FAX: (714) 896-0971
6SHFLILFDWLRQV VXEMHFW WR FKDQJH ZLWKRXW QRWLFH
)RU RWKHU YDOXHV&XVWRP 'HVLJQV FRQWDFW IDFWRU\
UKRPEXV LQGXVWULHV LQF
LOGBUF3D 2001-01
20
Logic Buffered Single - Dual - Triple
Independent Delay Modules
Vcc
OUT
8
1
IN
3
5
6
7
GND
4
2
Single 8-Pin "DL"
Schematic
Vcc
OUT1
OUT3
8
1
3
5
6
7
4
2
GND
IN 1
IN 3
OUT2
IN 2
Triple 8-Pin "3D"
Schematic
Vcc
OUT1
OUT2
8
1
3
5
6
7
4
2
GND
IN 1
IN 2
Dual 8-Pin "2D"
Schematic
.505
(12.83)
MAX.
.120
MIN.
(3.05)
MAX.
.250
(6.35)
.100
(2.54)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.020
(0.51)
TYP.
.300
(7.62)
.285
(7.24)
MAX.
.010
(0.25)
TYP.
.365
(9.27)
MAX.
Dimensions in Inches (mm)
.250
(6.35)
MAX.
.015
(0.38)
TYP.
.400 (10.16)
.430 (10.92)
.030
(0.76)
TYP.
.008 R
(0.20)
.100
(2.54)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.010
(0.25)
TYP.
.505
(12.83)
MAX.
.285
(7.24)
MAX.
MAX.
.265
(6.73)
.030
(0.76)
TYP.
.330 (8.38)
MAX.
.020 R
(0.51)
.285 (7.24)
.260 (6.60)
.100
(2.54)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.505
(12.83)
MAX.
.285
(7.24)
MAX.
G-SMD
G-SMD
J-SMD
J-SMD
Part Number
Description
XXXXX - XXX X
74ACT --
ACMDL
ACM2D & ACM3D
74F --
FAMDL
FAM2D & FAM3D
74LVC --
LVMDL
LVM2D & LVM3D
Delay Per Line (ns)
Lead Style:
Blank = Auto-Insertable DIP
G = “Gull Wing” Surface Mount
J = “J” Bend Surface Mount
Examples:
FAMDL-4 = 4ns Single 74F, DIP
ACM2D-25G = 25ns Dual ACT, G-SMD
LVM3D-30G = 30ns Triple LVC, G-SMD
Delay
(ns)
Low Voltage CMOS Buffered
Single
8-Pin P/N
Dual
8-Pin P/N
Triple
8-Pin P/N
4 ± 1.00 LVMDL-4
LVM2D-4
LVM3D-4
5 ± 1.00 LVMDL-5
LVM2D-5
LVM3D-5
6 ± 1.00 LVMDL-6
LVM2D-6
LVM3D-6
7 ± 1.00 LVMDL-7
LVM2D-7
LVM3D-7
8 ± 1.00 LVMDL-8
LVM2D-8
LVM3D-8
9 ± 1.00 LVMDL-9
LVM2D-9
LVM3D-9
10 ± 1.50 LVMDL-10 LVM2D-10 LVM3D-10
12 ± 1.50 LVMDL-12 LVM2D-12 LVM3D-12
15 ± 1.50 LVMDL-15 LVM2D-15 LVM3D-15
16 ± 1.50 LVMDL-16 LVM2D-16 LVM3D-16
20 ± 2.00 LVMDL-20 LVM2D-20 LVM3D-20
25 ± 2.00 LVMDL-25 LVM2D-25 LVM3D-25
30 ± 2.00 LVMDL-30 LVM2D-30 LVM3D-30
50 ± 2.50 LVMDL-50
---
---
75 ± 3.75 LVMDL-75
---
---
100 ± 5.0 LVMDL-100
---
---
Delay
(ns)
FAST Buffered
Single
8-Pin P/N
Dual
8-Pin P/N
Triple
8-Pin P/N
4 ± 1.00 FAMDL-4
FAM2D-4
FAM3D-4
5 ± 1.00 FAMDL-5
FAM2D-5
FAM3D-5
6 ± 1.00 FAMDL-6
FAM2D-6
FAM3D-6
7 ± 1.00 FAMDL-7
FAM2D-7
FAM3D-7
8 ± 1.00 FAMDL-8
FAM2D-8
FAM3D-8
9 ± 1.00 FAMDL-9
FAM2D-9
FAM3D-9
10 ± 1.50 FAMDL-10 FAM2D-10 FAM3D-10
12 ± 1.50 FAMDL-12 FAM2D-12 FAM3D-12
15 ± 1.50 FAMDL-15 FAM2D-15 FAM3D-15
16 ± 1.50 FAMDL-16 FAM2D-16 FAM3D-16
20 ± 2.00 FAMDL-20 FAM2D-20 FAM3D-20
25 ± 2.00 FAMDL-25 FAM2D-25 FAM3D-25
30 ± 2.00 FAMDL-30 FAM2D-30 FAM3D-30
50 ± 2.50 FAMDL-50
---
---
75 ± 3.75 FAMDL-75
---
---
100 ± 5.0 FAMDL-100
---
---
Electrical Specifications at 25OC
• FAST / TTL •
Electrical Specifications at 25OC
• Low Voltage CMOS •
Delay
(ns)
74ACT Adv. CMOS
Single
8-Pin P/N
Dual
8-Pin P/N
Triple
8-Pin P/N
6 ± 1.00 ACMDL-6
ACM2D-6
ACM3D-6
7 ± 1.00 ACMDL-7
ACM2D-7
ACM3D-7
8 ± 1.00 ACMDL-8
ACM2D-8
ACM3D-8
9 ± 1.00 ACMDL-9
ACM2D-9
ACM3D-9
10 ± 1.50 ACMDL-10 ACM2D-10 ACM3D-10
12 ± 1.50 ACMDL-12 ACM2D-12 ACM3D-12
15 ± 1.50 ACMDL-15 ACM2D-15 ACM3D-15
16 ± 1.50 ACMDL-16 ACM2D-16 ACM3D-16
20 ± 2.00 ACMDL-20 ACM2D-20 ACM3D-20
25 ± 2.00 ACMDL-25 ACM2D-25 ACM3D-25
30 ± 2.00 ACMDL-30 ACM2D-30 ACM3D-30
50 ± 2.50 ACMDL-50
---
---
75 ± 3.75 ACMDL-75
---
---
100 ± 5.0 ACMDL-100
---
---
Electrical Specifications at 25OC
• Advanced CMOS •
GENERAL: For Operating Specifications and Test
Conditions refer to corresponding 5-Tap Series
FAMDM, ACMDM and LVMDM except Minimum
Pulse width and Supply current ratings as below.
Delays specified for the Leading Edge.
Operating Temperature Range
FAST/TTL
..................................... 0OC to +70OC
74ACT
.................................. -40OC to +85OC
74LVC
.................................. -40OC to +85OC
Temp. Coefficient of Delay:
Single .................... 500ppm/OC typical
Dual/Triple ............ 800ppm/OC typical
Minimum Input Pulse Width:
Single ..................... 40% of total delay
Dual/Triple ........... 100% of total delay
Supply Current, I
CC :
FAST/TTL
FAMDL ........ 25 mA typ., 48 mA max.
FAM2D ........ 32 mA typ., 65 mA max.
FAM3D ........ 45 mA typ., 95 mA max.
74ACT
ACMDL ........ 14 mA typ., 28 mA max.
ACM2D ......... 23 mA typ., 52 mA max.
ACM3D ........ 34 mA typ., 75 mA max.
74LVC
LVMDL ......... 10 mA typ., 30 mA max.
LVM2D ......... 15 mA typ., 44 mA max.
LVM3D ......... 21 mA typ., 64 mA max.


Similar Part No. - LVMDL-50

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
LVMDM-100 RHOMBUS-IND-LVMDM-100 Datasheet
35Kb / 1P
   LVMDM Series LVC Low Voltage Logic Buffered 5-Tap Delay SMD Modules
LVMDM-100G RHOMBUS-IND-LVMDM-100G Datasheet
35Kb / 1P
   LVMDM Series LVC Low Voltage Logic Buffered 5-Tap Delay SMD Modules
LVMDM-100J RHOMBUS-IND-LVMDM-100J Datasheet
35Kb / 1P
   LVMDM Series LVC Low Voltage Logic Buffered 5-Tap Delay SMD Modules
LVMDM-11 RHOMBUS-IND-LVMDM-11 Datasheet
35Kb / 1P
   LVMDM Series LVC Low Voltage Logic Buffered 5-Tap Delay SMD Modules
LVMDM-11G RHOMBUS-IND-LVMDM-11G Datasheet
35Kb / 1P
   LVMDM Series LVC Low Voltage Logic Buffered 5-Tap Delay SMD Modules
More results

Similar Description - LVMDL-50

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
FECL-3 RHOMBUS-IND-FECL-3 Datasheet
33Kb / 1P
   10K ECL Logic Buffered Delay 16-Pin Modules
FAI4D-M01 RHOMBUS-IND-FAI4D-M01 Datasheet
34Kb / 1P
   FAST / TTL Logic Buffered Triple & Quad Delays Modules
MECH2B-3 RHOMBUS-IND-MECH2B-3 Datasheet
22Kb / 1P
   MECH2B Series 10KH ECL Logic Buffered Dual Independent Delays
ACDM-30 RHOMBUS-IND-ACDM-30 Datasheet
36Kb / 1P
   ACDM Series Advanced CMOS Logic Buffered 5-Tap Delay Modules
ACMDM-30 RHOMBUS-IND-ACMDM-30 Datasheet
36Kb / 1P
   ACMDM Series Advanced CMOS Logic Buffered 5-Tap Delay Modules
logo
List of Unclassifed Man...
EB01 ETC-EB01 Datasheet
100Kb / 4P
   TRIPLE INDEPENDENT LOGIC INTERFACED HALF BRIDGES
EB03 ETC-EB03 Datasheet
101Kb / 4P
   TRIPLE INDEPENDENT LOGIC INTERFACED HALF BRIDGES
EBO2 ETC1-EBO2 Datasheet
101Kb / 4P
   TRIPLE INDEPENDENT LOGIC INTERFACED HALF BRIDGES
logo
Rhombus Industries Inc.
AI3D-5 RHOMBUS-IND-AI3D-5 Datasheet
32Kb / 1P
   AI3D Series FAST / TTL Buffered Triple Independent Delays
MSDM-5 RHOMBUS-IND-MSDM-5 Datasheet
31Kb / 1P
   MSDM Series FAST / TTL Buffered Triple Independent Delays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com