Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2168B-KT Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ2168B-KT
Description  Li-Ion Power Gauge??Module with Pack Supervisor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2168B-KT Datasheet(HTML) 8 Page - Texas Instruments

  BQ2168B-KT Datasheet HTML 1Page - Texas Instruments BQ2168B-KT Datasheet HTML 2Page - Texas Instruments BQ2168B-KT Datasheet HTML 3Page - Texas Instruments BQ2168B-KT Datasheet HTML 4Page - Texas Instruments BQ2168B-KT Datasheet HTML 5Page - Texas Instruments BQ2168B-KT Datasheet HTML 6Page - Texas Instruments BQ2168B-KT Datasheet HTML 7Page - Texas Instruments BQ2168B-KT Datasheet HTML 8Page - Texas Instruments BQ2168B-KT Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
DC Thresholds (TA =TOPR)
Symbol
Parameter
Value
Tolerance
Unit
Notes
VOV
Overvoltage threshold
4.25
± 50mV
V
VCE
Charge enable voltage
VOV - 100mV
± 50mV
V
VUV
Undervoltage limit
2.25
± 100mV
V
IOC
Overcurrent limit
3.4
A
TA = 25
°C
3.8
A
TA = 60
°C
tUVD
Undervoltage delay
950
±50%
ms
TA = 30°C
VCD
Charge detect threshold
70
-60, +80
mV
tOVD
Overvoltage delay
950
±50%
ms
TA = 30°C
tOCD
Overcurrent delay
12
±60%
ms
TA = 30°C
Note:
The thresholds above reflect the operation of a bq2158 using the standard bq2058 IC (VOV = 4.25V).
Specify other versions of the bq2058 by indicating the appropriate VOV threshold in Table 1.
bq2168
LED Option:
L = LEDs plus switch
Blank = No LEDs or switch
Notes:
1.
Requires configuration sheet (Table 1)
2.
Example production part number: bq2168LB-001
Ordering Information
bq2168
B —
Customer Code:
Blank = Sample or Pre-production1
KT = Evaluation system
XXX = Customer-specific; assigned by Unitrode2
Package Option:
B = Board-level product
Device:
Li-Ion Power Gauge Module with Pack Supervisor
Change No.
Page No.
Description
Nature of Change
1
All
From Preliminary to Final
Note:
Change 1 = May 1999 B changes from Apr. 1999.
Data Sheet Revision History


Similar Part No. - BQ2168B-KT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2164 TI-BQ2164 Datasheet
143Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Fast-Charge Control
BQ2164B- TI-BQ2164B- Datasheet
143Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Fast-Charge Control
BQ2164B-KT TI-BQ2164B-KT Datasheet
143Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Fast-Charge Control
BQ2164B-XXX TI-BQ2164B-XXX Datasheet
143Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Fast-Charge Control
BQ2164MODULE TI-BQ2164MODULE Datasheet
143Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Fast-Charge Control
More results

Similar Description - BQ2168B-KT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2167 TI-BQ2167 Datasheet
899Kb / 9P
[Old version datasheet]   Li-Ion Power Gauge??Module with Pack Supervisor
BQ2158T TI-BQ2158T Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ2150H TI-BQ2150H Datasheet
448Kb / 5P
[Old version datasheet]   Li-Ion Power Gauge Module
BQ2150 TI-BQ2150 Datasheet
559Kb / 7P
[Old version datasheet]   Li-Ion Power Gauge??Module
BQ2158 TI-BQ2158 Datasheet
571Kb / 8P
[Old version datasheet]   Three or Four Series Cell Li-Ion Pack Supervisor Module
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com