Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2202PN Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ2202PN
Description  SRAM NV Controller With Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2202PN Datasheet(HTML) 5 Page - Texas Instruments

  BQ2202PN Datasheet HTML 1Page - Texas Instruments BQ2202PN Datasheet HTML 2Page - Texas Instruments BQ2202PN Datasheet HTML 3Page - Texas Instruments BQ2202PN Datasheet HTML 4Page - Texas Instruments BQ2202PN Datasheet HTML 5Page - Texas Instruments BQ2202PN Datasheet HTML 6Page - Texas Instruments BQ2202PN Datasheet HTML 7Page - Texas Instruments BQ2202PN Datasheet HTML 8Page - Texas Instruments BQ2202PN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
DC Electrical Characteristics (TA =TOPR,VCC =5V ± 10%)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions/Notes
ILI
Input leakage current
-
-
± 1
µAVIN =VSS to VCC
VOH
Output high voltage
2.4
-
-
V
IOH = -2.0mA
VOHB
VOH, backup supply
VBC - 0.3
-
-
V
VBC >VCC,IOH = -10µA
VOL
Output low voltage
-
-
0.4
V
IOL = 4.0mA
ICC
Operating supply current
-
3
6
mA
No load on VOUT,CECON1,
and CECON2
VPFD
Power-fail detect voltage
4.55
4.62
4.75
V
THS = VSS
4.30
4.37
4.50
V
THS = VCC
VSO
Supply switch-over voltage
-
VBC
-V
ICCDR
Data-retention mode
current
-
-
100
nA
No load on VOUT,CECON1,
and CECON2
VOUT1
VOUT voltage
VCC - 0.2
-
-
V
VCC >VBC,IOUT = 100mA
VCC - 0.3
-
-
V
VCC >VBC,IOUT = 160mA
VOUT2
VOUT voltage
VBC - 0.2
-
-
V
VCC <VBC,IOUT = 100µA
VBC
Active backup cell voltage
-VBCS
-V
VBCS > 2.5V
-VBCP
-V
VBCS < 2.5V
RBCS
BCS charge output internal
resistance
500
1000
1750
VBCSO ≥ 3.0V
VBCSO
BCS charge output voltage
3.0
3.3
3.6
V
VCC >VPFD, RST inactive,
full charge or no load
IOUT1
VOUT current
-
-
160
mA
VOUT ≥ VCC - 0.3V
IOUT2
VOUT current
-
100
-
µAVOUT ≥ VBC - 0.2V
Note:
Typical values indicate operation at TA = 25°C, VCC =5VorVBC.
Capacitance (TA = 25°C, F = 1MHz, VCC = 5.0V)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions
CIN
Input capacitance
-
-
8
pF
Input voltage = 0V
COUT
Output capacitance
-
-
10
pF
Output voltage = 0V
Note:
This parameter is sampled and not 100% tested.
Sept. 1997 D
bq2202


Similar Part No. - BQ2202PN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2201 TI-BQ2201 Datasheet
107Kb / 12P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
BQ2201 TI1-BQ2201 Datasheet
303Kb / 15P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
BQ2201PN TI-BQ2201PN Datasheet
107Kb / 12P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
BQ2201PN TI1-BQ2201PN Datasheet
303Kb / 15P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
BQ2201PNE4 TI1-BQ2201PNE4 Datasheet
303Kb / 15P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
More results

Similar Description - BQ2202PN

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
   NV SRAM with Phantom Clock
DS1251 ARTSCHIP-DS1251 Datasheet
586Kb / 18P
   NV SRAM with Phantom Clock
DS1244 ARTSCHIP-DS1244 Datasheet
446Kb / 16P
   NV SRAM with Phantom Clock
logo
List of Unclassifed Man...
STK11C68-M ETC-STK11C68-M Datasheet
59Kb / 10P
   CMOS NV SRAM
logo
Maxim Integrated Produc...
DS1243Y MAXIM-DS1243Y Datasheet
521Kb / 14P
   64K NV SRAM with Phantom Clock
Rev 11/11
logo
Dallas Semiconductor
DS1251 DALLAS-DS1251 Datasheet
291Kb / 22P
   4096k NV SRAM with Phantom Clock
DS1248 DALLAS-DS1248 Datasheet
285Kb / 21P
   1024k NV SRAM with Phantom Clock
DS1244Y DALLAS-DS1244Y Datasheet
94Kb / 12P
   256K NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1251 MAXIM-DS1251 Datasheet
639Kb / 20P
   4096K NV SRAM with Phantom Clock
Rev 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com