Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-16719 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-16719
Description  T1/CEPT Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-16719 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-16719 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
T63K
Electrical Specifications 1,2 at 25OC
Primary
Pins
T-16700
T-16600
1:1:1
1.2
25
0.5
0.7
0.7
A
T-16701
T-16601
1:1:1
2.0
40
0.5
0.7
0.7
A
T-16702
T-16602
1CT:3CT
1.2
30
0.5
0.7
1.6
C
1-5
T-16703
T-16603
1:1
1.2
25
0.5
0.7
0.7
B
T-16704
T-16604
1:1CT
0.06
23
.75
0.6
0.6
E
2-6
T-16705
T-16605
1CT:1
1.2
25
0.8
0.7
0.7
E
1-5
T-16706
T-16606
1:1.26CT
0.06
23
0.75
0.6
0.6
E
2-6
T-16710
T-16610
1CT:2CT
1.2
30
0.55
0.7
1.1
C
1-5
T-16711
T-16611
2CT:1CT
2.0
30
1.5
0.7
0.4
C
1-5
T-16712
T-16612
2.53CT:1
2.0
20
1.5
1.0
0.5
E
1-5
T-16713
T-16613
1:1.36
1.2
35
0.8
0.7
0.7
B
5-6
T-16714
T-16614
1:1:1
1.2
40
0.7
0.9
0.9
A
T-16715
T-16615
1:2CT
1.2
40
0.5
0.7
1.1
E
2-6
T-16716
T-16616
1:2CT
2.0
40
0.5
0.7
1.4
E
2-6
T-16717
T-16617
1:4CT
0.5
40
1.0
0.5
1.5
D
1-5
T-16718
T-16618
1:1.14CT
1.2
35
0.8
0.7
0.8
D
1-5
T-16719
T-16619
1:0.575:0.575
1.5
25
0.8
0.7
0.5
A
5-6
T-16720
T-16620
1:1 / 1.26 (3)
1.5
35
0.4
0.7
0.9
E
2-6 (3)
T-16721
T-16621
1:0.5:0.5
1.5
25
1.2
0.7
0.5
A
5-6
T-16722
T-16622
1:0.633:0.633
1.5
20
1.1
0.7
0.5
A
5-6
T-16723
T-16623
1:2.3CT
1.2
35
0.8
0.7
1.15
D
1-5
T-16724
T-16624
1:1.36CT
1.2
35
0.8
0.7
0.9
D
1-5
T-16725
T-16625
1CT:1CT
1.2
25
0.8
0.8
0.8
C
T-16726
T-16626
1:1.15CT
1.5
35
0.6
0.7
0.9
E
2-6
T-16727
T-16627
1CT:2CT
1.2
50
1.1
0.9
1.6
C
2-6
T-16728
T-16628
1:1
1.2
25
0.5
0.7
0.7
F
T-16729
T-16629
1.37:1
1.2
35
0.8
0.8
0.7
F
1-5
T-16730
T-16630
1CT:1
1.2
35
0.5
0.8
0.8
H
1-5
T-16731
T-16631
1:1.36
1.2
35
0.8
0.8
0.8
F
1-5
T-16732
T-16632
1CT:2CT
1.2
35
0.8
0.8
1.8
G
1-5
T-16733
T-16633
1:1.15CT
1.2
35
0.5
0.8
0.8
H
2-6
T-16734
T-16634
1:1:1.266
1.2
35
0.8
0.8
0.8
A
1-2
Schem.
Style
Sec. DCR
max.
(
Ω )
Pri. DCR
max.
(
Ω )
Leakage
L
L max.
(
µH )
PRI-SEC
C
W/W max.
( pF )
OCL
min.
( mH )
Turns
Ratio
(
+ 5 % )
SMD
Part
Number
Thru-hole
Part
Number
1. ET-Product of 10 V-
µsec min.
2. OCL Measured across Primary @ 100 kHz & 20mV
3. T-16720: Sec. = Pins 3-5 for 75
Ω, Sec. = Pins 1-5 for 120Ω.
.350
(8.89)
MAX.
.250
MAX.
(6.35)
.080
(2.03)
.020 DIA.
(0.51)
TYP.
.120
(3.05)
MIN.
.100
(2.54)
TYP.
.500
(12.70)
MAX.
.340
(8.64)
.400
(10.16)
MAX.
.260
(6.60)
MAX.
.300
(7.62)
MAX.
.410
.020
(0.51)
.100
(2.54)
TYP.
.010
(0.25)
.510 (12.95)
.480 (12.19)
MAX.
.410
(10.41)
.040
(1.02)
TYP.
TYP.
(10.41)
TYP.
SMD
Package for
T-166XX
Thru-hole
Package for
T-167XX
Physical Dimensions
inches (mm)
A
B
C
D
H
G
F
E
T1/CEPT Transformers
Reinforced Insulation
For T1/CEPT Telecom Applications
Designed to meet CCITT and FCC Requirements
Reinforced Insulation per EN 41003/EN 60950
3000 V
RMS minimum Isolation.
*** PRELIMINARY ***


Similar Part No. - T-16719

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T-16-6 ETC2-T-16-6 Datasheet
99Kb / 1P
   STA-KON Copper Tube Terminals
logo
Rhombus Industries Inc.
T-16100 RHOMBUS-IND-T-16100 Datasheet
70Kb / 2P
   T1 / E1 / ISDN PRI Quad T1/E1
T-16101 RHOMBUS-IND-T-16101 Datasheet
70Kb / 2P
   T1 / E1 / ISDN PRI Quad T1/E1
T-16102 RHOMBUS-IND-T-16102 Datasheet
70Kb / 2P
   T1 / E1 / ISDN PRI Quad T1/E1
T-16103 RHOMBUS-IND-T-16103 Datasheet
70Kb / 2P
   T1 / E1 / ISDN PRI Quad T1/E1
More results

Similar Description - T-16719

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-14700 RHOMBUS-IND-T-14700 Datasheet
46Kb / 1P
   Single T1/CEPT Transformers
logo
Bothhand USA, LP.
S5813 BOTHHAND-S5813 Datasheet
65Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
S5821 BOTHHAND-S5821 Datasheet
67Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF00131T6A XFMRS-XF00131T6A Datasheet
42Kb / 1P
   T1 / CEPT / DS1 MAGNETICS TRANSFORMERS
XF00123D XFMRS-XF00123D_09 Datasheet
55Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013T10 XFMRS-XF0013T10 Datasheet
44Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013T3A XFMRS-XF0013T3A Datasheet
38Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013T3B XFMRS-XF0013T3B Datasheet
43Kb / 1P
   T1/CEPT/DS1 MAGNETICS TRANSFORMERS
XF00131C1 XFMRS-XF00131C1_15 Datasheet
54Kb / 1P
   T1 / CEPT / DS1 MAGNETICS TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com