Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2201SNN Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ2201SNN
Description  SRAM Nonvolatile Controller Unit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2201SNN Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ2201SNN Datasheet HTML 2Page - Texas Instruments BQ2201SNN Datasheet HTML 3Page - Texas Instruments BQ2201SNN Datasheet HTML 4Page - Texas Instruments BQ2201SNN Datasheet HTML 5Page - Texas Instruments BQ2201SNN Datasheet HTML 6Page - Texas Instruments BQ2201SNN Datasheet HTML 7Page - Texas Instruments BQ2201SNN Datasheet HTML 8Page - Texas Instruments BQ2201SNN Datasheet HTML 9Page - Texas Instruments BQ2201SNN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
TD220102.eps
VCC
CECON
tPF
tFS
4.75
VPFD
4.25
VSO
tWPT
VOHB
CE
Power-Down Timing
Power-Fail Control (TA = TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
tPF
VCC slew, 4.75V to 4.25V
300
-
-
µs
tFS
VCC slew, 4.25V to VSO
10
-
-
µs
tPU
VCC slew, 4.25V to 4.75V
0
-
-
µs
tCED
Chip-enable propagation
delay
-
7
10
ns
tCER
Chip-enable recovery
40
80
120
ms
Time during which SRAM is
write-protected after VCC
passes VPFD on power-up.
tWPT
Write-protect time
40
100
150
µs
Delay after VCC slews down
past VPFD before SRAM is
write-protected.
Note:
Typical values indicate operation at TA = 25°C.
Caution:
Negative undershoots below the absolute maximum rating of -0.3V in battery-backup mode
may affect data integrity.
Oct. 1998 D
bq2201


Similar Part No. - BQ2201SNN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2201SNN TI1-BQ2201SNN Datasheet
303Kb / 15P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
More results

Similar Description - BQ2201SNN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2201 TI1-BQ2201_08 Datasheet
303Kb / 15P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
BQ2204ASN-N TI-BQ2204ASN-N Datasheet
395Kb / 13P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
BQ2204A TI-BQ2204A Datasheet
77Kb / 12P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com