Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-502 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # L-502
Description  CURRENT SENSE INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-502 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  L-502 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
RHOMBUS INDUSTRIES INC.
FSCM NO. 16714
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
Parameter
Min.
Nom.
Max.
Units
Primary Current
10
40
A
Secondary Currrent
10
40
mA
1Inductance
35
mH
DCR
64
83
Dielectric
4000
V
RMS
Turns Ratio
1000:1
2Volts Per Amp
0.200
V
2Power
20
mW
1Tested at 100 mV, 1 kHz
2200
Ω Load
1 OF 1
5/21/97
L-502
Electrical Specifications at 25OC
CURRENT SENSE
INDUCTOR
(10 Amps)
SCHEMATIC
DIAGRAM:
PHYSICAL DIMENSIONS
All dimensions in inches (mm):
1) Diameter of hole is .170 Min.
2) Leads are 20AWG
3) Lead length is .370 Min.
www.rhombus-ind.com


Similar Part No. - L-502

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-500 RHOMBUS-IND-L-500 Datasheet
18Kb / 1P
   Slug Inductors
L-503 RHOMBUS-IND-L-503 Datasheet
15Kb / 1P
   Mini Drum Inductors
logo
List of Unclassifed Man...
L-503ED ETC1-L-503ED Datasheet
110Kb / 1P
   5.0mm Dia FLANGELESS LED LAMP
L-503GD ETC1-L-503GD Datasheet
110Kb / 1P
   5.0mm Dia FLANGELESS LED LAMP
L-503HD ETC1-L-503HD Datasheet
110Kb / 1P
   5.0mm Dia FLANGELESS LED LAMP
More results

Similar Description - L-502

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-20001 RHOMBUS-IND-L-20001 Datasheet
15Kb / 1P
   CURRENT SENSE INDUCTOR
L-663 RHOMBUS-IND-L-663 Datasheet
18Kb / 1P
   CURRENT SENSE INDUCTOR
L-11002 RHOMBUS-IND-L-11002 Datasheet
19Kb / 1P
   CURRENT SENSE INDUCTOR
logo
E&E Magnetic Products L...
833-00048 EEMAGNETIC-833-00048 Datasheet
38Kb / 3P
   INDUCTOR, CURRENT SENSE, TH,2 PIN
833-00054 EEMAGNETIC-833-00054 Datasheet
92Kb / 3P
   INDUCTOR, CURRENT SENSE, TH,4 PIN
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
XFMRS Inc.
XF1806-EE5CS XFMRS-XF1806-EE5CS Datasheet
37Kb / 1P
   Current Sense
XF0033-EE5CS XFMRS-XF0033-EE5CS_15 Datasheet
43Kb / 1P
   CURRENT SENSE
XF3206-EE5CS XFMRS-XF3206-EE5CS Datasheet
37Kb / 1P
   Current Sense
XF9806-EE5CS XFMRS-XF9806-EE5CS Datasheet
40Kb / 1P
   Current Sense
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com