Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIL-1.5-60 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # SIL-1.5-60
Description  SIL2 Series Mini-SIP Passive Delay Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

SIL-1.5-60 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  SIL-1.5-60 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
SIL2 9901
Similar 3-pin SIP refer to SP3 Series
2-tap 4-pin SIP refer to SL2T Series
.490
(12.45)
MAX.
.375
(9.53)
MAX.
.120
(3.05)
MIN.
.030
(0.76)
TYP.
.120
(3.05)
MAX.
.060
(1.52)
TYP.
.010
(0.25)
TYP.
.100
(2.54)
.020
(0.51)
TYP.
.200
(5.08)
SIL2
Dimensions in inches (mm)
1
COM
3
OUT
2
IN
SIL2 Single Output Schematic
Electrical Specifications at 25OC
Operating Specifications -
Passive Delay Lines
Pulse Overshoot (Pos) .................................... 5% to 10%, typical
Pulse Distortion (S) ...................................................... 3% typical
Working Voltage ............................................. 25 VDC maximum
Dielectric Strength .......................................... 100VDC minimum
Insulation Resistance ......................... 1,000 M
Ω min. @ 100VDC
Temperature Coefficient ............................... 100 ppm/OC, typical
Bandwidth (f
C) .......................................................
0.35/
t
r
approx.
Operating Temperature Range ............................ -55O to +125OC
Storage Temperature Range ............................... -65O to +150OC
Fast Rise Time, Low DCR
High Bandwidth
0.35 / t
r
Low Distortion LC Network
Tight Delay Tolerance
Standard Impedances: 50 to 200
Stable Delay vs. Temperature: 100 ppm/OC
Operating Temperature Range -55OC to +125OC
SIL2 Series Mini-SIP Passive Delay Modules
Delay
(ns)
Rise
Time max.
(ns)
DCR
max.
(Ohms)
50 Ohm
Impedance
Part Number
55 Ohm
Impedance
Part Number
60 Ohm
Impedance
Part Number
75 Ohm
Impedance
Part Number
93 Ohm
Impedance
Part Number
100 Ohm
Impedance
Part Number
200 Ohm
Impedance
Part Number
0.0
−−
.10
SIL2-0
SIL2-0
SIL2-0
SIL2-0
SIL2-0
SIL2-0
SIL2-0
1 ± .20
1.6
.20
SIL2-1-50
SIL2-1-55
SIL2-1-60
SIL2-1-75
SIL2-1-93
SIL2-1-10
SIL2-1-20
1.5 ± .20
1.6
.30
SIL-1.5-50
SIL-1.5-55
SIL-1.5-60
SIL-1.5-75
SIL-1.5-93
SIL-1.5-10
SIL-1.5-20
2 ± .20
1.6
.40
SIL2-2-50
SIL2-2-55
SIL2-2-60
SIL2-2-75
SIL2-2-93
SIL2-2-10
SIL2-2-20
2.5 ± .20
1.6
.50
SIL-2.5-50
SIL-2.5-55
SIL-2.5-60
SIL-2.5-75
SIL-2.5-93
SIL-2.5-10
SIL-2.5-20
3 ± .20
1.7
.60
SIL2-3-50
SIL2-3-55
SIL2-3-60
SIL2-3-75
SIL2-3-93
SIL2-3-10
SIL2-3-20
4 ± .20
1.7
.70
SIL2-4-50
SIL2-4-55
SIL2-4-60
SIL2-4-75
SIL2-4-93
SIL2-4-10
SIL2-4-20
5 ± .25
1.8
.80
SIL2-5-50
SIL2-5-55
SIL2-5-60
SIL2-5-75
SIL2-5-93
SIL2-5-10
SIL2-5-20
6 ± .30
2.0
.85
SIL2-6-50
SIL2-6-55
SIL2-6-60
SIL2-6-75
SIL2-6-93
SIL2-6-10
SIL2-6-20
7 ± .30
2.3
.90
SIL2-7-50
SIL2-7-55
SIL2-7-60
SIL2-7-75
SIL2-7-93
SIL2-7-10
SIL2-7-20
8 ± .30
2.7
.95
SIL2-8-50
SIL2-8-55
SIL2-8-60
SIL2-8-75
SIL2-8-93
SIL2-8-10
SIL2-8-20
9 ± .30
2.9
1.10
SIL2-9-50
SIL2-9-55
SIL2-9-60
SIL2-9-75
SIL2-9-93
SIL2-9-10
SIL2-9-20
10 ± .30
3.3
1.20
SIL2-10-50
SIL2-10-55
SIL2-10-60
SIL2-10-75
SIL2-10-93
SIL2-10-10
SIL2-10-20
11 ± .40
3.3
1.40
SIL2-11-50
SIL2-11-55
SIL2-11-60
SIL2-11-75
SIL2-11-93
SIL2-11-10
SIL2-11-20
12 ± .50
3.6
1.50
SIL2-12-50
SIL2-12-55
SIL2-12-60
SIL2-12-75
SIL2-12-93
SIL2-12-10
SIL2-12-20
13 ± .60
4.0
1.60
SIL2-13-50
SIL2-13-55
SIL2-13-60
SIL2-13-75
SIL2-13-93
SIL2-13-10
SIL2-13-20
14 ± .70
4.3
1.60
SIL2-14-50
SIL2-14-55
SIL2-14-60
SIL2-14-75
SIL2-14-93
SIL2-14-10
SIL2-14-20
15 ± .70
4.6
1.70
SIL2-15-50
SIL2-15-55
SIL2-15-60
SIL2-15-75
SIL2-15-93
SIL2-15-10
SIL2-15-20
16 ± .80
4.8
1.70
SIL2-16-50
SIL2-16-55
SIL2-16-60
SIL2-16-75
SIL2-16-93
SIL2-16-10
SIL2-16-20
20 ± 1.0
5.6
2.00
SIL2-20-50
SIL2-20-55
SIL2-20-60
SIL2-20-75
SIL2-20-93
SIL2-20-10
SIL2-20-20
1. Rise Times are measured from 20% to 80% points.
2. Delay Times measured at 50% points of leading edge.
3. Output terminated to ground through R
L=ZO


Similar Part No. - SIL-1.5-60

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
SIL MEDER-SIL Datasheet
511Kb / 4P
   Single-In-Line
SIL03-1A72-71D MEDER-SIL03-1A72-71D Datasheet
121Kb / 2P
   SIL Reed Relay
SIL03-1A72-71D_DE MEDER-SIL03-1A72-71D_DE Datasheet
138Kb / 2P
   (deutsch) SIL Reed Relay
SIL03-1A72-71L MEDER-SIL03-1A72-71L Datasheet
119Kb / 2P
   SIL Reed Relay
SIL03-1A72-71L_DE MEDER-SIL03-1A72-71L_DE Datasheet
136Kb / 2P
   (deutsch) SIL Reed Relay
More results

Similar Description - SIL-1.5-60

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
SL2T RHOMBUS-IND-SL2T Datasheet
32Kb / 1P
   SIL2 Series Mini-SIP Passive Delay Modules
SP3 RHOMBUS-IND-SP3 Datasheet
26Kb / 1P
   SP3 Series Mini-SIP Passive Delay Modules
logo
PCA ELECTRONICS INC.
EP9910-XX PCA-EP9910-XX Datasheet
17Kb / 1P
   Mini SIP Passive Delay Lines
EP9910N-1A PCA-EP9910N-1A Datasheet
41Kb / 1P
   Mini SIP Passive Delay Lines
EP9910 PCA-EP9910_15 Datasheet
18Kb / 1P
   Mini SIP Passive Delay Lines
EP9910N PCA-EP9910N_15 Datasheet
41Kb / 1P
   Mini SIP Passive Delay Lines
logo
Bel Fuse Inc.
0402-00.5-55 BEL-0402-00.5-55 Datasheet
54Kb / 1P
   3 PIN SIP PASSIVE DELAY MODULES
0403-0001-50 BEL-0403-0001-50 Datasheet
55Kb / 1P
   4 PIN SIP PASSIVE DELAY MODULES
0401-1403-02 BEL-0401-1403-02 Datasheet
57Kb / 1P
   HIGH-SPEED 4 PIN SIP PASSIVE DELAY MODULES
0475-0005-50 BEL-0475-0005-50 Datasheet
57Kb / 1P
   5 TAP 7 PIN SIP PASSIVE DELAY MODULES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com