Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP8-65 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # SIP8-65
Description  High Performance Single Output SIP Passive Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

SIP8-65 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  SIP8-65 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
SIP8 9901
Dimensions in inches (mm)
.275
(6.99)
MAX.
.800
(20.32)
MAX.
.120
(3.05)
MIN.
.030
(0.76)
TYP.
.100
(2.54)
.020
(0.51)
TYP.
TYP.
.
.010
(0.25)
TYP.
.200
(5.08)
MAX.
.500
(12.70)
MAX.
Operating Specifications -
Passive Delay Lines
Pulse Overshoot (Pos) .................................... 5% to 10%, typical
Pulse Distortion (S) ...................................................... 3% typical
Working Voltage ............................................. 25 VDC maximum
Dielectric Strength .......................................... 100VDC minimum
Insulation Resistance ......................... 1,000 M
Ω min. @ 100VDC
Temperature Coefficient ............................... 100 ppm/OC, typical
Bandwidth (f
C) .......................................................
0.35/
t
r
approx.
Operating Temperature Range ............................ -55O to +125OC
Storage Temperature Range ............................... -65O to +150OC
High Performance Single Output SIP Passive Delay Lines
Fast Rise Time, Low DCR
High Bandwidth
0.35 / t
r
Low Distortion LC Network
SIngle Precise Delay Output
Standard Impedances: 50 - 75 - 100 - 200
Stable Delay vs. Temperature: 100 ppm/OC
Operating Temperature Range -55OC to +125OC
Delay
(ns)
Rise Time
max.
(ns)
DCR
max.
(Ohms)
50 Ohm
Impedance
75 Ohm
Impedance
93 Ohm
Impedance
100 Ohm
Impedance
200 Ohm
Impedance
Part Number
Part Number
Part Number
Part Number
Part Number
1.0 ± .30
0.8
0.8
SIP8-15
SIP8-17
SIP8-19
SIP8-11
SIP8-12
1.5 ± .30
0.9
1.1
SIP8-1.55
SIP8-1.57
SIP8-1.59
SIP8-1.51
SIP8-1.52
2.0 ± .30
1.1
1.2
SIP8-25
SIP8-27
SIP8-29
SIP8-21
SIP8-22
2.5 ± .30
1.1
1.3
SIP8-2.55
SIP8-2.57
SIP8-2.59
SIP8-2.51
SIP8-2.52
3.0 ± .30
1.3
1.4
SIP8-35
SIP8-37
SIP8-39
SIP8-31
SIP8-32
4.0 ± .30
1.6
1.5
SIP8-45
SIP8-47
SIP8-49
SIP8-41
SIP8-42
5.0 ± .30
1.8
1.5
SIP8-55
SIP8-57
SIP8-59
SIP8-51
SIP8-52
6.0 ± .40
1.9
1.6
SIP8-65
SIP8-67
SIP8-69
SIP8-61
SIP8-62
7.0 ± .40
2.1
1.6
SIP8-75
SIP8-77
SIP8-79
SIP8-71
SIP8-72
8.0 ± .45
2.2
1.6
SIP8-85
SIP8-87
SIP8-89
SIP8-81
SIP8-82
9.0 ± .45
2.4
1.7
SIP8-95
SIP8-97
SIP8-99
SIP8-91
SIP8-92
10 ± .50
2.5
1.7
SIP8-105
SIP8-107
SIP8-109
SIP8-101
SIP8-102
15 ± .70
3.7
2.1
SIP8-155
SIP8-157
SIP8-159
SIP8-151
SIP8-152
20 ± 1.0
4.6
2.4
SIP8-205
SIP8-207
SIP8-209
SIP8-201
SIP8-202
25 ± 1.2
5.4
3.1
SIP8-255
SIP8-257
SIP8-259
SIP8-251
----------
30 ± 0.5
6.5
4.5
SIP8-305
SIP8-307
SIP8-309
SIP8-301
----------
50 ± 2.0
10.0
4.5
SIP8-505
SIP8-507
SIP8-509
SIP8-501
----------
100 ± 5.0
20.0
6.2
SIP8-1005
SIP8-1007
SIP8-1009
SIP8-1001
----------
200 ± 10
44.0
7.6
SIP8-2005
SIP8-2007
SIP8-2009
SIP8-2001
----------
Electrical Specifications @ 25OC (1, 2, 3)
1. Rise Times are measured from 10% to 90% points.
2. Delay Times measured at 50% points of leading edge.
3. Output terminated to ground through R
L=ZO
1
COM
2
OUT
7
IN
8
COM
SIP8 Style Schematic


Similar Part No. - SIP8-65

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
SIP823LEU VISHAY-SIP823LEU Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
SIP823LEUDT-TR1 VISHAY-SIP823LEUDT-TR1 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
SIP823MEU VISHAY-SIP823MEU Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
SIP823MEUDT-TR1 VISHAY-SIP823MEUDT-TR1 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
More results

Similar Description - SIP8-65

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
P01-1NS-50RBW RCD-P01-1NS-50RBW Datasheet
163Kb / 1P
   PASSIVE SIP DELAY LINES, SINGLE OUTPUT
logo
PCA ELECTRONICS INC.
EP9910-XX PCA-EP9910-XX Datasheet
17Kb / 1P
   Mini SIP Passive Delay Lines
EP9910N-1A PCA-EP9910N-1A Datasheet
41Kb / 1P
   Mini SIP Passive Delay Lines
EP9910 PCA-EP9910_15 Datasheet
18Kb / 1P
   Mini SIP Passive Delay Lines
EP9910N PCA-EP9910N_15 Datasheet
41Kb / 1P
   Mini SIP Passive Delay Lines
logo
RCD COMPONENTS INC.
SP10-10NS-50RBW RCD-SP10-10NS-50RBW Datasheet
123Kb / 1P
   PASSIVE DELAY LINES, TAPPED, SIP PACKAGE
logo
PCA ELECTRONICS INC.
EPA2875G-.5H PCA-EPA2875G-.5H Datasheet
39Kb / 1P
   SMD Single Output Passive Delay Lines
logo
Rhombus Industries Inc.
SIP16 RHOMBUS-IND-SIP16 Datasheet
27Kb / 1P
   19-Pin SIP 16-Tap High Performance Passive Delay Modules
logo
PCA ELECTRONICS INC.
EPA087-10A PCA-EPA087-10A Datasheet
39Kb / 1P
   Passive Variable Delay Lines
logo
RCD COMPONENTS INC.
SMP1410A-10NS-50R RCD-SMP1410A-10NS-50R Datasheet
96Kb / 1P
   PASSIVE DIP DELAY LINES, TAPPED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com