Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2204ASNN Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ2204ASNN
Description  X4 SRAM Nonvolatile Controller Unit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2204ASNN Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ2204ASNN Datasheet HTML 2Page - Texas Instruments BQ2204ASNN Datasheet HTML 3Page - Texas Instruments BQ2204ASNN Datasheet HTML 4Page - Texas Instruments BQ2204ASNN Datasheet HTML 5Page - Texas Instruments BQ2204ASNN Datasheet HTML 6Page - Texas Instruments BQ2204ASNN Datasheet HTML 7Page - Texas Instruments BQ2204ASNN Datasheet HTML 8Page - Texas Instruments BQ2204ASNN Datasheet HTML 9Page - Texas Instruments BQ2204ASNN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
AC Test Conditions
Parameter
Test Conditions
Input pulse levels
0V to 3.0V
Input rise and fall times
5ns
Input and output timing reference levels
1.5V (unless otherwise specified)
FG220102.eps
5V
960
100pF
CECON
510
Figure 3. Output Load
Power-Fail Control (TA =TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
tPF
VCC slew, 4.75V to 4.25V
300
-
-
µs
tFS
VCC slew, 4.25V to VSO
10
-
-
µs
tPU
VCC slew, 4.25V to 4.75V
0
-
-
µs
tCED
chip-enable propagation delay
-
7
10
ns
tAS
A,B set up to CE
0-
-
ns
tCER
chip-enable recovery
40
80
120
ms
Time during which SRAM is
write-protected after VCC
passes VPFD on power-up.
tWPT
Write-protect time
40
100
150
µs
Delay after VCC slews down
past VPFD before SRAM is
write-protected.
Note:
Typical values indicate operation at TA = 25°C, VCC =5V.
Caution:
Negative undershoots below the absolute maximum rating of -0.3V in battery-backup mode
may affect data integrity.
Dec. 1992 B
bq2204A


Similar Part No. - BQ2204ASNN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2204ASN TI-BQ2204ASN Datasheet
395Kb / 13P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
BQ2204ASN-N TI-BQ2204ASN-N Datasheet
395Kb / 13P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
BQ2204ASN-NG4 TI-BQ2204ASN-NG4 Datasheet
395Kb / 13P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
BQ2204ASNG4 TI-BQ2204ASNG4 Datasheet
395Kb / 13P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
BQ2204ASNTR TI-BQ2204ASNTR Datasheet
395Kb / 13P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
More results

Similar Description - BQ2204ASNN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2204ASN-N TI-BQ2204ASN-N Datasheet
395Kb / 13P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
BQ2201 TI-BQ2201 Datasheet
107Kb / 12P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
BQ2201 TI1-BQ2201_08 Datasheet
303Kb / 15P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com