Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2945SN-C409 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ2945SN-C409
Description  Gas Gauge IC with SMBus Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2945SN-C409 Datasheet(HTML) 1 Page - Texas Instruments

  BQ2945SN-C409 Datasheet HTML 1Page - Texas Instruments BQ2945SN-C409 Datasheet HTML 2Page - Texas Instruments BQ2945SN-C409 Datasheet HTML 3Page - Texas Instruments BQ2945SN-C409 Datasheet HTML 4Page - Texas Instruments BQ2945SN-C409 Datasheet HTML 5Page - Texas Instruments BQ2945SN-C409 Datasheet HTML 6Page - Texas Instruments BQ2945SN-C409 Datasheet HTML 7Page - Texas Instruments BQ2945SN-C409 Datasheet HTML 8Page - Texas Instruments BQ2945SN-C409 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
Features
➤ Provides accurate measurement
of available charge in NiCd,
NiMH, and Li-Ion batteries
➤ Supports SBS v1.0 data set and
two-wire interface
➤ Two programmable general
purpose output ports for added
flexibility
➤ Designed for battery pack inte-
gration
- Low operating current
- Complete circuit can fit on less
than ¾ square inch of PCB
space
➤ Supports SBS charge control
commands for NiCd, NiMH, and
Li-Ion
➤ Drives a five-segment LED dis-
play for remaining capacity
indication
➤ 16-pin narrow SOIC
General Description
The bq2945 Gas Gauge IC With
SMBus Interface is intended for
battery-pack or in-system installa-
tion to maintain an accurate record
of available battery charge. The
bq2945 directly supports capacity
monitoring for NiCd, NiMH, and
Li-Ion battery chemistries.
The bq2945 uses the System Man-
agement Bus v1.0 (SMBus) protocol
and supports the Smart Battery
Data (SBData) commands. The
bq2945 also supports the SBData
charge control functions.
Battery
state-of-charge, remaining capacity,
remaining time, and chemistry are
available over the serial link.
Battery-charge state can be directly
indicated using a five-segment LED
display to graphically depict battery
full-to-empty in 20% increments.
The bq2945 estimates battery self-
discharge based on an internal
timer and temperature sensor and
user-programmable rate informa-
tion stored in external EEPROM.
The bq2945 also automatically re-
calibrates or “learns” battery capac-
ity in the full course of a discharge
cycle from full to empty.
The bq2945 may operate directly
from three nickel chemistry cells.
With the REF output and an exter-
nal transistor, a simple, inexpensive
regulator can be built to provide VCC
for other battery cell configurations.
An external EEPROM programs
initial values into the bq2945 and is
necessary for proper operation.
bq2945
Gas Gauge IC with SMBus Interface
VCC
3.0–6.5V
LED1
LED segment 1/
EEPROM clock
LED2
LED segment 2/
EEPROM data
LED3
LED segment 3
LED4
LED segment 4
LED5
LED segment 5
CP1
Control pin 1
VSS
System ground
1
PN294501.eps
16-Pin Narrow SOIC
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VOUT
REF
SMBC
SMBD
CP2
SB
DISP
SR
VCC
LED1/ESCL
LED2/ESDA
LED3
LED4
LED5
CP1
VSS
SR
Sense resistor input
DISP
Display control input
SB
Battery sense input
CP2
Control pin 2
SMBD
SMBus data input/output
SMBC
SMBus clock
REF
Voltage reference output
VOUT
EEPROM supply output
6/99 C
Pin Connections
Pin Names


Similar Part No. - BQ2945SN-C409

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
BQ294502DRVR TI-BQ294502DRVR Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
More results

Similar Description - BQ2945SN-C409

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2040 TI-BQ2040 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040 TI-BQ2040 Datasheet
189Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040 TI1-BQ2040_15 Datasheet
992Kb / 36P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2092 TI-BQ2092 Datasheet
213Kb / 28P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
BQ2092 TI1-BQ2092_15 Datasheet
678Kb / 30P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
logo
Linear Technology
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
logo
Linear Technology
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
   Battery Gas Gauge with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com