Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUMP-16H Datasheet(PDF) 2 Page - Merrimac Industries, Inc.

Part # AUMP-16H
Description  MICROWAVE ATTENUATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

AUMP-16H Datasheet(HTML) 2 Page - Merrimac Industries, Inc.

  AUMP-16H Datasheet HTML 1Page - Merrimac Industries, Inc. AUMP-16H Datasheet HTML 2Page - Merrimac Industries, Inc. AUMP-16H Datasheet HTML 3Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AUMP-16HKX
AUMP-16H
AUM & AUMP-16H
MICROWAVE ATTENUATORS
7 to 11 GHz / 0 to 15 dB / Ferrite / Excellent Temperature Stability / MIL-E-5400 Class 3 / SMA
Forfurtheri
nformati
oncontact
M ERRIM AC /41 Fairfield Pl.,W estCaldw ell,NJ,07006 /973-575-1300 /FAX 973 575-0531
NOTES:
1. Tolerance on 3 place decimals
±.020(.51) except as noted.
2. Dimensions in inches over millimeters.
3. Knob lock and control knob are supplied by MERRIMAC.
4. Counter clockwise control knob rotation increases attenuation.
5. Call Merrimac for panel mount installation instructions.
NOTES:
1. Tolerance on 3 place decimals
±.020(.51) except as noted.
2. Dimensions in inches over millimeters.
3. Counter clockwise shaft rotation increases attenuation.
4. Shaft lock mounting nut, shaft locking nut, flat washer and internal
tooth lockwasher are supplied by MERRIMAC.
5. Call Merrimac for panel mount installation instructions.
05Mar96


Similar Part No. - AUMP-16H

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
AUMP-15A MERRIMAC-AUMP-15A Datasheet
364Kb / 3P
   MICROWAVE ATTENUATORS
AUMP-15AKX MERRIMAC-AUMP-15AKX Datasheet
364Kb / 3P
   MICROWAVE ATTENUATORS
AUMP-15ATX MERRIMAC-AUMP-15ATX Datasheet
364Kb / 3P
   MICROWAVE ATTENUATORS
More results

Similar Description - AUMP-16H

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
AUM-25A MERRIMAC-AUM-25A Datasheet
387Kb / 3P
   MICROWAVE ATTENUATORS
AUM-15A MERRIMAC-AUM-15A Datasheet
364Kb / 3P
   MICROWAVE ATTENUATORS
logo
SYNERGY MICROWAVE CORPO...
AT-201 SYNERGY-AT-201 Datasheet
36Kb / 1P
   ATTENUATORS//SWIITCHES
logo
Mini-Circuits
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
   FIXED ATTENUATORS
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
   FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
   FIXED ATTENUATORS
K2-VAT-A++ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
   Fixed Attenuators
REV. OR
logo
Hirose Electric
P-AT-6 HIROSE-P-AT-6 Datasheet
96Kb / 5P
   Programmable Attenuators
logo
Rohm
RCN02 ROHM-RCN02_08 Datasheet
77Kb / 3P
   Chip Attenuators
logo
Mini-Circuits
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
   FIXED ATTENUATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com