Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2945SN-C409TR Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ2945SN-C409TR
Description  Gas Gauge IC with SMBus Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2945SN-C409TR Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2945SN-C409TR Datasheet HTML 5Page - Texas Instruments BQ2945SN-C409TR Datasheet HTML 6Page - Texas Instruments BQ2945SN-C409TR Datasheet HTML 7Page - Texas Instruments BQ2945SN-C409TR Datasheet HTML 8Page - Texas Instruments BQ2945SN-C409TR Datasheet HTML 9Page - Texas Instruments BQ2945SN-C409TR Datasheet HTML 10Page - Texas Instruments BQ2945SN-C409TR Datasheet HTML 11Page - Texas Instruments BQ2945SN-C409TR Datasheet HTML 12Page - Texas Instruments BQ2945SN-C409TR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
the current drops below 256mA and the voltage is
less than 105% of ChargingVoltage.
n
Overcurrent: An overcurrent fault exists when the
bq2945 measures a charge current more than 25%
above the ChargingCurrent. If the ChargingCurrent
is less than 1024mA, an overcurrent fault exists if the
charge current is more than 256mA above the
ChargingCurrent.
When the bq2945 detects an
overcurrent condition, the requested charge current
is set to 0 and the Terminate_Charge_Alarm bit is set
in Battery Status. The alarm bit is cleared when the
current drops below 256mA.
n
Maximum
Temperature:
When
the
battery
temperature exceeds the programmed maximum
temperature, the requested charge current is set to
zero
and
the
Over_Temp_Alarm
and
the
Terminate_Charge_Alarm bits are set in Battery
Status. The alarm bits are cleared when the
temperature drops below 50
°C.
n
Low Temperature: When the battery temperature
is less than 0
°C, the requested charge current is set
to the maintenance rate.
Once the temperature is
above 5
°C, the requested charge current is set to the
fast rate.
n
Undervoltage: When the battery voltage is below
the EDVF threshold, the requested charge current is
set to the maintenance rate.
Once the voltage is
above EDVF, the requested charge current is set to
the fast rate.
Count Compensations
Charge activity is compensated for temperature and
state-of-charge before updating the RM and/or DCR.
Self-discharge estimation is compensated for tempera-
ture before updating RM or DCR.
Charge Compensation
Charge efficiency is compensated for state-of-charge,
temperature, and battery chemistry.
The charge effi-
ciency is adjusted using the following equations:
1.) RM
RM *
Q
Q
EFC
ET
=−
()
where RelativeStateOfCharge < FullChargePercentage,
and Q
EFC is the programmed fast-charge efficiency vary-
ing from 0.75 to 1.0.
2.) RM
RM
Q
Q
ETC
ET
=−
*(
)
where RelativeStateOfCharge
≥ FullChargePercentage
and Q
ETC
is the programmed maintenance (trickle)
charge efficiency varying from 0.75 to 1.0.
Q
ET is used to adjust the charge efficiency as the battery
temperature increases according to the following:
Qif T
ET
=<
030
°C
QC
T
C
ET
=° ≤
<
°
002
30
40
.if
QT
C
ET
=≥
°
005
40
.if
QET is 0 over the entire temperature range for Li-Ion.
Digital Magnitude Filter
The bq2945 has a programmable digital filter to elimi-
nate charge and discharge counting below a set
threshold, VSRD. Table 2 shows typical digital filter
settings. The proper digital filter setting can be calcu-
lated using the following equation.
DMF =
45
VSRD
Error Summary
Capacity Inaccurate
The FCC is susceptible to error on initialization or if no
updates occur. On initialization, the FCC value includes
the error between the design capacity and the actual ca-
pacity. This error is present until a qualified discharge
occurs and FCC is updated (see the DCR description).
The other cause of FCC error is battery wear-out. As
the battery ages, the measured capacity must be ad-
justed to account for changes in actual battery capacity.
Periodic qualified discharges from full to empty will
minimize errors in FCC.
Current-Sensing Error
Table 3 illustrates the current-sensing error as a function
of VSR. A digital filter eliminates charge and discharge
counts to the RM register when -VSRD <VSRO <+VSRD.
Display
The bq2945 can directly display capacity information
using low-power LEDs. The bq2945 displays the battery
charge state in either absolute or relative mode. In rela-
tive mode, the battery charge is represented as a per-
centage of the FCC. Each LED segment represents 20%
of the FCC.
9
bq2945
DMF
DMF Hex.
VSRD (mV)
75
4B
0.60
100
64
0.45
150
96
0.30
175
AF
0.26
200
C8
0.23
Table 2. Typical Digital Filter Settings


Similar Part No. - BQ2945SN-C409TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
BQ294502DRVR TI-BQ294502DRVR Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
More results

Similar Description - BQ2945SN-C409TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2040 TI-BQ2040 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040 TI-BQ2040 Datasheet
189Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040 TI1-BQ2040_15 Datasheet
992Kb / 36P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2092 TI-BQ2092 Datasheet
213Kb / 28P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
BQ2092 TI1-BQ2092_15 Datasheet
678Kb / 30P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
logo
Linear Technology
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
logo
Linear Technology
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
   Battery Gas Gauge with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com