Selected language     English  ▼


C-114 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part No. C-114
Description  BI-DIRECTIONAL COUPLERS
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MERRIMAC [Merrimac Industries, Inc.]
Homepage  http://www.merrimacind.com
Logo 

   
 1 page
background image
Package Outline
Typical Performance
GENERAL SPECIFICATIONS
Impedance:
50
Ω nom.
CW Input:
1 W max.
Weight, nominal:
0.07 oz (2 g)
Operating Temperature:
-- 55° to +85°C
PRINCIPAL SPECIFICATIONS
Frequency Performance
¤ Coupling
Frequency
Directivity,
*Insertion
Model
Range,
Bandwidth,
Value, dB,
Sensitivity,
dB,
Loss, dB,
VSWR
Number
MHz
MHz
Nom.
dB, Max.
Min.
Max.
Max.
C-114
5 - 500
10 - 200
10
±1.0
± 0.5
20
0.6
1.3:1
5 - 500
10
±1.0
± 0.7
15
1.0
1.5:1
C-115
5 - 500
10 - 200
20
±1.0
± 0.5
20
0.6
1.3:1
5 - 500
20
±1.0
± 0.7
15
1.0
1.5:1
¤ Coupling is Referenced to the Input
* Insertion Loss excludes insertion loss
C-114 & C-115
BI-DIRECTIONAL COUPLERS
5 to 500 MHz / Multi-Octave Range / High Directivity / Low Insertion Loss / TO-5 Header
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches over millimeters.
24Apr96
General Notes:
1. The C-114 and C-115 models are bi-directional couplers comprising four-port
networks.
2. All ports are accessible permitting external use of the fourth port for reflected
signal sampling.
3. Each model has been designed for wide bandwidth, minimum size and low
cost.




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CH-134_1Bi-Directional Couplers 10 - 500 MHz 1 2 3 Tyco Electronics
CH-13719.5dB Bi-Directional Couplers 0.5 - 400 MHz 1 2 3 Tyco Electronics
CH-138_111dB Bi-Directional Couplers 10 - 500 MHz 1 2 Tyco Electronics
CH-140_120dB Bi-Directional Couplers 1 - 5000 MHz 1 2 Tyco Electronics
SDC-8010HIGH POWER BI-DIRECTIONAL COUPLERS 1 SYNERGY MICROWAVE CORPORATION
KAP-241BI-DIRECTIONAL COUPLERS 1 2 SYNERGY MICROWAVE CORPORATION
FSA2257_07Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch 1 2 3 4 5 MoreFairchild Semiconductor
ST1.5KPS6.81 500 WATTS PEAK PULSE POWER 6.8 - 440 VOLTS UNI-DIRECTIONAL AND BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 Solid States Devices, Inc
PJSDA6V1BC6QUAD BI-DIRECTIONAL TVS/ZENER FOR ESD PROTECTION 1 2 Pan Jit International Inc.
C-13-FXX-PX1310nm Emitting 1490nm Receiving PIN-TIA 3.3V Bi-directional Diplexer Optical Module 1 2 3 4 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl