Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2058GSN Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ2058GSN
Description  Lithium Ion Pack Supervisor for 3- and 4-Cell Packs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2058GSN Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ2058GSN Datasheet HTML 2Page - Texas Instruments BQ2058GSN Datasheet HTML 3Page - Texas Instruments BQ2058GSN Datasheet HTML 4Page - Texas Instruments BQ2058GSN Datasheet HTML 5Page - Texas Instruments BQ2058GSN Datasheet HTML 6Page - Texas Instruments BQ2058GSN Datasheet HTML 7Page - Texas Instruments BQ2058GSN Datasheet HTML 8Page - Texas Instruments BQ2058GSN Datasheet HTML 9Page - Texas Instruments BQ2058GSN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
The FETs in the charge/discharge path controlled by the
CHG and DSG pins affect the overcurrent level. The
on-resistance of these FETs need to be taken into ac-
count when determining overcurrent levels.
CHG and DSG States
The CHG and DSG output truth table is shown below.
The polarities of CHG and DSG are mask programmable
at Unitrode. Push-pull vs. open-drain configuration is
also mask-configurable at Unitrode. Please contact
Unitrode for availability of these variations.
Number of Cells
The user must configure the bq2058 for three- or four-
series cell operation.
For a three-cell pack, NSEL
should be tied directly to VSS. For a four-cell pack,
NSEL should be connected directly to VCC.
Pack Disable Input–CTL
The CTL pin is used to electrically disconnect the bat-
tery from the pack terminals through an externally sup-
plied signal. When CTL is taken high, CHG and DSG
are driven high. Any load on the pack terminals will be
interpreted as an overcurrent condition by the bq2058
with the overcurrent delay timer held in reset. When
the CTL pin is driven low, the overcurrent delay timer is
allowed to start. If the programmed delay (tOCD)istoo
short, the overcurrent recovery circuit, if implemented,
will be unable to correct the overcurrent situation prior
to the delay time-out. It is recommended that a delay
time of greater than 10ms (COCD
≥ 0.01µF) be used if
the CTL pin function is used.
Important note: If CTL floats, it is internally
pulled high making both DSG and CHG inactive,
thus disabling the pack.
If CTL is not used, it
should be tied to VSS.
The polarity of CTL is mask programmable at Unitrode.
Please contact Unitrode for other polarity options.
Protection Delay Timers
The delay time between the detection of an overcurrent,
overvoltage, or undervoltage condition and the deactivation
of the CHG and/or DSG outputs is user-configurable by the
selection of capacitor values between VCC and OCD, OVD,
and UVD pins (respectively). See Table 3 below.
The fault condition must persist through the entire de-
lay period, or the bq2058 may not deactivate either FET
control output.
Figure 3 shows a step-by-step event cycle for the
bq2058.
6
Table 3. Protection Delay Timers
Protection
Feature
Delay
Period
Capacitor from
VCC to:
Typical
Tolerance
Capacitor
Time
Overcurrent
tOCD
OCD
0.010
µF
12ms
±40%
Overvoltage
tOVD
OVD
0.100
µF
950ms
±40%
Undervoltage
tUVD
UVD
0.100
µF
950ms
±40%
Notes:
1. The delay time versus capacitance can be approximated by the following equations:.
For tOCD:t(s)
≈ 1.2 ∗ C(µf),
where C
≥ 0.001µF
For tOVD, tUVD:t(s)
≈ 9.5 ∗ C(µf),
where C
≥ 0.01µF
2. Overvoltage and undervoltage conditions are sampled by the bq2058. The delay in Table 2 is in
addition to the time required for the bq2058 to detect the violation, which may vary from 0 to
160 ms depending on where in the sampling period the violation occurs. Overcurrent is continuously
monitored and is subject to a delay of approximately 1.5ms.
bq2058
Condition
CHG pin
DSG pin
Normal operation
Low
Low
Overvoltage
High
Low
Undervoltage
Low
High
Overcurrent
Low
High
Floating battery input
High
Indeterminate
CTL = high
High
High
Number of Series Cells
NSEL
3-cell
Tied to VSS
4-cell
Tied to VCC


Similar Part No. - BQ2058GSN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2058T TI-BQ2058T Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TR TI-BQ2058TR Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TRSN TI-BQ2058TRSN Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TRSN-C2 TI-BQ2058TRSN-C2 Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TSN TI-BQ2058TSN Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
More results

Similar Description - BQ2058GSN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2058T TI-BQ2058T Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
logo
NXP Semiconductors
NE57605 PHILIPS-NE57605 Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
logo
Shenzhen Huazhimei Semi...
HM5431A HMSEMI-HM5431A Datasheet
1Mb / 10P
   single-cell lithium-ion/lithium polymer rechargeable battery packs
DW01A HMSEMI-DW01A Datasheet
1Mb / 7P
   Protection IC for One-Cell Lithium-Ion / Lithium-Polymer Battery Pack
logo
Texas Instruments
BQ2158T TI-BQ2158T Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Samsung semiconductor
ICR18650-22F SAMSUNG-ICR18650-22F Datasheet
218Kb / 18P
   for Lithium-ion Rechargeable Cell
01 19/ 11/ 2007
ICR18650-30B SAMSUNG-ICR18650-30B Datasheet
403Kb / 17P
   for Lithium-ion Rechargeable Cell
1.1
logo
HYCON Technology Corpor...
HY2131 HYCON-HY2131 Datasheet
1Mb / 27P
   Protection IC for 2/3-Cell Lithium Ion/Lithium Polymer
logo
Texas Instruments
BQ29330 TI-BQ29330 Datasheet
1Mb / 26P
[Old version datasheet]   2-,3-,AND 4-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com