Electronic Components Datasheet Search |
|
SP3-1.5-50 Datasheet(PDF) 1 Page - Rhombus Industries Inc. |
|
SP3-1.5-50 Datasheet(HTML) 1 Page - Rhombus Industries Inc. |
|
1 / 1 page 15801 Chemical Lane, Huntington Beach, CA 92649-1595 Phone: (714) 898-0960 • FAX: (714) 896-0971 www.rhombus-ind.com • email: sales@rhombus-ind.com Rhombus Industries Inc. For other values & Custom Designs, contact factory. Specifications subject to change without notice. SP3 9901 Similar 3-pin SIP refer to SIL2 Series 2-tap 4-pin SIP refer to SL2T Series Dimensions in inches (mm) Operating Specifications - Passive Delay Lines Pulse Overshoot (Pos) .................................... 5% to 10%, typical Pulse Distortion (S) ...................................................... 3% typical Working Voltage ............................................. 25 VDC maximum Dielectric Strength .......................................... 100VDC minimum Insulation Resistance ......................... 1,000 M Ω min. @ 100VDC Temperature Coefficient ............................... 100 ppm/OC, typical Bandwidth (f C) ....................................................... 0.35/ t r approx. Operating Temperature Range ............................ -55O to +125OC Storage Temperature Range ............................... -65O to +150OC Fast Rise Time, Low DCR High Bandwidth 0.35 / t r Low Distortion LC Network Tight Delay Tolerance Standard Impedances: 50 to 200 Ω Stable Delay vs. Temperature: 100 ppm/OC Operating Temperature Range -55OC to +125OC SP3 Series Mini-SIP Passive Delay Modules .490 (12.45) MAX. .375 (9.53) MAX. .120 (3.05) MIN. .030 (0.76) TYP. .120 (3.05) MAX. .060 (1.52) TYP. .010 (0.25) TYP. .100 (2.54) .020 (0.51) TYP. SP3 COM OUT IN 1 3 2 SP3 Style Schematic Electrical Specifications at 25OC 1. Rise Times are measured from 20% to 80% points. 2. Delay Times measured at 50% points of leading edge. 3. Output terminated to ground through R L=ZO Delay (ns) Rise Time 20% - 80% max. (ns) DCR max. (Ohms) 50 Ohm Impedance P/N 55 Ohm Impedance P/N 75 Ohm Impedance P/N 100 Ohm Impedance P/N 200 Ohm Impedance P/N 0.0 −− .10 SP3-0 SP3-0 SP3-0 SP3-0 SP3-0 1 ± .20 1.6 .20 SP3-1-50 SP3-1-55 SP3-1-75 SP3-1-10 SP3-1-20 1.5 ± .20 1.6 .30 SP3-1.5-50 SP3-1.5-55 SP3-1.5-75 SP3-1.5-10 SP3-1.5-20 2 ± .20 1.6 .40 SP3-2-50 SP3-2-55 SP3-2-75 SP3-2-10 SP3-2-20 2.5 ± .20 1.6 .50 SP3-2.5-50 SP3-2.5-55 SP3-2.5-75 SP3-2.5-10 SP3-2.5-20 3 ± .20 1.7 .60 SP3-3-50 SP3-3-55 SP3-3-75 SP3-3-10 SP3-3-20 4 ± .20 1.7 .70 SP3-4-50 SP3-4-55 SP3-4-75 SP3-4-10 SP3-4-20 5 ± .25 1.8 .80 SP3-5-50 SP3-5-55 SP3-5-75 SP3-5-10 SP3-5-20 6 ± .30 2.0 .85 SP3-6-50 SP3-6-55 SP3-6-75 SP3-6-10 SP3-6-20 7 ± .30 2.3 .90 SP3-7-50 SP3-7-55 SP3-7-75 SP3-7-10 SP3-7-20 8 ± .30 2.7 .95 SP3-8-50 SP3-8-55 SP3-8-75 SP3-8-10 SP3-8-20 9 ± .30 2.9 1.10 SP3-9-50 SP3-9-55 SP3-9-75 SP3-9-10 SP3-9-20 10 ± .30 3.3 1.20 SP3-10-50 SP3-10-55 SP3-10-75 SP3-10-10 SP3-10-20 11 ± .40 3.3 1.40 SP3-11-50 SP3-11-55 SP3-11-75 SP3-11-10 SP3-11-20 12 ± .50 3.6 1.50 SP3-12-50 SP3-12-55 SP3-12-75 SP3-12-10 SP3-12-20 13 ± .60 4.0 1.60 SP3-13-50 SP3-13-55 SP3-13-75 SP3-13-10 SP3-13-20 14 ± .70 4.3 1.60 SP3-14-50 SP3-14-55 SP3-14-75 SP3-14-10 SP3-14-20 15 ± .70 4.6 1.70 SP3-15-50 SP3-15-55 SP3-15-75 SP3-15-10 SP3-15-20 16 ± .80 4.8 1.80 SP3-16-50 SP3-16-55 SP3-16-75 SP3-16-10 SP3-16-20 20 ± 1.0 5.6 2.00 SP3-20-50 SP3-20-55 SP3-20-75 SP3-20-10 SP3-20-20 |
Similar Part No. - SP3-1.5-50 |
|
Similar Description - SP3-1.5-50 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |