Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-687 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # L-687
Description  INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-687 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  L-687 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
1 OF 1
09/08/00
L-687
INDUCTOR
Parameter
Min.
Typ.
Max.
Units
Inductance (No DC)
38.4
48
57.6
µH
Rated Current
3.0
Amps
Inductance with 3.0 Amps
33
µH
DCR
48.5
59
m
ET
9.50
V-
µS
Electrical Specifications at 25OC
Schematic
Diagram
Physical Dimensions
inches (mm)
.600
(15.24)
Max.
.390
(9.91)
Max.
.500 + 0.015
(12.70) +.38
.620
(15.75)
Max.


Similar Part No. - L-687

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-601 RHOMBUS-IND-L-601 Datasheet
26Kb / 1P
   POWER INDUCTOR
L-603 RHOMBUS-IND-L-603 Datasheet
20Kb / 1P
   Inductor
L-611 RHOMBUS-IND-L-611 Datasheet
22Kb / 1P
   Leads are #21 AWG
L-61100 RHOMBUS-IND-L-61100 Datasheet
17Kb / 1P
   Radial Lead Mini Inductors
L-61101 RHOMBUS-IND-L-61101 Datasheet
17Kb / 1P
   Radial Lead Mini Inductors
More results

Similar Description - L-687

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
PCA ELECTRONICS INC.
EPA3630 PCA-EPA3630 Datasheet
36Kb / 1P
   Inductor
logo
XFMRS Inc.
XF151510-2R4M XFMRS-XF151510-2R4M Datasheet
55Kb / 1P
   INDUCTOR
XF0206-HMCMC XFMRS-XF0206-HMCMC Datasheet
59Kb / 1P
   INDUCTOR
logo
SCHOTT CORPORATION
25554 SCHOTT-25554 Datasheet
34Kb / 1P
   INDUCTOR
logo
XFMRS Inc.
XF636025SH XFMRS-XF636025SH Datasheet
49Kb / 1P
   INDUCTOR
1XF10000T1M XFMRS-1XF10000T1M Datasheet
57Kb / 1P
   Inductor
XFWI575047-470M XFMRS-XFWI575047-470M Datasheet
35Kb / 1P
   INDUCTOR
XFWIC575047SH-100M XFMRS-XFWIC575047SH-100M Datasheet
42Kb / 1P
   INDUCTOR
XFWIC575047SH-102M XFMRS-XFWIC575047SH-102M Datasheet
47Kb / 1P
   INDUCTOR
XF1305-102 XFMRS-XF1305-102 Datasheet
41Kb / 1P
   INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com