Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP24A-3007 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # SP24A-3007
Description  SP24A Series 20-Tap High Performance Passive Delay Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

SP24A-3007 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  SP24A-3007 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
SP24A 9901
Electrical Specifications 1, 2, 3 at 25OC
Note: For SMD Package Add "G" to end of P/N in Table Below
1. Rise Times are measured from 10% to 90% points.
2. Delay Times measured at 50% points of leading edge.
3. Output (100% Tap) terminated to ground through R
L=ZO
Fast Rise Time, Low DCR
High Bandwidth
0.35 / t
r
Low Distortion LC Network
20 Equal Delay Taps
Standard Impedances: 50 - 75 - 100 - 200
Stable Delay vs. Temperature: 100 ppm/OC
Operating Temperature Range -55OC to +125OC
Operating Specifications - Passive Delay Lines
Pulse Overshoot (Pos) .................................... 5% to 10%, typical
Pulse Distortion (S) ...................................................... 3% typical
Working Voltage ............................................. 25 VDC maximum
Dielectric Strength .......................................... 100VDC minimum
Insulation Resistance ......................... 1,000 M
Ω min. @ 100VDC
Temperature Coefficient ................................. 70 ppm/OC, typical
Bandwidth (f
C) .......................................................
0.35/
t
r
approx.
Operating Temperature Range ............................ -55O to +125OC
Storage Temperature Range ............................... -65O to +150OC
SP24A Series 20-Tap High Performance Passive Delay Modules
Alternate Pinout, Similar 20 Tap
Electricals, refer to Series SP24
Also, for same 24-Pin package and
Single Output refer to Series SP241
.590
(14.99)
.600
(15.24)
1.270
(32.30)
.295
(7.49)
MAX.
.020
(0.51)
.120
(3.05)
MIN.
.010
(0.25)
TYP.
TYP.
MAX.
MAX.
.100
(2.54)
TYP.
.040
(1.02)
TYP.
.018
(0.46)
TYP.
.100
(2.54)
TYP.
.040
(1.02)
TYP.
.018
(0.46)
TYP.
.737
(18.72)
.022
(0.56)
.080
(2.03)
.590
(14.99)
1.270
(32.30)
MAX.
MAX.
TYP.
.010
(0.25)
TYP.
.295
(7.49)
MAX.
Gull wing SMD Package Add suffix "G" to P/N. Example: SP24A-105G
Default Thru-hole 24-Pin Package. Example: SP24A-105
Dimensions in Inches (mm)
Total
(ns)
Tap-to-Tap
(ns)
50 Ohm
Part Number
Rise
Time
max. (ns)
DCR
max.
(Ohms)
75 Ohm
Part Number
Rise
Time
max. (ns)
DCR
max.
(Ohms)
100 Ohm
Part Number
Rise
Time
max. (ns)
DCR
max.
(Ohms)
200 Ohm
Part Number
Rise
Time
max. (ns)
DCR
max.
(Ohms)
10 ± 0.50
0.5 ± 0.2 SP24A-105
2.5
1.0
SP24A-107
2.5
1.0
SP24A-101
2.8
1.3
SP24A-102
3.5
2.5
20 ± 1.00
1.0 ± 0.4 SP24A-205
3.7
1.7
SP24A-207
3.7
1.7
SP24A-201
3.7
1.8
SP24A-202
4.0
3.9
25 ± 1.25
1.25 ± 0.5 SP24A-255
4.0
1.8
SP24A-257
4.0
1.8
SP24A-251
4.0
2.1
SP24A-252
4.5
4.4
30 ± 1.50
1.5 ± 0.5 SP24A-305
4.8
1.9
SP24A-307
4.8
1.9
SP24A-301
4.8
2.3
SP24A-302
5.0
4.8
40 ± 2.00
2.0 ± 0.5 SP24A-405
5.5
2.1
SP24A-407
5.5
2.1
SP24A-401
5.5
2.4
SP24A-402
7.5
5.0
50 ± 2.50
2.5 ± 0.5 SP24A-505
6.0
2.2
SP24A-507
6.0
2.2
SP24A-501
6.2
2.6
SP24A-502
9.0
5.2
60 ± 3.00
3.0 ± 0.6 SP24A-605
7.0
2.4
SP24A-607
7.0
2.4
SP24A-601
7.1
2.7
SP24A-602
10.0
5.3
70 ± 3.50
3.5 ± 0.8 SP24A-705
7.9
2.6
SP24A-707
7.9
2.6
SP24A-701
8.1
2.8
SP24A-702
11.0
5.4
75 ± 3.75
3.75 ± 0.8 SP24A-755
8.7
2.6
SP24A-757
8.8
2.6
SP24A-751
8.8
2.9
SP24A-752
11.5
5.5
80 ± 4.00
4.0 ± 1.0 SP24A-805
9.4
2.8
SP24A-807
9.4
2.8
SP24A-801
9.5
3.0
SP24A-802
12.0
5.7
100 ± 5.00
5.0 ± 1.0 SP24A-1005 11.8
3.0
SP24A-1007
12.2
3.2
SP24A-1001
12.8
3.3
SP24A-1002
15.0
6.0
150 ± 7.50
7.5 ± 2.0 SP24A-1505 15.5
3.4
SP24A-1507
15.8
3.4
SP24A-1501
16.0
3.7
SP24A-1502
23.0
7.0
200 ± 10.0 10.0 ± 2.0 SP24A-2005 20.0
3.6
SP24A-2007
20.6
3.6
SP24A-2001
21.0
4.1
SP24A-2002
31.0
8.1
250 ± 12.5 12.5 ± 3.0 SP24A-2505 26.0
3.8
SP24A-2507
26.9
3.8
SP24A-2501
28.0
4.4
SP24A-2502
38.0
9.2
300 ± 15.0 15.0 ± 3.0 SP24A-3005 32.0
4.4
SP24A-3007
32.4
4.4
SP24A-3001
32.5
5.2
SP24A-3002
46.0
9.9
8
10
9
11
12
1
34
2
56
7
15
16
14
13
17
18
19
20
21
22
23
24
75%
65%
95%
100%
85%
COM
30%
20%
IN
50%
40%
10%
COM
5%
15%
25%
35%
45%
90%
80%
70%
60% 55% N/C
SP24A Style 20-Tap Schematic


Similar Part No. - SP24A-3007

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
SP24 RHOMBUS-IND-SP24 Datasheet
43Kb / 1P
   SP24 Series 20-Tap High Performance Passive Delay Modules
logo
List of Unclassifed Man...
SP24 ETC2-SP24 Datasheet
178Kb / 3P
   Heat Shrink
logo
Littelfuse
SP24-01WTG-C-HV LITTELFUSE-SP24-01WTG-C-HV Datasheet
1,014Kb / 6P
   100W Discrete Bidirectional TVS Diode
logo
Shanghai Leiditech Elec...
SP24-01WTG-C-HV LEIDITECH-SP24-01WTG-C-HV Datasheet
907Kb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
Rhombus Industries Inc.
SP24-1001 RHOMBUS-IND-SP24-1001 Datasheet
43Kb / 1P
   SP24 Series 20-Tap High Performance Passive Delay Modules
More results

Similar Description - SP24A-3007

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
SP24 RHOMBUS-IND-SP24 Datasheet
43Kb / 1P
   SP24 Series 20-Tap High Performance Passive Delay Modules
SIP4 RHOMBUS-IND-SIP4 Datasheet
30Kb / 1P
   SIP4 Series 5-Tap High Performance Passive Delay Modules
TZA1-5 RHOMBUS-IND-TZA1-5 Datasheet
35Kb / 1P
   TZA / TYA Series 5-Tap High Performance Passive Delay Modules
SIP16 RHOMBUS-IND-SIP16 Datasheet
27Kb / 1P
   19-Pin SIP 16-Tap High Performance Passive Delay Modules
AIZ-55 RHOMBUS-IND-AIZ-55 Datasheet
76Kb / 2P
   AIZ Series Passive 10-Tap DIP/SMD Delay Modules
logo
Bel Fuse Inc.
S469-0005-XX BEL-S469-0005-XX Datasheet
49Kb / 1P
   10 TAP 14 PIN DIP PASSIVE DELAY MODULES
0475-0005-50 BEL-0475-0005-50 Datasheet
57Kb / 1P
   5 TAP 7 PIN SIP PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
AMZ-2.55 RHOMBUS-IND-AMZ-2.55 Datasheet
42Kb / 1P
   AMZ & AMY Series Passive 5-Tap DIP/SMD Delay Modules
TF50-5 RHOMBUS-IND-TF50-5_1 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
SIP5 RHOMBUS-IND-SIP5 Datasheet
34Kb / 1P
   SIP5 Series 10-Tap High Performance Passive Delays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com