Electronic Components Datasheet Search |
|
SP24A-255 Datasheet(PDF) 1 Page - Rhombus Industries Inc. |
|
SP24A-255 Datasheet(HTML) 1 Page - Rhombus Industries Inc. |
|
1 / 1 page 15801 Chemical Lane, Huntington Beach, CA 92649-1595 Phone: (714) 898-0960 • FAX: (714) 896-0971 www.rhombus-ind.com • email: sales@rhombus-ind.com Rhombus Industries Inc. For other values & Custom Designs, contact factory. Specifications subject to change without notice. SP24A 9901 Electrical Specifications 1, 2, 3 at 25OC Note: For SMD Package Add "G" to end of P/N in Table Below 1. Rise Times are measured from 10% to 90% points. 2. Delay Times measured at 50% points of leading edge. 3. Output (100% Tap) terminated to ground through R L=ZO Fast Rise Time, Low DCR High Bandwidth 0.35 / t r Low Distortion LC Network 20 Equal Delay Taps Standard Impedances: 50 - 75 - 100 - 200 Ω Stable Delay vs. Temperature: 100 ppm/OC Operating Temperature Range -55OC to +125OC Operating Specifications - Passive Delay Lines Pulse Overshoot (Pos) .................................... 5% to 10%, typical Pulse Distortion (S) ...................................................... 3% typical Working Voltage ............................................. 25 VDC maximum Dielectric Strength .......................................... 100VDC minimum Insulation Resistance ......................... 1,000 M Ω min. @ 100VDC Temperature Coefficient ................................. 70 ppm/OC, typical Bandwidth (f C) ....................................................... 0.35/ t r approx. Operating Temperature Range ............................ -55O to +125OC Storage Temperature Range ............................... -65O to +150OC SP24A Series 20-Tap High Performance Passive Delay Modules Alternate Pinout, Similar 20 Tap Electricals, refer to Series SP24 Also, for same 24-Pin package and Single Output refer to Series SP241 .590 (14.99) .600 (15.24) 1.270 (32.30) .295 (7.49) MAX. .020 (0.51) .120 (3.05) MIN. .010 (0.25) TYP. TYP. MAX. MAX. .100 (2.54) TYP. .040 (1.02) TYP. .018 (0.46) TYP. .100 (2.54) TYP. .040 (1.02) TYP. .018 (0.46) TYP. .737 (18.72) .022 (0.56) .080 (2.03) .590 (14.99) 1.270 (32.30) MAX. MAX. TYP. .010 (0.25) TYP. .295 (7.49) MAX. Gull wing SMD Package Add suffix "G" to P/N. Example: SP24A-105G Default Thru-hole 24-Pin Package. Example: SP24A-105 Dimensions in Inches (mm) Total (ns) Tap-to-Tap (ns) 50 Ohm Part Number Rise Time max. (ns) DCR max. (Ohms) 75 Ohm Part Number Rise Time max. (ns) DCR max. (Ohms) 100 Ohm Part Number Rise Time max. (ns) DCR max. (Ohms) 200 Ohm Part Number Rise Time max. (ns) DCR max. (Ohms) 10 ± 0.50 0.5 ± 0.2 SP24A-105 2.5 1.0 SP24A-107 2.5 1.0 SP24A-101 2.8 1.3 SP24A-102 3.5 2.5 20 ± 1.00 1.0 ± 0.4 SP24A-205 3.7 1.7 SP24A-207 3.7 1.7 SP24A-201 3.7 1.8 SP24A-202 4.0 3.9 25 ± 1.25 1.25 ± 0.5 SP24A-255 4.0 1.8 SP24A-257 4.0 1.8 SP24A-251 4.0 2.1 SP24A-252 4.5 4.4 30 ± 1.50 1.5 ± 0.5 SP24A-305 4.8 1.9 SP24A-307 4.8 1.9 SP24A-301 4.8 2.3 SP24A-302 5.0 4.8 40 ± 2.00 2.0 ± 0.5 SP24A-405 5.5 2.1 SP24A-407 5.5 2.1 SP24A-401 5.5 2.4 SP24A-402 7.5 5.0 50 ± 2.50 2.5 ± 0.5 SP24A-505 6.0 2.2 SP24A-507 6.0 2.2 SP24A-501 6.2 2.6 SP24A-502 9.0 5.2 60 ± 3.00 3.0 ± 0.6 SP24A-605 7.0 2.4 SP24A-607 7.0 2.4 SP24A-601 7.1 2.7 SP24A-602 10.0 5.3 70 ± 3.50 3.5 ± 0.8 SP24A-705 7.9 2.6 SP24A-707 7.9 2.6 SP24A-701 8.1 2.8 SP24A-702 11.0 5.4 75 ± 3.75 3.75 ± 0.8 SP24A-755 8.7 2.6 SP24A-757 8.8 2.6 SP24A-751 8.8 2.9 SP24A-752 11.5 5.5 80 ± 4.00 4.0 ± 1.0 SP24A-805 9.4 2.8 SP24A-807 9.4 2.8 SP24A-801 9.5 3.0 SP24A-802 12.0 5.7 100 ± 5.00 5.0 ± 1.0 SP24A-1005 11.8 3.0 SP24A-1007 12.2 3.2 SP24A-1001 12.8 3.3 SP24A-1002 15.0 6.0 150 ± 7.50 7.5 ± 2.0 SP24A-1505 15.5 3.4 SP24A-1507 15.8 3.4 SP24A-1501 16.0 3.7 SP24A-1502 23.0 7.0 200 ± 10.0 10.0 ± 2.0 SP24A-2005 20.0 3.6 SP24A-2007 20.6 3.6 SP24A-2001 21.0 4.1 SP24A-2002 31.0 8.1 250 ± 12.5 12.5 ± 3.0 SP24A-2505 26.0 3.8 SP24A-2507 26.9 3.8 SP24A-2501 28.0 4.4 SP24A-2502 38.0 9.2 300 ± 15.0 15.0 ± 3.0 SP24A-3005 32.0 4.4 SP24A-3007 32.4 4.4 SP24A-3001 32.5 5.2 SP24A-3002 46.0 9.9 8 10 9 11 12 1 34 2 56 7 15 16 14 13 17 18 19 20 21 22 23 24 75% 65% 95% 100% 85% COM 30% 20% IN 50% 40% 10% COM 5% 15% 25% 35% 45% 90% 80% 70% 60% 55% N/C SP24A Style 20-Tap Schematic |
Similar Part No. - SP24A-255 |
|
Similar Description - SP24A-255 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |