Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4016 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ4016
Description  1024Kx8 Nonvolatile SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4016 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ4016 Datasheet HTML 3Page - Texas Instruments BQ4016 Datasheet HTML 4Page - Texas Instruments BQ4016 Datasheet HTML 5Page - Texas Instruments BQ4016 Datasheet HTML 6Page - Texas Instruments BQ4016 Datasheet HTML 7Page - Texas Instruments BQ4016 Datasheet HTML 8Page - Texas Instruments BQ4016 Datasheet HTML 9Page - Texas Instruments BQ4016 Datasheet HTML 10Page - Texas Instruments BQ4016 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
bq4016/bq4016Y
Power-Down/Power-Up Cycle (TA = 0 to 70°C)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions
tPF
VCC slew, 4.75 to 4.25 V
300
-
-
µs
tFS
VCC slew, 4.25 to VSO
10
-
-
µs
tPU
VCC slew, VSO to VPFD (max.)
0
-
-
µs
tCER
Chip enable recovery time
40
80
120
ms
Time during which
SRAM is write-protected
after VCC passes VFPD on
power-up.
tDR
Data-retention time in
absence of VCC
10
-
-
years
TA = 25°C. (2)
tWPT
Write-protect time
40
100
150
µs
Delay after VCC slews
down past VPFD before
SRAM is write-protected.
Notes:
1.
Typical values indicate operation at TA = 25°C, VCC = 5V.
2.
Batteries are disconnected from circuit until after VCC is applied for the first time. tDR is the
accumulated time in absence of power beginning when power is first applied to the device.
Caution:
Negative undershoots below the absolute maximum rating of -0.3V in battery-backup mode
may affect data integrity.
Power-Down/Power-Up Timing
Sept. 1996 B
8


Similar Part No. - BQ4016

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4016 TI1-BQ4016 Datasheet
897Kb / 14P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
BQ4016MC-70 TI1-BQ4016MC-70 Datasheet
897Kb / 14P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
BQ4016Y TI1-BQ4016Y Datasheet
897Kb / 14P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
BQ4016YMC-70 TI1-BQ4016YMC-70 Datasheet
897Kb / 14P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
BQ4016 TI1-BQ4016_14 Datasheet
897Kb / 14P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4016

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4016 TI1-BQ4016_14 Datasheet
897Kb / 14P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1220Y DALLAS-DS1220Y Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
DS1225AB DALLAS-DS1225AB Datasheet
147Kb / 10P
   64k Nonvolatile SRAM
DS1249Y DALLAS-DS1249Y Datasheet
153Kb / 8P
   2048k Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com