Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2412B Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # 2412B
Description  Direct-Wire Photoelectronic Smoke Detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

2412B Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  2412B Datasheet HTML 1Page - Systemsensor advanced ideas. 2412B Datasheet HTML 2Page - Systemsensor advanced ideas. 2412B Datasheet HTML 3Page - Systemsensor advanced ideas. 2412B Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Models Available
2400/2400A Photoelectronic
2400TH Photoelectronic with Thermal
2412B/2412BA Photoelectronic
2412THB Photoelectronic with Thermal
2424 Photoelectronic
2424TH Photoelectronic with Thermal
400 Series
Direct-Wire Photoelectronic
Smoke Detector
© System Sensor 2/97
This document is not intended to be used for installation purposes.
A05-194-03
APPROVED
A Division of Pittway
3825 Ohio Avenue, St. Charles, IL 60174
1-800-SENSOR2 (736-7672), Fax 630-377-6495
http://www.systemsensor.com
Features
• 12 or 24 volt operation
• Unique optical sensing chamber
• Removable cover and insect screen for easy
cleaning
• Visible LED blinks in standby, latches on in
alarm
• Sealed against dirt, insects, and back pressure
• Field sensitivity metering of detector to meet NFPA 72
requirements
• Twist-on mounting bracket with tamper option
• SEMS screws for easy wiring
• 3-year warranty
• Optional built-in 135
°F (57°C) heat sensor
Specifications
Size:
3.2
″ (8.1 cm) h, 5.5″ (13.9 cm)
dia. with mounting bracket;
add .5
″ (1.27 cm) to height for
thermal
Shipping Weight:
0.5 lb. (227 g)
Operating Temperature Range:
Thermal Models:
32
°F to 100°F (0°C to 38°C)
All Other Models:
32
°F to 120°F (0°C to 49°C)
Operating
Humidity Range:
10 – 93% RH noncondensing
Air Velocity Rating:
3000 fpm
Wiring Gauge:
12 – 18 AWG, twisted pair
recommended
Mounting:
31/2
″ or 4″ octagon box,
4
″ square box with plaster ring,
50, 60, 75 mm boxes
Smoke Detector Spacing:
On smooth ceilings (as defined in NFPA 72), spacing
of 30 feet (900 sq. ft.) may be used as a guide. Other
spacing may be used depending on ceiling height,
high air movements, and other conditions or response
requirements.
Sensitivity:
3.0%
± .7 ft. nominal
Test Features:
1. Test port – Insert 0.1 inch maximum diameter allen
wrench or screwdriver into test port on detector
housing.
2. Test card – After removing detector cover, insert
calibrated test card into test slot on screen.
3. Test module – Using a standard voltmeter interface,
insert MOD400R plug into detector’s module port.
Fulfills calibrated sensitivity test per NFPA 72.
Thermal Sensor Rating
(thermal models only): 135
°F fixed temperature
restorable


Similar Part No. - 2412B

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2412B SYSTEMSENSOR-2412B Datasheet
283Kb / 4P
   400 Series Direct-Wire Photoelectronic Smoke Detector
2412BA SYSTEMSENSOR-2412BA Datasheet
283Kb / 4P
   400 Series Direct-Wire Photoelectronic Smoke Detector
More results

Similar Description - 2412B

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
A05-0194 SYSTEMSENSOR-A05-0194 Datasheet
283Kb / 4P
   400 Series Direct-Wire Photoelectronic Smoke Detector
300SERIES SYSTEMSENSOR-300SERIES Datasheet
487Kb / 4P
   Photoelectronic Smoke Detector
2400AT SYSTEMSENSOR-2400AT Datasheet
196Kb / 4P
   Direct Wire Photoelectronic with Fixed Heat Smoke Detectors
2412AT SYSTEMSENSOR-2412AT Datasheet
195Kb / 4P
   Direct Wire Photoelectronic with Fixed Heat Smoke Detectors
2100TR SYSTEMSENSOR-2100TR Datasheet
109Kb / 4P
   Photoelectronic Smoke Detector with Fixed Heat
2312T SYSTEMSENSOR-2312T Datasheet
761Kb / 2P
   Photoelectronic Smoke detector with Electronic Heat Sensing
2112 SYSTEMSENSOR-2112 Datasheet
85Kb / 4P
   Photoelectronic Smoke Detectors
2100 SYSTEMSENSOR-2100 Datasheet
239Kb / 4P
   Photoelectronic Smoke Detectors
2100D SYSTEMSENSOR-2100D Datasheet
209Kb / 4P
   Photoelectronic Smoke Detectors
logo
Gamewell-FCI by Honeywe...
2451 GAMEWELL-FCI-2451 Datasheet
60Kb / 2P
   Photoelectronic Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com