Selected language     English  Ôľ╝


T-10306 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-10306
Description  Single Dual T1/CEPT Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
NAME:
RHOMBUS INDUSTRIES INC.
FSCM NO. 16714
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 OF 1
T-10200
T1/CEPT PULSE TRANSFORMER
SCHEMATIC DIAGRAM:
PHYSICAL DIMENSIONS
All dimensions in inches (mm):
2/19/96
PARAMETER
MIN.
MAX.
UNITS
Open Circuit Inductance
1.2
mHy
Oscillation Voltage = 20mV
Oscillation Frequency = 100.0 KHz
Leakage Inductance
0.50
┬ÁHy
Oscillation Level = 20mV
Oscillation Frequency = 100.0 KHz
Interwinding Capacitance (C
W/W)
25
pF
Oscillation Frequency = 100.0 KHz
Primary DC Resistance
0.7
ohms
Secondary DC Resistance
0.7
ohms
Isolation (HI-POT)
1.5 Kv
VRMS
Turns Ratio ( + 5% )
1:1:1
R
UL 1459 Recognized
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Temperature Characteristics:
-40o C 700
┬ÁH min. (40% drop in
inductance)
+85o C 1.4 mH min. (15% growth in
inductance)
Typical part:
1.7 mH @ +25o C
2.0 mH @ +85o C
1.0 mH @ -40o C
Parts shipped in anti-static
tubes. 50 pieces per tube
www.rhombus-ind.com




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PL-11Low Power Transformers Single Primary Input 115 Volts Dual Secondary: PL-11 thru -14 Single Secondary: PL-32 thru -34 1 2 3 4 Vishay Siliconix
NLAS9431Low Voltage Single Supply Dual DPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
T-11300General Purpose Dual Package Transformers 1 Rhombus Industries Inc.
MSKW20005W 2:1 Wide Input Range SMD Single & Dual Output DC/DC Converters 1 2 3 4 5 MoreMinmax Technology Co., Ltd.
RAC40-3.3SA40 Watt Single Dual & Triple Output 1 2 Recom International Power
RJ-1.81.8S_061 Watt DIP14 Single & Dual Output 1 2 3 Recom International Power
RP20-123.3SE_0620 Watt Single Dual & Triple Output 1 2 3 4 Recom International Power
RTS-053.3_062 Watt SMD Single & Dual Output 1 2 3 Recom International Power
CA741_010.9MHz Single and Dual High Gain Operational Amplifiers for Military Industrial and Commercial Applications 1 2 3 4 5 MoreIntersil Corporation
ISL43841_04Low-Voltage Single and Dual Supply Dual 4 to 1 Multiplexer Analog Switch with Latch 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl