Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4285P- Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ4285P-
Description  Real-Time Clock RTC With NVRAM Control
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4285P- Datasheet(HTML) 3 Page - Texas Instruments

  BQ4285P- Datasheet HTML 1Page - Texas Instruments BQ4285P- Datasheet HTML 2Page - Texas Instruments BQ4285P- Datasheet HTML 3Page - Texas Instruments BQ4285P- Datasheet HTML 4Page - Texas Instruments BQ4285P- Datasheet HTML 5Page - Texas Instruments BQ4285P- Datasheet HTML 6Page - Texas Instruments BQ4285P- Datasheet HTML 7Page - Texas Instruments BQ4285P- Datasheet HTML 8Page - Texas Instruments BQ4285P- Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
AS
Address strobe input
AS serves to demultiplex the address/data
bus. The falling edge of AS latches the ad-
dress on AD0–AD7.
This demultiplexing
process is independent of the CS signal.
DS
Data strobe input
With MOT= VSS, the DS input is provideda sig-
nal similar to RD, MEMR, or I/OR in an
Intel-based system. The falling edge on DS
is used to enable the outputs during a read
cycle.
R/W
Read/write input
With MOT= VSS, R/W is provideda signal simi-
lar to WR, MEMW, or I/OW in an Intel-
based system.
The rising edge on R/W
latches data into the bq4285.
INT
Interrupt request output
INT is an open-drain output.
INT is as-
serted low when any event flag is set and
the corresponding event enable bit is also
set.
INT
becomes
high-impedance
whenever register C is read (see the Con-
trol/Status Registers section).
RST
Reset input
The bq4285 is reset when RST is pulled
low.
When reset, INT becomes high-
impedance, and the bq4285 is not accessi-
ble. Table 4 in the Control/Status Registers
section lists the register bits that are
cleared by a reset.
Reset may be disabled by connecting RST
to VCC. This allows the control bits to re-
tain
their
states
through
power-
down/power-up cycles.
SQW
Square-wave output
SQW may output a programmable fre-
quency square-wave signal during normal
(VCC valid) system operation. Any one of
the 13 specific frequencies may be selected
through register A.
This pin is held low
when the square-wave enable bit (SQWE)
in register B is 0 (see the Control/Status
Registers section).
BC
3V backup cell input
BC should be connected to a 3V backup cell
for RTC operation and storage register non-
volatility in the absence of power.
When
VCC slews down past VBC (3V typical), the
integral
control
circuitry
switches
the
power source to BC.
When VCC returns
above VBC, the power source is switched to
VCC.
Upon power-up, a voltage within the VBC
range must be present on the BC pin for
the oscillator to start up.
X1–X2
Crystal inputs
The X1–X2 inputs are provided for an ex-
ternal 32.768Khz quartz crystal, Daiwa
DT-26 or equivalent, with 6pF load capaci-
tance. A trimming capacitor may be neces-
sary for extremely precise time-base gen-
eration.
CEIN
External RAM chip enable input,
active low
CEIN should be driven low to enable the
controlled external RAM. CEIN is internally
pulled up with a 50K
Ω resistor.
CEOUT
External RAM chip enable output,
active low
When power is valid, CEOUT reflects CEIN.
VOUT
Supply output
VOUT provides the higher of VCC or VBC,
switched internally, to supply external RAM.
VCC
+5V supply
VSS
Ground
3
bq4285


Similar Part No. - BQ4285P-

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4285P-SB2 TI1-BQ4285P-SB2 Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock (RTC) With NVRAM Control
More results

Similar Description - BQ4285P-

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4285 TI1-BQ4285_14 Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock (RTC) With NVRAM Control
BQ4287 TI-BQ4287 Datasheet
142Kb / 8P
[Old version datasheet]   Real-Time Clock Module With NVRAM Control
BQ4287MT-SB2 TI-BQ4287MT-SB2 Datasheet
376Kb / 10P
[Old version datasheet]   Real-Time Clock Module With NVRAM Control
logo
STMicroelectronics
M41T56 STMICROELECTRONICS-M41T56_11 Datasheet
483Kb / 27P
   Serial real-time clock (RTC) with 56 bytes NVRAM
M41T11 STMICROELECTRONICS-M41T11_11 Datasheet
231Kb / 30P
   Serial real-time clock (RTC) with 56 bytes of NVRAM
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
[Old version datasheet]   Real-Time Clock RTC
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
[Old version datasheet]   REAL-TIME CLOCK (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com