Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2451 Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # 2451
Description  4-Wire Duct Smoke Detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

2451 Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  2451 Datasheet HTML 1Page - Systemsensor advanced ideas. 2451 Datasheet HTML 2Page - Systemsensor advanced ideas. 2451 Datasheet HTML 3Page - Systemsensor advanced ideas. 2451 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
A05-201-02
SAMPLING TUBE
FILTERS
CONDUIT HOLES
DUCT DETECTOR
HOUSING
PC BOARD
INSULATOR
DUCT DETECTOR
COVER
SAMPLING TUBE
MOUNTING
SCREWS
DETECTOR HEAD
EXHAUST
FILTER ADAPTER
DETECTOR BASE
INLET SAMPLING TUBE
(SUPPLIED SEPARATELY)
O-RINGS
FOAM
GASKETS
HOUSING
MOUNTING SCREWS
TEST MAGNET
TUBE
END
PLUG
Exploded View of
DH400ACDC Duct
Detector Components
Architectural/Engineering Specifications
The air duct smoke detector shall be a System Sensor
Model DH400ACDC Series Duct Smoke Detector. The
detector housing shall be UL listed per UL 268A
specifically for use in air handling systems. The detector
shall operate at air velocities of 500 feet per minute to
4000 feet per minute. The detector housing shall be
equipped with an integral mounting base capable of
accommodating either photoelectronic or ionization
detector heads. It shall be capable of local testing via
magnetic switch or remote testing using the RTS451KEY
Remote Test Station. The duct detector housing shall
incorporate an airtight smoke chamber in compliance with
UL 268A, Standard for Smoke Detectors for Duct
Applications. The housing shall be capable of mounting to
either rectangular or round ducts without adapter
brackets. An integral filter system shall be included to
reduce dust and residue effects on detector and housing,
thereby reducing maintenance and servicing. Sampling
tubes shall be installed after the housing is mounted to the
duct by passing through the duct housing. Terminal
connections shall be of the strip and clamp method
suitable for 14–18 AWG wiring.
Electrical Ratings – DH400ACDC
Power Supply Voltage
20 - 29 VDC
24 VAC 50 - 60 Hz
120 VAC 50 - 60 Hz
220/240 VAC 50 - 60 Hz
CURRENT REQUIREMENTS (USING NO ACCESSORIES)
Max. standby current
25 mA
35 mA RMS
20 mA RMS
20 mA RMS
Max. alarm current
95 mA
55 mA RMS
55 mA RMS
30 mA RMS
CONTACT RATINGS
Alarm initiation contacts (SPST)
2.0A @ 30 VAC/DC (0.6 power factor)
Alarm auxiliary contacts (DPDT)
10A @ 30 VDC
10A @ 277 VAC (0.75 power factor)
240 VA @ 240 VAC (0.4 power factor)
1/8 HP @ 120 VAC
1/4 HP @ 240 VAC
Trouble contacts (SPST)
0.3A @ 32 VDC (resistive)
ACCESSORY CURRENT LOADS AT 24 VDC
DEVICE
APA451
PA400
RA400Z
RTS451KEY
STANDBY
12mA MAX
0mA
0mA
0mA*
ALARM
30mA MAX
15mA MAX
7mA MAX
7mA MAX*
ANY COMBINATION OF ACCESSORIES MAY BE
USED SUCH THAT THE GIVEN CURRENT LOADS TOTAL:
100mA OR LESS IN THE STANDBY STATE,
150mA OR LESS IN THE ALARM STATE.
*NOTE: WHEN INITIATING AN ALARM, THE RTS451
REQUIRES 71mA MAXIMUM IN PRE-ALARM
AND 78mA MAXIMUM IN ALARM. NOMINAL
STANDBY CURRENT IS 0mA. ALARM CURRENT
IS 7mA MAXIMUM WHEN TEST MAGNET IS
REMOVED.


Similar Part No. - 2451

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
2451 GAMEWELL-FCI-2451 Datasheet
60Kb / 2P
   Photoelectronic Detector
logo
KR Electronics, Inc.
2451 KR-2451 Datasheet
22Kb / 2P
   Bandpass Filter
logo
Pomona Electronics
2451 POMONA-2451 Datasheet
21Kb / 1P
   BNC Female Panel Receptacle
logo
Heyco.
2451 HEYCO-2451 Datasheet
135Kb / 1P
   Large Dome Plugs
logo
KR Electronics, Inc.
2451-S KR-2451-S Datasheet
48Kb / 2P
   140 MHz Bandpass
More results

Similar Description - 2451

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
DH100ACDCI SYSTEMSENSOR-DH100ACDCI Datasheet
289Kb / 4P
   4-Wire Ionization Duct Smoke Detector
D4120 SYSTEMSENSOR-D4120 Datasheet
1Mb / 4P
   4-Wire Photoelectric Duct Smoke Detector
D4120W SYSTEMSENSOR-D4120W Datasheet
1Mb / 4P
   Watertight 4-Wire Photoelectric Duct Smoke Detector
logo
Greystone Energy System...
DSD GREYSTONE-DSD Datasheet
670Kb / 2P
   DUCT SMOKE DETECTOR
01/20
logo
Systemsensor advanced i...
DH100ACDCLP SYSTEMSENSOR-DH100ACDCLP Datasheet
268Kb / 4P
   4-Wire Photoelectric Low-Flow Duct Smoke Detector
DH100ACDCLWP SYSTEMSENSOR-DH100ACDCLWP Datasheet
304Kb / 4P
   Watertight 4-Wire Low-Flow Duct Smoke Detector
APA151 SYSTEMSENSOR-APA151 Datasheet
750Kb / 2P
   Duct Smoke Detector Accessories
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
DH100I SYSTEMSENSOR-DH100I Datasheet
205Kb / 4P
   2-Wire Low-Profile Duct Smoke Detector
DH100P SYSTEMSENSOR-DH100P Datasheet
134Kb / 4P
   2-Wire Low-Profile Duct Smoke Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com