Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2475ADA Datasheet(PDF) 4 Page - Systemsensor advanced ideas.

Part # PS2475ADA
Description  Signaling Strobe and Sounder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

PS2475ADA Datasheet(HTML) 4 Page - Systemsensor advanced ideas.

  PS2475ADA Datasheet HTML 1Page - Systemsensor advanced ideas. PS2475ADA Datasheet HTML 2Page - Systemsensor advanced ideas. PS2475ADA Datasheet HTML 3Page - Systemsensor advanced ideas. PS2475ADA Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
A05-250-02
Ordering Information
Signaling Strobe – UL 1971 Compliant
Strobe and Sounder
Operating
Current Combined
Peak
Red
White
Product
Voltage
(Average mA)
Candela
(dBA)*
PS2415ADA
PS2415ADAW
Signaling Strobe/Sounder
24 VDC
90
15
90 dBA
PS241575ADA
PS241575ADAW
Signaling Strobe/Sounder
24 VDC
108
15/75**
90 dBA
PS2475ADA
PS2475ADAW
Signaling Strobe/Sounder
24 VDC
185
75
90 dBA
PS24110ADA
PS24110ADAW
Signaling Strobe/Sounder
24 VDC
225
110
90 dBA
PS1215ADA
PS1215ADAW
Signaling Strobe/Sounder
12 VDC
185
15
83 dBA
PS121575ADA
PS121575ADAW
Signaling Strobe/Sounder
12 VDC
240
15/75**
83 dBA
PS-FP
PS-FPW
Semi-Flush Mounting Plate
*dBA measured in anechoic room at 10 feet.
**Measured to be 75 cd at 0˚ viewing angle (See Light Distribution Graph).
How to Order
PS1215ADAW
W = White Strobe
12 = 12 Volt
24 = 24 Volt
SS = Signal Strobe
PS = Mini-Alert Sounder/Strobe
RP = Retrofit Plate
MASS = Multi-Alert Sounder/Strobe
MAEH = Multi-Alert Sounder/Strobe with Electromechanical Tone
V4R = 400 Series Speaker, Red
SP1R = SP101 Series Speaker (Strobe), Red
SP1W = SP101 Series Speaker (Strobe), White
15 = 15 cd, UL 1971 Strobe
1575 = 15 cd, UL 1971
75 = 75 cd, UL 1971 Strobe
110 = 110 cd, UL 1971 Strobe
System Sensor Worldwide Distribution
In Canada:
System Sensor Canada
6581 Kitimat Road, Unit #7
Mississauga, Ontario
Canada L5N 3T5
Telephone: 905-812-0767
Fax: 905-812-0771
In the United Kingdom:
System Sensor Europe, Ltd.
Horsham Gates III, North St.
Horsham, West Sussex
RH13 5PJ, United Kingdom
Telephone: 44-1403-276500
Fax: 44-1403-276501
In India:
System Sensor India
A-204 Maheshwari Nagar
Orkay Mills Lane
Andheri East, Mumbai 400093
Telefax: 91-022-8202564
In the Far East:
System Sensor
Pittway Far East, Ltd.
Suite 706, World Shipping Centre
7 Canton Road
Tsimshatsui, Kowloon, Hong Kong
Telephone: 852-2730-9090
Fax: 852-2736-6580


Similar Part No. - PS2475ADA

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
PS24 DBLECTRO-PS24 Datasheet
365Kb / 2P
   Monostable or bistable relays Single and double Coil magnet latching Type available
logo
GOOD-ARK Electronics
PS24 GOOD-ARK-PS24 Datasheet
452Kb / 4P
   Surface Mount Schottky Rectifier
logo
Clare, Inc.
PS2401 CLARE-PS2401 Datasheet
85Kb / 5P
   AC Power Switch
PS2401 CLARE-PS2401 Datasheet
91Kb / 4P
   AC Power Switch
PS2401 CLARE-PS2401 Datasheet
101Kb / 5P
   AC Power Switch
More results

Similar Description - PS2475ADA

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LVW5AM OSRAM-LVW5AM Datasheet
999Kb / 23P
   Traffic lights and signaling
LAE63F OSRAM-LAE63F Datasheet
594Kb / 22P
   Signaling
logo
Gamewell-FCI by Honeywe...
B200SR GAMEWELL-FCI-B200SR Datasheet
48Kb / 1P
   Sensor Sounder Base
logo
Systemsensor advanced i...
CH1224 SYSTEMSENSOR-CH1224 Datasheet
244Kb / 2P
   Chime and Chime Strobe
SS12 SYSTEMSENSOR-SS12 Datasheet
155Kb / 4P
   Signaling Strobes
B401BH SYSTEMSENSOR-B401BH Datasheet
106Kb / 4P
   Sounder Bases
logo
List of Unclassifed Man...
MX803A ETC-MX803A Datasheet
225Kb / 26P
   Audio Signaling Processor
logo
Asahi Kasei Microsystem...
AK2363 AKM-AK2363 Datasheet
495Kb / 33P
   Radio Signaling LSI
logo
Murata Manufacturing Co...
PKM22EPH2001 MURATA1-PKM22EPH2001_V01 Datasheet
342Kb / 8P
   Specification of Piezoelectric Sounder
December 27, 2017
PKM22EPH2002 MURATA1-PKM22EPH2002_V01 Datasheet
342Kb / 8P
   Specification of Piezoelectric Sounder
December 28, 2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com