Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZC25 Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # ZC25
Description  Flow Switch Tester
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

ZC25 Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  ZC25 Datasheet HTML 1Page - Systemsensor advanced ideas. ZC25 Datasheet HTML 2Page - Systemsensor advanced ideas. ZC25 Datasheet HTML 3Page - Systemsensor advanced ideas. ZC25 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
System Sensor’s Zonecheck flow switch tester is an automatic method for
performing quarterly flow switch tests per NFPA 25.
Code Compliance.
Quarterly flow switch tests are mandated by NFPA 25.
Zonecheck simplifies testing by re-circulating the water within the pipe around
the flow switch, to simulate the flow of one sprinkler head in operation. This
simulation is achieved without having to open the inspector’s test connection.
Environmental Savings.
Zonecheck re-circulates the water within the pipe, so no
water is expelled from the system. Over the course of one year, Zonecheck can
save as much as 400 gallons of water per flow switch, per year.
Ensured Life Safety.
Since Zonecheck does not require opening the inspector’s
test connection, a building’s fire pump is not activated, to avoid unnecessary fire
department dispatches. This also reduces the likelihood of the fire pump being
turned off manually during flow switch testing, thereby ensuring the sprinkler
system’s integrity.
Time Savings.
Zonecheck’s pump is activated by the turn of a key switch. The
key switch may be wired to initiate one pump locally, or can be interconnected.
When interconnected, any key switch may activate all Zonecheck pumps, to
significantly reduce testing time.
Applications Flexibility.
All Zonechecks are equipped with a System Sensor flow
switch. Models include manifold and retrofit configurations with either 110V or
220V pumps, and UL, ULC, or International style flow switches.
Simplifies compliance to NFPA 25 for
quarterly flow switch testing
Does not require opening the inspector’s
test connection
Saves as much as 400 gallons of water
per flow switch per year
Does not activate the building’s fire pump
Testing initiated by a key switch
Key switches may be interconnected
to control all Zonechecks from one
master switch
Significantly reduces testing time
Includes a System Sensor flow switch
with each model
Offered in manifold and retrofit
configurations
Product Overview
UL/FM Models
with
110 V Pump
ZC20
ZC25
ZC30
ZC40
ULC Models
with
110 V Pump
ZC20A
ZC25A
ZC30A
ZC40A
Manifold Models
UL/FM Models
with
110V Pump
ZCR20
ZCR25
ZCR30
ZCR40
ZCR60
ZCR80
ULC Models
with
110V Pump
ZCR20A
ZCR25A
ZCR30A
ZCR40A
ZCR60A
ZCR80A
International
Models with
220V Pump
ZCR20E
ZCR25E
ZCR30E
ZCR40E
ZCR60E
ZCR80E
Retrofit Models
ZCK-1 Zonecheck 110V Keyswitch
ZCK-1E Zonecheck 220V Keyswitch
ZCK-1EG Zonecheck 220V Keyswitch (German)
ZCP-110 Zonecheck 110V Pump
ZCP-220 Zonecheck 220V Pump
ZCRK Zonecheck Replacement Kit
Replacement Parts
Zonecheck
Flow Switch Tester
SPRINKLER
SYSTEMS
MONITORING
Zonecheck Manifold Model


Similar Part No. - ZC25

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
ZC2512 RCD-ZC2512 Datasheet
69Kb / 1P
   THICK FILM CHIP RESISTORS AND JUMPERS
ZC2512B RCD-ZC2512B Datasheet
69Kb / 1P
   THICK FILM CHIP RESISTORS AND JUMPERS
ZC2512BP RCD-ZC2512BP Datasheet
69Kb / 1P
   THICK FILM CHIP RESISTORS AND JUMPERS
ZC2512BU RCD-ZC2512BU Datasheet
69Kb / 1P
   THICK FILM CHIP RESISTORS AND JUMPERS
ZC2512P RCD-ZC2512P Datasheet
69Kb / 1P
   THICK FILM CHIP RESISTORS AND JUMPERS
More results

Similar Description - ZC25

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
ZCK-1 SYSTEMSENSOR-ZCK-1 Datasheet
74Kb / 2P
   Zonecheck Keyswitch for Control and Monitoring of the Zonecheck Flow Switch Tester
logo
Greystone Energy System...
GLFS1 GREYSTONE-GLFS1 Datasheet
129Kb / 1P
   LIQUID FLOW SWITCH
logo
List of Unclassifed Man...
M-201-T ETC-M-201-T Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
logo
Agilent(Hewlett-Packard...
U8101A HP-U8101A Datasheet
458Kb / 14P
   Display Tester
logo
TT Electronics.
DS1432 TTELEC-DS1432 Datasheet
329Kb / 2P
   Explosion Proof Flow Switch
DS1434 TTELEC-DS1434 Datasheet
327Kb / 2P
   Paddle Liquid Flow Switch
DS1433 TTELEC-DS1433 Datasheet
326Kb / 2P
   Adjustable Liquid Flow Switch
logo
Pepperl+Fuchs Inc.
1-1350 PF-1-1350 Datasheet
245Kb / 1P
   Initiator tester
logo
Belden Inc.
SMPTE-304TS BELDEN-SMPTE-304TS Datasheet
621Kb / 2P
   SMPTE Tester
logo
Pepperl+Fuchs Inc.
ST03 PF-ST03 Datasheet
957Kb / 1P
   Sensor tester
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com