Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZC30 Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # ZC30
Description  Flow Switch Tester
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

ZC30 Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  ZC30 Datasheet HTML 1Page - Systemsensor advanced ideas. ZC30 Datasheet HTML 2Page - Systemsensor advanced ideas. ZC30 Datasheet HTML 3Page - Systemsensor advanced ideas. ZC30 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Flow Switch Included with Zonecheck
UL/FM Models with 110V Pump
Retrofit Model
Manifold Model
Flow Switch Model Included
ZCR20
ZC20
WFD20
ZCR25
ZC25
WFD25
ZCR30
ZC30
WFD30-2
ZCR40
ZC40
WFD40
ZCR60
WFD60
ZCR80
WFD80
ULC Models with 110 V Pump
Retrofit Model
Manifold Model
Flow Switch Model Included
ZCR20A
ZC20A
WFD20A
ZCR25A
ZC25A
WFD25A
ZCR30A
ZC30A
WFD30-2A
ZCR40A
ZC40A
WFD40A
ZCR60A
WFD60A
ZCR80A
WFD80A
International Models with 220V Pump
Retrofit Model
Flow Switch Model Included
ZCR20E
WFD20E
ZCR25E
WFD25E
ZCR30E
WFD30E
ZCR40E
WFD40E
ZCR60E
WFD60E
ZCR80E
WFD80E
For flow switch specifications, refer to the appropriate flow switch
instructions manuals.
Standard Specifications
Working Pressure Rating
175 PSI
Operating Temperature Range
32°F - 120°F (0°C - 49°C)
Compatible Pipe (Manifold Models)
Schedule 10, 2
″ - 4″ diameter
Compatible Pipe (Retrofit Models)
Schedule 10 and 40, 2
″ - 8″ diameter
(50 mm through 200 mm)
Ser vice Use
Inspection, Testing and Maintenance of
Water-Based Fire Protection Systems:
NFPA25
National Fire Alarm Code: NFPA 72
Manifold Assembly Length
(Manifold Models)
25.6
″ (65 cm)
Component Connections (included)
(Manifold Models)
2 - 1
″ NPT/25mm British Standard
Thread elbows
Component Connections (included)
(Retrofit Models)
2 - 1
″ NPT/25mm British Standard
Thread elbows
2 - 25mm British Standard
Thread elbows
Valves (included)
Red: Standard valve
Green: Contains check valve
Warranty
3 years
Approximate Weight
Style
Weight
ZCR20
31 lbs. (14.1 kg)
ZCR25
31.5 lbs. (14.3 kg)
ZCR30
32 lbs. (14.5 kg)
ZCR40
33 lbs. (14.9 kg)
ZCR60
34 lbs. (15.4 kg)
ZCR80
35 lbs. (15.9 kg)
ZC20
37 lbs. (16.8 kg)
ZC25
39 lbs. (17.7 kg)
ZC30
41 lbs. (18.6 kg)
ZC40
45 lbs. (28.8 kg)
Electrical Specifications
Pump Operating Voltages
UL, ULC, FM models: 1.63A @ 110V,
60Hz
International models : 0.88A
@ 220V, 50Hz
Key Switch Operating Voltage
ZCK-1: 110VAC
ZCK-1E, ZCK-1EG: 220VAC
Key Switch Mounting Options
Includes back box for sur face or flush
mounting. For pre-wiring, use a
4
1116
″ x 41116″ back box.
Key Switch Operation Modes
Self-test: Wired locally
Group test: Interconnected
Key Switch LED Operation
Ready state: No LED
Test initiation: Green LED
Flow switch activation: Red LED for
ZCK-1
Flow switch activation: Green LED for
ZCK1E + ZCK1EG


Similar Part No. - ZC30

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZC3PD-18263-S MINI-ZC3PD-18263-S Datasheet
260Kb / 2P
   Power Splitter/Combiner
ZC3PD-18263-S++ MINI-ZC3PD-18263-S+ Datasheet
260Kb / 2P
   Power Splitter/Combiner
More results

Similar Description - ZC30

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
ZCK-1 SYSTEMSENSOR-ZCK-1 Datasheet
74Kb / 2P
   Zonecheck Keyswitch for Control and Monitoring of the Zonecheck Flow Switch Tester
logo
Greystone Energy System...
GLFS1 GREYSTONE-GLFS1 Datasheet
129Kb / 1P
   LIQUID FLOW SWITCH
logo
List of Unclassifed Man...
M-201-T ETC-M-201-T Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
logo
Agilent(Hewlett-Packard...
U8101A HP-U8101A Datasheet
458Kb / 14P
   Display Tester
logo
TT Electronics.
DS1432 TTELEC-DS1432 Datasheet
329Kb / 2P
   Explosion Proof Flow Switch
DS1434 TTELEC-DS1434 Datasheet
327Kb / 2P
   Paddle Liquid Flow Switch
DS1433 TTELEC-DS1433 Datasheet
326Kb / 2P
   Adjustable Liquid Flow Switch
logo
Pepperl+Fuchs Inc.
1-1350 PF-1-1350 Datasheet
245Kb / 1P
   Initiator tester
logo
Belden Inc.
SMPTE-304TS BELDEN-SMPTE-304TS Datasheet
621Kb / 2P
   SMPTE Tester
logo
Pepperl+Fuchs Inc.
ST03 PF-ST03 Datasheet
957Kb / 1P
   Sensor tester
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com