Electronic Components Datasheet Search |
|
ZC20A Datasheet(PDF) 2 Page - Systemsensor advanced ideas. |
|
ZC20A Datasheet(HTML) 2 Page - Systemsensor advanced ideas. |
2 / 4 page Flow Switch Included with Zonecheck UL/FM Models with 110V Pump Retrofit Model Manifold Model Flow Switch Model Included ZCR20 ZC20 WFD20 ZCR25 ZC25 WFD25 ZCR30 ZC30 WFD30-2 ZCR40 ZC40 WFD40 ZCR60 WFD60 ZCR80 WFD80 ULC Models with 110 V Pump Retrofit Model Manifold Model Flow Switch Model Included ZCR20A ZC20A WFD20A ZCR25A ZC25A WFD25A ZCR30A ZC30A WFD30-2A ZCR40A ZC40A WFD40A ZCR60A WFD60A ZCR80A WFD80A International Models with 220V Pump Retrofit Model Flow Switch Model Included ZCR20E WFD20E ZCR25E WFD25E ZCR30E WFD30E ZCR40E WFD40E ZCR60E WFD60E ZCR80E WFD80E For flow switch specifications, refer to the appropriate flow switch instructions manuals. Standard Specifications Working Pressure Rating 175 PSI Operating Temperature Range 32°F - 120°F (0°C - 49°C) Compatible Pipe (Manifold Models) Schedule 10, 2 ″ - 4″ diameter Compatible Pipe (Retrofit Models) Schedule 10 and 40, 2 ″ - 8″ diameter (50 mm through 200 mm) Ser vice Use Inspection, Testing and Maintenance of Water-Based Fire Protection Systems: NFPA25 National Fire Alarm Code: NFPA 72 Manifold Assembly Length (Manifold Models) 25.6 ″ (65 cm) Component Connections (included) (Manifold Models) 2 - 1 ″ NPT/25mm British Standard Thread elbows Component Connections (included) (Retrofit Models) 2 - 1 ″ NPT/25mm British Standard Thread elbows 2 - 25mm British Standard Thread elbows Valves (included) Red: Standard valve Green: Contains check valve Warranty 3 years Approximate Weight Style Weight ZCR20 31 lbs. (14.1 kg) ZCR25 31.5 lbs. (14.3 kg) ZCR30 32 lbs. (14.5 kg) ZCR40 33 lbs. (14.9 kg) ZCR60 34 lbs. (15.4 kg) ZCR80 35 lbs. (15.9 kg) ZC20 37 lbs. (16.8 kg) ZC25 39 lbs. (17.7 kg) ZC30 41 lbs. (18.6 kg) ZC40 45 lbs. (28.8 kg) Electrical Specifications Pump Operating Voltages UL, ULC, FM models: 1.63A @ 110V, 60Hz International models : 0.88A @ 220V, 50Hz Key Switch Operating Voltage ZCK-1: 110VAC ZCK-1E, ZCK-1EG: 220VAC Key Switch Mounting Options Includes back box for sur face or flush mounting. For pre-wiring, use a 4 11⁄16 ″ x 411⁄16″ back box. Key Switch Operation Modes Self-test: Wired locally Group test: Interconnected Key Switch LED Operation Ready state: No LED Test initiation: Green LED Flow switch activation: Red LED for ZCK-1 Flow switch activation: Green LED for ZCK1E + ZCK1EG |
Similar Part No. - ZC20A |
|
Similar Description - ZC20A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |