Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4011MA-85N Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ4011MA-85N
Description  128Kx8 Nonvolatile SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4011MA-85N Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ4011MA-85N Datasheet HTML 6Page - Texas Instruments BQ4011MA-85N Datasheet HTML 7Page - Texas Instruments BQ4011MA-85N Datasheet HTML 8Page - Texas Instruments BQ4011MA-85N Datasheet HTML 9Page - Texas Instruments BQ4011MA-85N Datasheet HTML 10Page - Texas Instruments BQ4011MA-85N Datasheet HTML 11Page - Texas Instruments BQ4011MA-85N Datasheet HTML 12Page - Texas Instruments BQ4011MA-85N Datasheet HTML 13Page - Texas Instruments BQ4011MA-85N Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
bq4013/Y
MA: 32-Pin A-Type Module
Dimension
Minimum
Maximum
A
0.365
0.375
A1
0.015
-
B
0.017
0.023
C
0.008
0.013
D
1.670
1.700
E
0.710
0.740
e
0.590
0.630
G
0.090
0.110
L
0.120
0.150
S
0.075
0.110
All dimensions are in inches.
34-Pin LCR LIFETIME LITHIUM Module
Dimension
Minimum
Maximum
A
0.920
0.930
B
0.980
0.995
C
-
0.080
D
0.052
0.060
E
0.045
0.055
F
0.015
0.025
G
0.020
0.030
H
-
0.090
J
0.053
0.073
All dimensions are in inches.
MS: 34-Pin Leaded Chip carrier for LIFETIME LITHIUM Module
1
Centerline of lead within ±0.005 of true position.
2
Leads coplanar within ±0.004 at seating plane.
3
Components and location may vary.


Similar Part No. - BQ4011MA-85N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4011MA-100 TI-BQ4011MA-100 Datasheet
755Kb / 13P
[Old version datasheet]   32Kx8 Nonvolatile SRAM
BQ4011MA-100 TI1-BQ4011MA-100 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011MA-100N TI-BQ4011MA-100N Datasheet
755Kb / 13P
[Old version datasheet]   32Kx8 Nonvolatile SRAM
BQ4011MA-150 TI-BQ4011MA-150 Datasheet
755Kb / 13P
[Old version datasheet]   32Kx8 Nonvolatile SRAM
BQ4011MA-150 TI1-BQ4011MA-150 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
More results

Similar Description - BQ4011MA-85N

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM6128K800V EOREX-EM6128K800V Datasheet
372Kb / 14P
   128Kx8 LP SRAM
logo
List of Unclassifed Man...
WMS128K8V-XXX ETC1-WMS128K8V-XXX Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1220Y DALLAS-DS1220Y Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com