Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7251A Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # 7251A
Description  Low-Profile Plug-in Intelligent Laser Smoke Detector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

7251A Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  7251A Datasheet HTML 1Page - Systemsensor advanced ideas. 7251A Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Agency Listings
Low-Profile Plug-in
Intelligent Laser
Smoke Detector
Pinnaclemodel 7251 is an intelligent, laser-based
photoelectric smoke detector featuring extensive
on-board signal processing capabilities designed to
improve smoke response.
Features
Ultra-high-sensitivity capability
On-board drift compensation
Transient rejection algorithms
Environmental tracking
Wide sensitivity range
Rotary address switches
Analog communications
Sleek, low-profile design
Low standby current
Microprocessor design
Superior EMI protection
Pinnacle features a patented smoke sensing chamber, designed
to amplify signals from smoke but diminish stray internal reflections.
By using a laser diode instead of a standard LED light source into the
sensing chamber, Pinnacle is able to achieve sensitivities from 0.02
percent-per-foot to 2 percent-per-foot obscuration.
The detectors’ extensive software processing includes multi-alert drift
compensation, internal self diagnostics, and superior transient signal
rejection algorithms to produce unprecedented stability at ultra high
sensitivities over the complete temperature range.
Because Pinnacle is base-compatible with all other 200 Series
detectors, system designers can seamlessly mix it with other
standard detection technologies thereby reducing overall cost.
Unlike other high-sensitivity detectors, Pinnacle:
Can pinpoint identification of the fire location through addressability.
Experiences no delay in response time due to smoke dilution or
smoke transportation time (as in aspirated systems).
Offers complete supervision of wiring and detector.
Pinnacle is designed to protect valuable assets and operations where
systems must remain online at all times. Many sensitive areas cannot
tolerate even small amounts of smoke. Some ideal applications for
Pinnacle include:
Telecommunications switching facilities
Cellular telephone infrastructure
Integrated circuit fabrication facilities
Computer rooms
Traffic control centers
Clean rooms


Similar Part No. - 7251A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7251A ETC2-7251A Datasheet
79Kb / 1P
   toggle switches
More results

Similar Description - 7251A

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
B210LP SYSTEMSENSOR-B210LP Datasheet
567Kb / 2P
   Low-Profile Intelligent Combination Smoke Detector
logo
Gamewell-FCI by Honeywe...
SS-I GAMEWELL-FCI-SS-I Datasheet
98Kb / 2P
   Intelligent Addressable Plug-In Ionization Smoke Detector
SS-APT GAMEWELL-FCI-SS-APT Datasheet
100Kb / 2P
   Multi-Sensor Smoke Detector Low-Profile, Intelligent, Addressable
SS-L GAMEWELL-FCI-SS-L Datasheet
233Kb / 4P
   Laser Smoke Detector
logo
Systemsensor advanced i...
1451A SYSTEMSENSOR-1451A Datasheet
207Kb / 4P
   Plug-in Smoke Detector
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
FTX-P1 SYSTEMSENSOR-FTX-P1 Datasheet
79Kb / 2P
   Intelligent Photoelectric Smoke Detector
logo
Gamewell-FCI by Honeywe...
BD-SS GAMEWELL-FCI-BD-SS Datasheet
371Kb / 4P
   Intelligent beam smoke detector
logo
Systemsensor advanced i...
2151 SYSTEMSENSOR-2151 Datasheet
265Kb / 2P
   Low-Profile Plug-in Smoke Detectors
DH500ACDC SYSTEMSENSOR-DH500ACDC Datasheet
223Kb / 12P
   Intelligent Air Duct Smoke Detector Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com