Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-16203 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-16203
Description  T1 / CEPT / ISDN-PRI SMD 40 Pin Quad Modules 4 Transformers Per Part
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-16203 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-16203 Datasheet HTML 1Page - Rhombus Industries Inc. T-16203 Datasheet HTML 2Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
T1-DP40
www.rhombus-ind.com
Turns
OCL
C
W/W
L
L
DCR Pri.
DCR Sec.
Part
Ratio
Min.
max.
max.
max.
max.
Schem.
Number
+ 5%
( mH )
( pF )
(
µH )
(
Ω )( Ω )Style
T-16200
1:1.36CT & 1:2CT
1.2
35
0.6
0.7
0.9
"3"
T-16201
1:2CT & 1:2CT
1.2
35
0.6
0.8
1.8
"3"
T-16202
1:1:1.26 & 1:2CT
1.2
35
0.6
0.8
0.8 / 1.8
"2"
T-16203
1:1.15 & 1:2CT
1.2
35
0.6
0.8
0.8 / 1.8
"1"
T-16204
1:1CT & 1:1CT
1.2
35
0.6
0.8
0.8
"3"
T-16205
1CT:2CT & 1CT:2CT
1.2
35
0.6
0.7
1.4
"8"
T-16206
1:2CT & 1:1CT
1.2
35
0.6
0.8
1.8 / 0.8
"2"
T-16207
1CT:2CT & 1:1
1.2
35
0.6
0.7
0.9
"6"
T-16208
1:2CT & 1:1.36
1.2
35
0.6
0.8
1.8 / 0.8
"7"
T-16209
1:1.14CT & 1:2CT
1.2
35
0.6
0.7
0.9
"3"
T-16210
1:1.36 & 1:2CT
1.2
35
0.6
0.7
1.0
"1"
T-16211
1:1.36 & 1:1.36CT
1.2
35
0.4 / 0.5
0.7
1.0
"1"
T-16212
1:1.15 & 1:1.15
1.2
35
0.6
0.8
0.8 / 1.8
"5"
T-16213
1:1.14 & 1:1.14CT
1.2
35
0.6
0.8
0.8 / 1.8
"1"
T-16214
1:2 & 1:2CT
1.2
35
0.6
0.8
1.8
"4"
T-16215
1:2 & 1:2
1.2
35
0.6
0.8
1.8
"5"
T-16216
1CT:1.41 & 1CT:1.41
1.2
35
0.6
0.8
1.8
"3"
T-16217
1:2CT & 1CT:2
1.2
35
0.6
0.7 / 1.0
1.0 / 0.7
"3"
Electrical Specifications 1, 2 at 25o C
T-16200
T-16201
T-16202
T-16203
T-16204
T-16205
T-16206
T-16207
T-16208
T-16209
T-16210
T-16211
T-16212
T-16213
T-16214
T-16215
T-16216
T-16217
28-30, 38-40 / 6-8, 16-18
6-8, 16-18 / 28-30, 38-40
1-3, 11-13 / 23-25, 33-35
1-3, 11-13 / 23-25, 33-35
6-8, 16-18 / 28-30, 38-40
6-8, 16-18 / 28-30, 38-40
1-3, 11-13 / 23-25, 33-35
1-3, 11-13 / 23-25, 33-35
28-30, 38-40 / 6-8, 16-18
28-30, 38-40 / 6-8, 16-18
1-3, 11-13 / 23-25, 33-35
1-3, 11-13 / 23-25, 33-35
1-3, 11-13 / 6-8, 16-18
1-3, 11-13 / 23-25, 33-35
1-3, 16-18 / 28-30, 33-35
1-3, 11-13 / 6-8, 16-18
1-3, 11-13 / 23-25, 33-35
6-8, 16-18 / 1-3, 11-13
P/N
Primary Pins
New! T1 / CEPT / ISDN-PRI
SMD 40 Pin Quad Modules 4
Transformers Per Part
For T1/CEPT/PRI Telecom Applications
Designed to meet CCITT and FCC
Requirements
1500 VRMS Minimum Isolation
OCL Tested at 100kHz 50mV
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Dual Port design
Parts shipped in anti-static
tubes.
Custom Designs Available
Other Configurations and Packages
Available See Our Web Page Under
Data Communications/T1
Tape & Reel
Available


Similar Part No. - T-16203

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T-16-6 ETC2-T-16-6 Datasheet
99Kb / 1P
   STA-KON Copper Tube Terminals
logo
Rhombus Industries Inc.
T-16100 RHOMBUS-IND-T-16100 Datasheet
70Kb / 2P
   T1 / E1 / ISDN PRI Quad T1/E1
T-16101 RHOMBUS-IND-T-16101 Datasheet
70Kb / 2P
   T1 / E1 / ISDN PRI Quad T1/E1
T-16102 RHOMBUS-IND-T-16102 Datasheet
70Kb / 2P
   T1 / E1 / ISDN PRI Quad T1/E1
T-16103 RHOMBUS-IND-T-16103 Datasheet
70Kb / 2P
   T1 / E1 / ISDN PRI Quad T1/E1
More results

Similar Description - T-16203

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
4S1008 BOTHHAND-4S1008 Datasheet
56Kb / 1P
   T1/E1/CEPT/ISDN-PRI QUAD TRANSFORMERS
logo
Pulse A Technitrol Comp...
T1009NLT PULSE-T1009NLT Datasheet
104Kb / 2P
   T1/E1/CEPT/ISDN-PRI QUAD TRANSFORMERS
logo
XFMRS Inc.
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-31 XFMRS-XF0013-31_15 Datasheet
70Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-91 XFMRS-XF0013-91_15 Datasheet
121Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com