Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-16207 Datasheet(PDF) 2 Page - Rhombus Industries Inc.

Part # T-16207
Description  T1 / CEPT / ISDN-PRI SMD 40 Pin Quad Modules 4 Transformers Per Part
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-16207 Datasheet(HTML) 2 Page - Rhombus Industries Inc.

  T-16207 Datasheet HTML 1Page - Rhombus Industries Inc. T-16207 Datasheet HTML 2Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
T1-DP40
www.rhombus-ind.com
Schematic Style "1"
Schematic Style "2"
Schematic Style "3"
Schematic Style "4"
Schematic Style "6"
Schematic Style "5"
Schematic Style "7"
Schematic Style "8"
13
68
711
13
16 17 18
28
30
33
35
38
39
40
25
23
29
13
6
8
7
11
13
16 17 18
28
30
33
35
38
34
40
25
23
24
13
6
8
11
13
16
18
2
12
1
3
6
8
7
11
13
16
18
13
6
8
11
13
16
18
28
30
33
35
38
40
25
23
28
30
33
35
38
40
25
23
1
3
6
8
11
13
16
18
2
12
28
30
33
35
38
39
40
25
23
1
3
6
8
11
13
16
18
2
12
28
30
33
35
38
40
25
23
28
30
33
35
38
40
25
23
12
1
3
68
11
13
16
18
2
12
7
17
28
30
33
35
38
40
25
23
37
34
29
24
29
40-Pin 50 mil SMD Package Physical Dimensions in inches (mm)
.620 (15.75)
.640 (16.26)
.485
(12.32)
MAX.
.045
(1.14)
TYP.
.010
(0.25)
TYP.
1.120
(28.45)
MAX.
.016
(0.41)
TYP.
.230
(5.84)
MAX.
.050
(1.27)
TYP.
.010
(0.25)
TYP.


Similar Part No. - T-16207

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T-16-6 ETC2-T-16-6 Datasheet
99Kb / 1P
   STA-KON Copper Tube Terminals
logo
Rhombus Industries Inc.
T-16100 RHOMBUS-IND-T-16100 Datasheet
70Kb / 2P
   T1 / E1 / ISDN PRI Quad T1/E1
T-16101 RHOMBUS-IND-T-16101 Datasheet
70Kb / 2P
   T1 / E1 / ISDN PRI Quad T1/E1
T-16102 RHOMBUS-IND-T-16102 Datasheet
70Kb / 2P
   T1 / E1 / ISDN PRI Quad T1/E1
T-16103 RHOMBUS-IND-T-16103 Datasheet
70Kb / 2P
   T1 / E1 / ISDN PRI Quad T1/E1
More results

Similar Description - T-16207

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
4S1008 BOTHHAND-4S1008 Datasheet
56Kb / 1P
   T1/E1/CEPT/ISDN-PRI QUAD TRANSFORMERS
logo
Pulse A Technitrol Comp...
T1009NLT PULSE-T1009NLT Datasheet
104Kb / 2P
   T1/E1/CEPT/ISDN-PRI QUAD TRANSFORMERS
logo
XFMRS Inc.
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-31 XFMRS-XF0013-31_15 Datasheet
70Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-91 XFMRS-XF0013-91_15 Datasheet
121Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com