Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA451 Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # APA451
Description  4-Wire Ionization Duct Smoke Detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

APA451 Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  APA451 Datasheet HTML 1Page - Systemsensor advanced ideas. APA451 Datasheet HTML 2Page - Systemsensor advanced ideas. APA451 Datasheet HTML 3Page - Systemsensor advanced ideas. APA451 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Agency Listings
4-Wire Ionization
Duct Smoke Detector
System Sensor’s Innovair DH100ACDCI reduces the
spread of smoke through HVAC air handling systems.
As an ionization duct detector, it’s ultra-responsive to
submicron-sized smoke particles typically found near
a fire source.
Features
Ionization technology
An air velocity rating from 500 feet per minute to 4,000 feet per
minute (2.54 meters per second to 20.32 meters per second)
Patented interconnectability for multi-fan shutdown
Two DPDT Form-C relay contacts
24 VAC/DC or 120/240 VAC
Versatile mounting options
Outside mounting tabs
A patented telescopic sampling tube
Modular construction
A patented cover-tamper trouble signal
A transparent cover
A remote test station
Remote sounder/LED indicator options
A built-in reset button
The DH100ACDCI senses smoke in velocities from 500 to 4,000 feet
per minute. When smoke is detected, all interconnected Innovairs
will initiate their relays. However, to quickly locate the fire source,
only the detector sensing smoke will alarm. Two DPDT Form-C relay
contacts, connected to auxiliary equipment, can also be configured
to prevent the spread of smoke through a particular area.
Beyond its reliable performance, the DH100ACDCI is simple to install
and maintain. Powered by 24 VAC/DC or 120/240 VAC, it can be easily
mounted to round and rectangular ducts, from one to twelve feet
in width, with outside mounting tabs. It also offers an adjustable
telescopic sampling tube that can be used for duct widths up to 18
inches. The tube locks into place – no additional tools are necessary.
Its modular construction allows for easy cleaning and field
replacement of the power and sensor boards. Also simplifying
maintenance is a transparent cover that provides convenient visual
inspection. If the cover is removed, a patented cover-tamper trouble
signal gives a 7-minute delay before the panel or remote accessory is
notified of trouble.
At a remote location, the remote test station option ensures that
a detector is functioning properly, and the remote sounder/LED
indicator options signal if a detector is in alarm. However, the cover
does not need to be removed if a detector needs to be reset at the
detector. Simply push the built-in reset button.
WARNING: Duct smoke detectors are NOT a substitute for open
area smoke detectors,
NOT a substitute for early warning detection
and
NOT a replacement for a building’s regular fire detection system.
Refer to NFPA 72 and 90A for additional information.
268A


Similar Part No. - APA451

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
APA451 SYSTEMSENSOR-APA451 Datasheet
289Kb / 4P
   4-Wire Duct Smoke Detector
APA451 SYSTEMSENSOR-APA451 Datasheet
169Kb / 2P
   High-Temperature Duct Smoke Detector
More results

Similar Description - APA451

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
DH400 SYSTEMSENSOR-DH400 Datasheet
289Kb / 4P
   4-Wire Duct Smoke Detector
D4120 SYSTEMSENSOR-D4120 Datasheet
1Mb / 4P
   4-Wire Photoelectric Duct Smoke Detector
logo
Gamewell-FCI by Honeywe...
CPD-7051 GAMEWELL-FCI-CPD-7051 Datasheet
62Kb / 2P
   IONIZATION SMOKE DETECTOR
logo
Systemsensor advanced i...
D4120W SYSTEMSENSOR-D4120W Datasheet
1Mb / 4P
   Watertight 4-Wire Photoelectric Duct Smoke Detector
logo
Microchip Technology
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
   Ionization Smoke Detector IC
2009
logo
Greystone Energy System...
DSD GREYSTONE-DSD Datasheet
670Kb / 2P
   DUCT SMOKE DETECTOR
01/20
logo
Microchip Technology
RE46C112 MICROCHIP-RE46C112 Datasheet
214Kb / 7P
   Ionization Smoke Detector IC
2009
logo
Systemsensor advanced i...
DH100ACDCLP SYSTEMSENSOR-DH100ACDCLP Datasheet
268Kb / 4P
   4-Wire Photoelectric Low-Flow Duct Smoke Detector
DH100ACDCLWP SYSTEMSENSOR-DH100ACDCLWP Datasheet
304Kb / 4P
   Watertight 4-Wire Low-Flow Duct Smoke Detector
logo
FCI connector
1451 FCI-CONNECTOR-1451 Datasheet
105Kb / 2P
   System Sensor Ionization Smoke Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com