Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1224MCP Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # P1224MCP
Description  Selectable Output Strobe and Horn Strobes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

P1224MCP Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  P1224MCP Datasheet HTML 1Page - Systemsensor advanced ideas. P1224MCP Datasheet HTML 2Page - Systemsensor advanced ideas. P1224MCP Datasheet HTML 3Page - Systemsensor advanced ideas. P1224MCP Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Operates on either 12V or 24V
Widest range of candela options:
12V: 15 and 15/75 candela
24V: 15, 15/75, 30, 75, 110 candela
Easy candela selection
Lower current draw
Easy DIP switch selection for horn
options
Easy mounting with QuickClick™
Synchronizable with MDL
Sync•Circuit™ module
Meets UL1971, NFPA72, and ADA
signaling requirements
All strobe and horn/strobe models incorporate
a new patented voltage booster design that has
a more consistent flash bulb voltage over the
range of candela selections. The benefit to the
customer is a high quality strobe device.
Models Available
Strobes
Red
White
S1224MC
S1224MCW
S1224MCP
S1224MCPW
S1224MCK
S1224MCSP
Horn/Strobes
Red
White
P1224MC
P1224MCW
P1224MCP
P1224MCPW
P1224MCK
P1224MCSP
Horns
Red
White
H12/24
H12/24W
H12/24K
Product Overview
SpectrAlert® Selectable Output Horns, Strobes, and Horn/Strobes offer enhanced fea-
tures that include the widest range of candela options available and the capability to
recognize and self-adjust for either 12 or 24 volt operation. With an overall feature
set that combines performance, installation ease, flexibility, and a consistent,
aesthetically pleasing appearance, the SpectrAlert Selectable Output devices
provide both the innovation and efficiency synonymous with the SpectrAlert name.
Performance. SpectrAlert selectable output wall-mount horns, strobes, and horn/strobes
offer key performance features long associated with the SpectrAlert name. The select-
able candela strobes and horn/strobes offer average current draws that are not only
lower than conventional fixed-candela SpectrAlert products, but also lower than similar
selectable candela products. By consuming less current, the ability to connect even more
devices per loop is possible, resulting in a lower installed cost.
Installation. SpectrAlert selectable output horns, strobes, and horn/strobes offer the
same installation-friendly features synonymous with the SpectrAlert name, such as the
option of 2- and 4-wire operation; the ability to use standard size backboxes with no
encroachment into the box; and universal mounting incorporating the labor-saving
QuickClickfeature. Such labor-savings features make wire connections simple and fast,
further reducing installed cost.
Flexibility. SpectrAlert selectable output strobes and horn/strobes offer the broadest
range of candela options. In addition, the selectable output strobes and horn/strobes
can operate on either 12V or 24V, with no setting required; the device recognizes and
self-adjusts to the correct current automatically. Temporal 3 or Continuous tone options
continue to be available, in either an Electromechanical or 3kHz pattern.
Aesthetics. SpectrAlert selectable output horns, strobes, and horn/strobes incorporate
the same stylish, low profile design of the conventional SpectrAlert products, for a con-
sistent and aesthetically pleasing appearance across the entire product line.
S1224MC Strobe
P1224MC Horn/Strobe
Selectable Output Strobe
and Horn/Strobes
A u d i b l e / V i s i b l e
N o t i f i c A t i o N
S5512
S4011
7125-1209:222
7135-1209:223
122-02-E
126-02-E
3014150


Similar Part No. - P1224MCP

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
P1224MC GAMEWELL-FCI-P1224MC Datasheet
49Kb / 3P
   SELECTABLE OUTPUT STROBES AND HORNS
P1224MCK GAMEWELL-FCI-P1224MCK Datasheet
49Kb / 3P
   SELECTABLE OUTPUT STROBES AND HORNS
P1224MCW GAMEWELL-FCI-P1224MCW Datasheet
49Kb / 3P
   SELECTABLE OUTPUT STROBES AND HORNS
More results

Similar Description - P1224MCP

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
PC2RK SYSTEMSENSOR-PC2RK Datasheet
569Kb / 4P
   Outdoor Selectable- Output Strobes and Horn Strobes for Ceiling Applications
SC2415W SYSTEMSENSOR-SC2415W Datasheet
332Kb / 4P
   Strobes and Horn Strobes
logo
Gamewell-FCI by Honeywe...
P1224MC GAMEWELL-FCI-P1224MC Datasheet
49Kb / 3P
   SELECTABLE OUTPUT STROBES AND HORNS
logo
Systemsensor advanced i...
P2RHK-120 SYSTEMSENSOR-P2RHK-120 Datasheet
549Kb / 2P
   P2RHK-120 Outdoor 120V Selectable Output Horn/Strobe
logo
Gamewell-FCI by Honeywe...
SC2415 GAMEWELL-FCI-SC2415 Datasheet
536Kb / 4P
   SC Strobes and PC Horn/Strobes
logo
Systemsensor advanced i...
CHR SYSTEMSENSOR-CHR Datasheet
411Kb / 4P
   Selectable Output Chimes and Chime/Strobes
P1215 SYSTEMSENSOR-P1215 Datasheet
113Kb / 4P
   Wall-Mount Horns, Strobes, and Horn/Strobes
S2475RLP SYSTEMSENSOR-S2475RLP Datasheet
126Kb / 2P
   SpectrAlert??Colored Lens Strobes and Horn/Strobes
SP2 SYSTEMSENSOR-SP2 Datasheet
291Kb / 2P
   Selectable Output Wall Speaker/Strobes
P12015K SYSTEMSENSOR-P12015K Datasheet
118Kb / 2P
   Outdoor Horn/Strobes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com