Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1224MCK Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # P1224MCK
Description  Selectable Output Strobe and Horn Strobes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

P1224MCK Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  P1224MCK Datasheet HTML 1Page - Systemsensor advanced ideas. P1224MCK Datasheet HTML 2Page - Systemsensor advanced ideas. P1224MCK Datasheet HTML 3Page - Systemsensor advanced ideas. P1224MCK Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WalkTest
SpectrAlerthorn/strobeandhornonly
workon“walktests”withtimedura-
tionsof4secondsorgreater
InputTerminals
12to18AWG
Dimensions
Strobeandhorn/strobewithuniversal
plate
5˝×55/8˝×215/16˝
Strobeandhorn/strobewithsmall
footprintplate
33/8˝×55/8˝×25/16˝
Hornwithuniversalmountingplate
5˝×55/8˝×15/16˝
Hornwithoutmountingplate
215/16˝×55/16˝×15/16˝
Weight,hornonly
7.2oz.
Weight,strobeandhorn/strobe
8.8oz.
Mounting
4˝×4˝×11/2˝or2˝×4˝×17/8˝
standardboxes
OperatingTemperature(Indoor)
32°Fto120°F(0°Cto49°C)
Maximumhumidity(Indoor)
95%astestedperUL464
Outdoor(KSeries)OperatingTemperature
–40°Fto151°F
(–40°Cto66°C)
Outdoorrating
NEMA3R(perUL50)
Voltages
12or24VDCandFWR1unfiltered
Operatingvoltagerange
12V:8–17.5V;24V:16–33V
Operatingvoltagerange(with
Sync•Circuitmodule,MDL)2
12V:9–17.5V;24V:17–33V
U.S.PatentNumbers
5,593,569
5,914,665
6,049,446
Specifications
Engineering Specifications
General
SpectrAlert horns, strobes and horn/strobes shall be capable of
mounting to a standard 4˝ × 4˝ × 11/2˝ back box or a single gang
2˝ × 4˝ × 17/8˝ back box using the universal mounting plate
included with each SpectrAlert product. Also, SpectrAlert prod-
ucts, when used in conjunction with the accessory Sync•Circuit
Module, shall be powered from a non-coded power supply
and shall operate on 12 or 24 volts. 12 volt rated devices shall
have an operating voltage range of 9–17.5 volts. 24-volt rated
devices shall have an operating voltage range or 17–33 volts.
SpectrAlert products shall have an operating temperature of
32° to 120°F and operate from a regulated DC or full wave
rectified, unfiltered power supply.
Strobe
Strobe shall be a System Sensor SpectrAlert Model _______
listed to UL 1971 and be approved for fire protective service. The
strobe shall be wired as a primary signaling notification appliance
and comply with the Americans with Disabilities Act require-
ments for visible signaling appliances, flashing at 1Hz over the
strobe’s entire operating voltage range. The strobe light shall con-
sist of a xenon flash tube and associated lens/reflector system.
Horn/Strobe Combination
Horn/Strobe shall be a System Sensor SpectrAlert Model
_______ listed to UL 1971 and UL 464 and shall be approved for
fire protective service. Horn/strobe shall be wired as a primary
signaling notification appliance and comply with the Americans
with Disabilities Act requirements for visible signaling appliances,
flashing at 1Hz over the strobe’s entire operating voltage range.
The strobe light shall consist of a xenon flash tube and associated
lens/reflector system. The horn shall have two tone options, two
audibility options (at 24 volts) and the option to switch between
a temporal 3 pattern and a non-temporal continuous pattern.
Strobes shall be powered independently of the sounder with the
removal of factory installed jumper wires. The horn on horn/
strobe models shall operate on a coded or non-coded power sup-
ply (the strobe must be powered continuously).
Synchronization Module
Module shall be a System Sensor Sync•Circuit _______ listed
to UL 464 and shall be approved for fire protective service. The
module shall synchronize SpectrAlert strobes at 1Hz and horns
at temporal 3. Also, the module shall silence the horns on horn/
strobe models, while operating the strobes, over a single pair of
wires. The module shall be capable of mounting to a 411/16˝ ×
411/16˝ × 21/8˝ back box and shall control two Style Y (class B) or
one Style Z (class A) circuit. Module shall be capable of multiple
zone synchronization by daisy chaining multiple modules together
and re-synchronizing each other along the chain. The module
shall not operate on a coded power supply.
Notes:
1.FullWaveRectified(FWR)voltageisanon-regulated,time-varyingpowersourcethatisusedonsomepowersupplyandpaneloutputs.
2.TheMDLcausesaone-voltvoltagedropinthenotificationappliancecircuit.


Similar Part No. - P1224MCK

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
P1224MCK GAMEWELL-FCI-P1224MCK Datasheet
49Kb / 3P
   SELECTABLE OUTPUT STROBES AND HORNS
More results

Similar Description - P1224MCK

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
PC2RK SYSTEMSENSOR-PC2RK Datasheet
569Kb / 4P
   Outdoor Selectable- Output Strobes and Horn Strobes for Ceiling Applications
SC2415W SYSTEMSENSOR-SC2415W Datasheet
332Kb / 4P
   Strobes and Horn Strobes
logo
Gamewell-FCI by Honeywe...
P1224MC GAMEWELL-FCI-P1224MC Datasheet
49Kb / 3P
   SELECTABLE OUTPUT STROBES AND HORNS
logo
Systemsensor advanced i...
P2RHK-120 SYSTEMSENSOR-P2RHK-120 Datasheet
549Kb / 2P
   P2RHK-120 Outdoor 120V Selectable Output Horn/Strobe
logo
Gamewell-FCI by Honeywe...
SC2415 GAMEWELL-FCI-SC2415 Datasheet
536Kb / 4P
   SC Strobes and PC Horn/Strobes
logo
Systemsensor advanced i...
CHR SYSTEMSENSOR-CHR Datasheet
411Kb / 4P
   Selectable Output Chimes and Chime/Strobes
P1215 SYSTEMSENSOR-P1215 Datasheet
113Kb / 4P
   Wall-Mount Horns, Strobes, and Horn/Strobes
S2475RLP SYSTEMSENSOR-S2475RLP Datasheet
126Kb / 2P
   SpectrAlert??Colored Lens Strobes and Horn/Strobes
SP2 SYSTEMSENSOR-SP2 Datasheet
291Kb / 2P
   Selectable Output Wall Speaker/Strobes
P12015K SYSTEMSENSOR-P12015K Datasheet
118Kb / 2P
   Outdoor Horn/Strobes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com