Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4850Y Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ4850Y
Description  RTC Module With 512Kx8 NVSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4850Y Datasheet(HTML) 5 Page - Texas Instruments

  BQ4850Y Datasheet HTML 1Page - Texas Instruments BQ4850Y Datasheet HTML 2Page - Texas Instruments BQ4850Y Datasheet HTML 3Page - Texas Instruments BQ4850Y Datasheet HTML 4Page - Texas Instruments BQ4850Y Datasheet HTML 5Page - Texas Instruments BQ4850Y Datasheet HTML 6Page - Texas Instruments BQ4850Y Datasheet HTML 7Page - Texas Instruments BQ4850Y Datasheet HTML 8Page - Texas Instruments BQ4850Y Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Calibrating the Clock
The bq4850Y real-time clock is driven by a quartz con-
trolled oscillator with a nominal frequency of 32,768 Hz.
The quartz crystal is contained within the bq4850Y
package along with the battery. The clock accuracy of
the bq4850Y module is tested to be within 20ppm or
about 1 minute per month at 25°C. The oscillation rates
of crystals change with temperature as Figure 3 shows.
To compensate for the frequency shift, the bq4850Y of-
fers onboard software clock calibration.
The user can
adjust the calibration based on the typical operating
temperature of individual applications.
The software calibration bits are located in the control
register. Bits D0–D4 control the magnitude of correc-
tion, and bit D5 the direction (positive or negative) of
correction. Assuming that the oscillator is running at
exactly 32,786 Hz, each calibration step of D0–D4 ad-
justs the clock rate by +4.068 ppm (+10.7 seconds per
month) or -2.034 ppm (-5.35 seconds per month) depend-
ing on the value of the sign bit D5. When the sign bit is
1, positive adjustment occurs; a 0 activates negative ad-
justment. The total range of clock calibration is +5.5 or
-2.75 minutes per month.
Two methods can be used to ascertain how much cali-
bration a given bq4850Y may require in a system. The
first involves simply setting the clock, letting it run for a
month, and then comparing the time to an accurate
known reference like WWV radio broadcasts. Based on
the variation to the standard, the end user can adjust
the clock to match the system’s environment even after
the product is packaged in a non-serviceable enclosure.
The only requirement is a utility that allows the end
user to access the calibration bits in the control register.
The second approach uses a bq4850Y test mode. When
the frequency test mode enable bit FTE in the days reg-
ister is set to a 1, and the oscillator is running at exactly
32,768 Hz, the LSB of the seconds register toggles at
512 Hz. Any deviation from 512 Hz indicates the degree
and direction of oscillator frequency shift at the test
temperature. For example, a reading of 512.01024 Hz
indicates a (1E6
∗0.01024)/512 or +20 ppm oscillator fre-
quency error, requiring ten steps of negative calibration
(10∗-2.034 or -20.34) or 001010 to be loaded into the cali-
bration byte for correction. To read the test frequency,
the bq4850Y must be selected and held in an extended
read of the seconds register, location 7FFF9, without
having the read bit set. The frequency appears on DQ0.
The FTE bit must be set using the write bit control. The
FTE bit must be reset to 0 for normal clock operation to
resume.
5
bq4850Y
Aug. 1996
-120
-100
-80
-60
-40
-20
0
-30 -20 -10 0 10 20 30 40 50 60 70
Temperature ( C)
GR485001
Figure 3. Frequency Error


Similar Part No. - BQ4850Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4850Y TI1-BQ4850Y Datasheet
1Mb / 17P
[Old version datasheet]   RTC Module With 512Kx8 NVSRAM
BQ4850YMA-85 TI1-BQ4850YMA-85 Datasheet
1Mb / 17P
[Old version datasheet]   RTC Module With 512Kx8 NVSRAM
BQ4850YMA-85N TI1-BQ4850YMA-85N Datasheet
1Mb / 17P
[Old version datasheet]   RTC Module With 512Kx8 NVSRAM
BQ4850Y TI-BQ4850Y_13 Datasheet
1Mb / 17P
[Old version datasheet]   RTC Module With 512Kx8 NVSRAM
BQ4850Y TI1-BQ4850Y_14 Datasheet
1Mb / 17P
[Old version datasheet]   RTC Module With 512Kx8 NVSRAM
More results

Similar Description - BQ4850Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4850Y TI-BQ4850Y_13 Datasheet
1Mb / 17P
[Old version datasheet]   RTC Module With 512Kx8 NVSRAM
BQ4852Y TI-BQ4852Y Datasheet
590Kb / 16P
[Old version datasheet]   RTC Module With 512Kx8 NVSRAM
BQ4850Y TI1-BQ4850Y_14 Datasheet
1Mb / 17P
[Old version datasheet]   RTC Module With 512Kx8 NVSRAM
BQ4822Y TI-BQ4822Y Datasheet
104Kb / 16P
[Old version datasheet]   RTC Module With 8Kx8 NVSRAM
BQ4832Y TI-BQ4832Y Datasheet
678Kb / 18P
[Old version datasheet]   RTC Module With 32Kx8 NVSRAM
BQ4830Y TI-BQ4830Y Datasheet
848Kb / 16P
[Old version datasheet]   RTC Module With 32Kx8 NVSRAM
BQ4842Y TI-BQ4842Y Datasheet
676Kb / 18P
[Old version datasheet]   RTC Module With 128Kx8 NVSRAM
logo
Simtek Corporation
STK14EC8 SIMTEK-STK14EC8 Datasheet
202Kb / 18P
   512Kx8 Autostore nvSRAM
STK14EC8 SIMTEK-STK14EC8_08 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com