Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-16112 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-16112
Description  T1 / E1 / ISDN PRI Quad T1/E1
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-16112 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-16112 Datasheet HTML 1Page - Rhombus Industries Inc. T-16112 Datasheet HTML 2Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
T1-quad8 - 5/99
For T1/E1/ISDN PRI Telecom
Dual and Quad Transceiver Applications
1500 V
RMS minimum Isolation
40-Pin Surface Mount 50 mil style package
T1 / E1 / ISDN PRI
Quad T1/E1
8 Transformers per package
Electrical Specifications at 25O C
T-16100
1:1.36CT & 1:2CT
1.2
35
0.6
0.7
0.9
40-3
T-16101
1:2CT & 1:2CT
1.2
35
0.6
0.8
1.8
40-3
T-16102
1:1:1.26 & 1:2CT
1.2
35
0.6
0.8
0.8 / 1.8
40-2
T-16103
1:1.15 & 1:2CT
1.2
35
0.6
0.8
0.8 / 1.8
40-1
T-16104
1:1CT & 1:1CT
1.2
35
0.6
0.8
0.8
40-3
T-16105
1:2.4 & 1:1
1.0
35
0.5
0.8
1.8 / 0.8
40-6
T-16106
1:2CT & 1:1CT
1.2
35
0.6
0.8
1.8 / 0.8
40-2
T-16107
1CT:2CT & 1:1
1.2
35
0.6
0.7
0.9
40-8
T-16108
1:2CT & 1:1.36
1.2
35
0.6
0.8
1.8 / 0.8
40-7
T-16109
1:1.14CT & 1:2CT
1.2
35
0.6
0.7
0.9
40-3
T-16110
1:1.36 & 1:2CT
1.2
35
0.6
0.7
1.0
40-1
T-16111
1:1.36 & 1:1.36CT
1.2
35
0.4 / 0.5
0.7
1.0
40-1
T-16112
1:1.15 & 1:1.15
1.2
35
0.6
0.8
0.8 / 1.8
40-5
T-16113
1:1.14 & 1:1.14CT
1.2
35
0.6
0.8
0.8 / 1.8
40-1
T-16114
1:2 & 1:2CT
1.2
35
0.6
0.8
1.8
40-4
T-16115
1:2 & 1:2
1.2
35
0.6
0.8
1.8
40-5
T-16116
1CT:1.41 & 1CT:1.41
1.2
35
0.6
0.8
1.8
40-3
T-16117
1:2CT & 1CT:2
1.2
35
0.6
0.7 / 1.0
1.0 / 0.7
40-3
SEC.
DCRmax.
(
Ω )
PRI.
DCR max.
(
Ω )
PRI-SEC
C
W/W max.
( pF )
L
L
max.
(
µH )
OCL
min.
( mH )
Part
Number
Turns Ratio
(± 5%)
ET-Product of 10 V-
µsec min.
OCL Measured across Primary
@ 100 kHz & 100mV.
Designed to comply with UL1950
& EN 60950.
Crosstalk: 65 dB Min.
Operating Temp Range:
-400C to +85 0C
24-25, 29-30, 34-35, 39-40 / 4-5, 9-10, 14-15, 19-20
4-5, 9-10, 14-15, 19-20 / 24-25, 29-30, 34-35, 39-40
1-2, 6-7, 11-12, 16-17 / 21-22, 26-27, 31-32, 36-37
1-2, 6-7, 11-12, 16-17 / 21-23, 26-28, 31-33, 36-38
4-5, 9-10, 14-15, 19-20 / 24-25, 29-30, 34-35, 39-40
1-2, 8-9, 11-12, 18-19 / 24-25, 27-28, 34-35, 37-38
1-2, 6-7, 11-12, 16-17 / 21-22, 26-27, 31-32, 36-37
1-3, 6-8, 11-13, 16-18 / 21-22, 26-27, 31-32, 36-37
24-25, 29-30, 34-35, 39-40 / 4-5, 9-10, 14-15, 19-20
24-25, 29-30, 34-35, 39-40 / 4-5, 9-10, 14-15, 19-20
1-2, 6-7, 11-12, 16-17 / 38-36, 33-31, 28-26, 23-21
1-2, 6-7, 11-12, 16-17 / 38-36, 33-31, 28-26, 23-21
1-3, 6-8, 11-13, 16-18 / 4-5, 9-10, 14-15, 19-20
1-2, 6-7, 11-12, 16-17 / 38-36, 33-31, 28-26, 23-21
1-2, 9-10, 11-12, 19-20 / 23-25, 26-28, 33-35, 36-38
1-3, 6-8, 11-13, 16-18 / 4-5, 9-10, 14-15, 19-20
1-3, 6-8, 11-13, 16-18 / 21-23, 26-28, 31-33, 36-38
4-5, 9-10, 14-15, 19-20 / 1-3, 6-8, 11-13, 16-18
T-16100
T-16101
T-16102
T-16103
T-16104
T-16105
T-16106
T-16107
T-16108
T-16109
T-16110
T-16111
T-16112
T-16113
T-16114
T-16115
T-16116
T-16117
Primary Pins
P/N
6
Schematic
Style
Available on
Tape & Reel


Similar Part No. - T-16112

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-16119 RHOMBUS-IND-T-16119 Datasheet
23Kb / 1P
   QUAD PORT T1/E1
More results

Similar Description - T-16112

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0023E2 XFMRS-XF0023E2 Datasheet
33Kb / 1P
   T1/E1/ISDN-PRI
XF0023E4 XFMRS-XF0023E4 Datasheet
33Kb / 1P
   T1/E1/ISDN-PRI
XF0023E9 XFMRS-XF0023E9 Datasheet
41Kb / 1P
   T1/E1/ISDN-PRI
XF0023E12 XFMRS-XF0023E12 Datasheet
43Kb / 1P
   T1/E1/ISDN-PRI
XF0023E2 XFMRS-XF0023E2 Datasheet
33Kb / 1P
   T1/E1/ISDN-PRI
XF0023E4 XFMRS-XF0023E4 Datasheet
33Kb / 1P
   T1/E1/ISDN-PRI
XF0023E13 XFMRS-XF0023E13 Datasheet
43Kb / 1P
   T1/E1/ISDN-PRI
XF0023E13 XFMRS-XF0023E13 Datasheet
43Kb / 1P
   T1/E1/ISDN-PRI
XF0023E12 XFMRS-XF0023E12 Datasheet
43Kb / 1P
   T1/E1/ISDN-PRI
XF0023E9 XFMRS-XF0023E9 Datasheet
41Kb / 1P
   T1/E1/ISDN-PRI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com