Selected language     English  â–¼


F-3501 Datasheet(PDF) 2 Page - Rhombus Industries Inc.

Part No. F-3501
Description  12 or 16 kHz Tax Pulse Filter
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 2 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
TAXFILT2 - 10/98
12 or 16 kHz
Tax Pulse Filter
21
P/N F-3504G
EFD-15 Surface Mount
Package
.147
(3.75)
TYP.
.120
(3.05)
MIN.
.307
(7.80)
Pin Diameter
is 0.024 (0.6)
.540
(13.75)
.590
(15.19)
.590
(15.19)
1
Bottom View
23
4
8
7
65
} Optional
use as
Dual
P/N F-3504GCP
EFD-15 Surface Mount
with Pick-&-Place Cap
.335
(8.50)
MAX.
.685
(17.4)
MAX.
.098
(2.5)
.028
(0.7)
.016
(0.4)
.850 (21.6)
.709 (18.0)
.700
(17.8)
MAX.
.330
(8.38)
MAX.
.620
(15.75)
MAX.
.098
(2.5)
.028
(0.7)
.016
(0.4)
.850 (21.6)
.709 (18.0)
.620
(15.75)
MAX.
Physical Dimensions in Inches (mm)
L1
L4
L3
L2
1
3
6
8
10
Schematic
Diagram
P/N F-3504
Attenuates 12 or 16 kHz signals to
telco equipment by more than 25 dB.
Use two F-3504 inductors, one in a parallel
LC configuration followed by one in a series
configuration, to provide more than 40 dB
attenuation of tax pulse signals.
8
7
6
.098
(2.5)
TYP.
.876
(22.25)
.045
(1.14)
TYP.
.088
(2.24)
TYP.
Suggested
Pad Layout
1
2
3
4
5
9
10
EFD-15 SMD
Electrical Specifications at 25O C
Inductance
D.C. Resistance
D.C. Current
Dielectric
P/N F-3504
+5%
Max.
Max.
Min.
Attenuates
Section (Pins)
(mH)
(
Ω)
(mA)
(VAC)
12kHz or 16 kHz
L1 (1-3)
1.44
2.30
90
1250
16 kHz, Parallel L1 with C=68 nF
L2 (1-10)
2.58
3.25
70
1250
12 kHz, Parallel L2 with C=68 nF
L3 (1-8)
4.52
6.35
90
1250
16 kHz, Series L3 with C=22 nF
L4 (1-6)
7.96
10.7
70
1250
12 kHz, Series L4 with C=22 nF
1. Tested at 10KHz and 100 mV
RMS
P/N F-3504
EFD-15 Thru-hole Package




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SF0140CF51900T140 MHz Filter 250 kHz Bandwidth 1 2 Integrated Circuit Systems
PCA200132 kHz watch circuit with programmable adaptive motor pulse 1 2 3 4 5 MoreNXP Semiconductors
PCA200232 kHz watch circuit with programmable output period and pulse width 1 2 3 4 5 MoreNXP Semiconductors
SF0400BA02520S400 MHz IF SAW Filter 160 KHz Bandwidth 1 2 Integrated Circuit Systems
PCA200332 kHz watch circuit with programmable adaptive motor pulse and pulse period 1 2 3 4 5 MoreNXP Semiconductors
SF0070CF51541T70 MHz Filter 250 kHz Bandwidth 1 2 Integrated Circuit Systems
SF0070CF51542T70 MHz Filter 500 kHz Bandwidth 1 2 Integrated Circuit Systems
TP-103RF Pulse Transformer 500 kHz - 1GHz 1 Tyco Electronics
NUF3101FCThree Line EMI Filter 1 2 3 4 ON Semiconductor
ADA4417-3Integrated Triple Video Filter for High Definition Video 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl