Selected language     English  ▼


F-3503 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-3503
Description  Very Low Profile Tax Filters
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
TAXFILTR - 10/98
18
}
Use of F-3551 inductor in a parallel LC
configuration followed by a F-3553 in a
series configuration to provide more
than 40 dB attenuation of tax pulse signals
Use of F-3552 inductor in a parallel LC
configuration followed by a F-3554 in a
series configuration to provide more
than 40 dB attenuation of tax pulse signals
Optional
use as
Dual
.079
(2.00)
TYP.
.660
(16.76)
MAX.
.020
(0.50)
TYP.
.660
(16.76)
MAX.
.768
(19.50)
.172
(4.37)
MAX.
.053
(1.35)
.027
(0.69)
Terminal #1 Indicator
1
2
4
5
6
7
8
9
10
Physical Dimensions
inches (mm)
Inductance (1)
D.C. Resistance
D.C. Current
Hi-Pot
Part
+5%
Max.
Max.
Min.
Attenuates
Number
(mH)
(
Ω)
(mA)
(VAC)
12 or 16 kHz
F-3551
2.58
14.0
70
1250
12 kHz, Parallel L with C=68 nF
F-3552
1.44
10.0
90
1250
16 kHz, Parallel L with C=68 nF
F-3553
7.96
28.0
70
1250
12 kHz, Series L with C=22 nF
F-3554
4.52
20.0
90
1250
16 kHz, Series L with C=22 nF
Electrical Specifications at 25O C
Attenuates 12 or 16 kHz signals to
telco equipment by more than 25 dB.
Uses standard-value capacitor for either
12 or 16 kHz resonance
Designed to provide 25 dB minimum
attenuation at 12 or 16 kHz.
Schematic
Diagram
1
5
Very Low Profile Tax Filters
1. Tested at 10KHz and 100 mV
RMS




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ACT9200miniature low profile SMD 1 2 3 Advanced Crystal Technology
LPQUP TO 75 WATTS Low profile single board construction 1 2 3 Wall Industries,Inc.
AXX49SMDSMD Quartz Crystal Unit with low profile 1 2 Advanced XTAL Products
BD1722J50100A00Ultra Low Profile 0805 Balun 50 to 100 Balanced 1 2 3 4 5 MoreAnaren Microwave
BD3150N5010A00Ultra Low Profile 0404 Balun 50Ω to 100Ω Balanced 1 2 3 4 5 MoreAnaren Microwave
PD0922J5050D2Ultra Low Profile 0805 Power Divider 50Ω to 50Ω 1 2 3 4 5 MoreAnaren Microwave
FKB-7681_07Ultra Low Profile Notebook Keyboard 64Keys 1 2 3 4 Fujitsu Component Limited.
FTR-H1POWER RELAY 1 POLE-10 A LOW PROFILE TYPE 1 2 3 4 5 MoreFujitsu Component Limited.
USBLC6-2_08Very low capacitance ESD protection 1 2 3 4 5 MoreSTMicroelectronics
LD2982AXXVery low drop and low noise voltage regulator with inhibit function low ESR capacitors compatible 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl