Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTM-10M-8G Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # CTM-10M-8G
Description  DIRECTIONAL COUPLERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

CTM-10M-8G Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  CTM-10M-8G Datasheet HTML 1Page - Merrimac Industries, Inc. CTM-10M-8G Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRINCIPAL SPECIFICATIONS
Frequency
Coupling¤,
Frequency
Directivity,
*Insertion
VSWR Max.
Outline
Model
Range,
dB,
Sensitivity,
dB,
Loss,
Main Coupled
Ref.
Number
GHz
Nom.
dB, Nom.
Min.
dB, Max.
Line
Line
Dim.
CTM-6M-1.25G
0.5 - 2.0
6
±1.0
± 0.75
23
0.35
1.20:1 1.20:1
1
CTM-10M-1.25G
10
±1.0
± 0.75
23
0.35
1.20:1 1.20:1
2
CTM-20M-1.25G
20
±1.0
± 0.75
23
0.35
1.20:1 1.20:1
2
CTM-6M-2.5G
1.0 - 4.0
6
±1.0
± 0.50
23
0.35
1.20:1 1.20:1
3
CTM-10M-2.5G
10
±1.0
± 0.50
23
0.35
1.20:1 1.20:1
3
CTM-20M-2.5G
20
±1.0
± 0.50
23
0.40
1.20:1 1.20:1
4
CTM-6M-5G
2.0 - 8.0
6
±1.0
± 0.30
20
0.50
1.25:1 1.25:1
5
CTM-10M-5G
10
±1.0
± 0.40
20
0.35
1.25:1 1.25:1
5
CTM-20M-5G
20
±1.0
± 0.40
20
0.40
1.25:1 1.25:1
6
CTM-6M-8G
4.0 - 12.4
6
±1.0
± 0.30
17
0.50
1.30:1 1.30:1
7
CTM-10M-8G
10
±1.0
± 0.40
17
0.50
1.30:1 1.30:1
7
CTM-20M-8G
20
±1.0
± 0.40
17
0.50
1.30:1 1.30:1
8
CTM-10M-12G
7.0 - 18.0
10
±1.25
± 0.75
15
0.60
1.35:1 1.40:1
9
CTM-20M-12G
6.0 - 18.0
20
±1.25
± 0.60
15
0.60
1.35:1 1.40:1
9
¤Coupling is referenced to the input
* Insertion Loss above Coupling Loss
CTM-M-G Series
DIRECTIONAL COUPLERS
0.5 to 18 GHz / Multi-Octave Bandwidths / 6, 10 & 20 dB Coupling / 50 W / Stripline / SMA / Rev. 08/16/99
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
GENERAL SPECIFICATIONS
Impedance:
50
Ω nom.
Operating Temp:
-- 55° to +85°C
SMA Connectors: Female, to meet the
interface requirements
of MIL-C-39012
Other connectors: TNC and N type
optionally available.
Inquire at factory.
POWER SPECIFICATIONS
Coupled Power ‘‘Loss’’:
6 dB units:
1.25 dB
10 dB units:
0.46 dB
20 dB units:
0.044 dB
Peak Power:
3 kW max.
CW Input Power (Forward):
50 Watts max.
Reflected Power:
6 dB units:
2 Watts max.
10 dB units:
5 Watts max.
20 dB units:
50 Watts max.
16Aug99


Similar Part No. - CTM-10M-8G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CTM-10-12GSQ MERRIMAC-CTM-10-12GSQ Datasheet
121Kb / 1P
   DIRECTIONAL COUPLERS
More results

Similar Description - CTM-10M-8G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
   DIRECTIONAL COUPLERS
CSD-10H-1.9G MERRIMAC-CSD-10H-1.9G Datasheet
177Kb / 5P
   DIRECTIONAL COUPLERS
logo
Anaren Microwave
10930-6 ANAREN-10930-6_14 Datasheet
159Kb / 4P
   Directional Couplers
1X505 ANAREN-1X505 Datasheet
83Kb / 2P
   Directional Couplers
10013-10 ANAREN-10013-10 Datasheet
134Kb / 3P
   Directional Couplers
logo
Mini-Circuits
DBTC-6-4-75L MINI-DBTC-6-4-75L Datasheet
316Kb / 1P
   Directional Couplers
logo
List of Unclassifed Man...
S25B880N3 ETC1-S25B880N3 Datasheet
623Kb / 2P
   Directional Couplers
logo
Anaren Microwave
10615-10 ANAREN-10615-10_14 Datasheet
149Kb / 4P
   Directional Couplers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com