Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTLPD-20 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # TTLPD-20
Description  TTLPD Series FAST / TTL Pulse Width Discriminator Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

TTLPD-20 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  TTLPD-20 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
TTLPD 9901
TTLPD Series FAST / TTL Pulse Width Discriminator Modules
14-Pin Package Commercial
and Mil-Grade Versions
FAST/TTL Logic Buffered
Pass Pulse Widths above & suppress
Pulses below Nominal Value
Operating Temperature Ranges
0OC to +70OC, or -55OC to +125OC
OPERATING SPECIFICATIONS
V
CC Supply Voltage ................................... 5.00 ± 0.25 VDC
I
CC
Supply Current ......................... 42 mA typ., 60 mA Max.
Logic “1” Input: V
IH .......................
2.00 V min., 5.50 V max.
I
IH ...............................
20
µA max. @ 2.70V
Logic “0” Input: V
IL ...........................................
0.80 V max.
I
IL ............................................
-0.6 mA mA
V
OH
Logic “1” Voltage Out .................................. 2.40 V min.
V
OL
Logic “0” Voltage Out ................................ 0.50 V max.
Operating Temperature Range ........................... 0O to 70OC
Storage Temperature Range ..................... -65O to +150OC
TEST CONDITIONS -- FAST / TTL
V
CC Supply Voltage ................................................ 5.00VDC
Input Pulse Voltage ................................................... 3.20V
Input Pulse Rise Time ....................................... 3.0 ns max.
1. Measurements made at 25OC
2. Delay / Pulse Widths measured at 1.50V level
3. Rise Times measured from 0.75V to 2.40V.
4. 10pf probe and fixture load on output under test.
Electrical Specifications at 25OC
MIL-GRADE: These Military Grade devices use integrated circuits screened to MIL-STD-883B with an operating
temperature range of -55 to +125OC. These devices have a package height of .335"
Dimensions in Inches (mm)
Commercial Grade 14-Pin Package with Unused Leads Removed
per Schematic.
(For Mil-Grade TTLPD-xxxM, Height is 0.335")
TTLPD Schematic
General: Input pulse widths greater than the Nominal
value (XX in ns from P/N TTLPD-XX) of the module,
will propagate with delay of (XX + 5ns) ± 5% or 2 ns,
whichever is greater. Output pulse width will follow
the input width ± 7% or 4 ns, whichever is greater.
Input pulse widths less than the Nominal value will be
suppressed.
FAST / TTL Pulse Width Discriminator Modules
Part Number
Mil-Grade
Part Number
Suppressed
Pulse Width,
Max. (ns)
Passed
Pulse Width,
Min. (ns)
TTLPD-10
TTLPD-10M
< 8.5
> 11.5
TTLPD-15
TTLPD-15M
< 13.5
> 16.5
TTLPD-20
TTLPD-20M
< 18.5
> 21.5
TTLPD-25
TTLPD-25M
< 23.5
> 26.5
TTLPD-30
TTLPD-30M
< 28.5
> 31.5
TTLPD-35
TTLPD-35M
< 33.0
> 37.0
TTLPD-40
TTLPD-40M
< 38.0
> 42.0
TTLPD-50
TTLPD-50M
< 47.5
> 52.5
TTLPD-60
TTLPD-60M
< 57.0
> 63.0
TTLPD-75
TTLPD-75M
< 71.0
> 79.0
TTLPD-80
TTLPD-80M
< 76.0
> 84.0
TTLPD-100
TTLPD-100M
< 95.0
> 105.0
TTLPD-120
TTLPD-120M
< 114.0
> 126.0
TTLPD-125
TTLPD-125M
< 118.7
> 131.3
TTLPD-150
TTLPD-150M
< 142.5
> 157.5
TTLPD-200
TTLPD-200M
< 190.0
> 210.0
MAX.
.245
(6.22)
TYP.
.810
(20.57)
.275
(6.99)
MAX.
.600
(15.24)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.120
(3.05)
MIN.
.300
(7.62)
.400
(10.16)
MAX.
.010
(0.25)
TYP.
1
IN
7
GND
OUT
8
Vcc
14
Pulse Width
Discriminator
OUT
Pin 1
IN
Pin 8
PW
IN > XX
< XX
PW
IN
T
D
PW
OUT


Similar Part No. - TTLPD-20

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
TTLPD-20 RHOMBUS-IND-TTLPD-20 Datasheet
23Kb / 1P
   TTL Gated Oscillators / Pulse Width Generator Modules / Pulse Width Discriminators
TTLPD-200 RHOMBUS-IND-TTLPD-200 Datasheet
23Kb / 1P
   TTL Gated Oscillators / Pulse Width Generator Modules / Pulse Width Discriminators
More results

Similar Description - TTLPD-20

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
TTLPWG-5 RHOMBUS-IND-TTLPWG-5 Datasheet
24Kb / 1P
   TTLPWG Series FAST / TTL Pulse Width Generator Modules
logo
Data Delay Devices, Inc...
PWD-21 DATADELAY-PWD-21 Datasheet
115Kb / 1P
   PULSE WIDTH DISCRIMINATOR
logo
Rhombus Industries Inc.
TTLOS-5 RHOMBUS-IND-TTLOS-5 Datasheet
23Kb / 1P
   TTL Gated Oscillators / Pulse Width Generator Modules / Pulse Width Discriminators
logo
PCA ELECTRONICS INC.
EPA230-5 PCA-EPA230-5 Datasheet
37Kb / 1P
   8 Pin DIP Delayed Pulse Width Generator TTL Compatible Active Delay Line Modules
EP9981-5 PCA-EP9981-5 Datasheet
34Kb / 1P
   14 Pin DIP Delayed Pulse Width Generator TTL Compatible Active Delay Line Modules
logo
Rhombus Industries Inc.
ECLPWG-5 RHOMBUS-IND-ECLPWG-5 Datasheet
31Kb / 1P
   10K / 10KH ECL Logic Pulse Width Control Modules
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
   Pulse-Width Modulator
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
logo
AUK corp
S494 AUK-S494 Datasheet
339Kb / 8P
   Pulse Width Modulation
logo
Suntac Electronic Corp.
STC494 SUNTAC-STC494 Datasheet
236Kb / 8P
   Pulse Width Modulation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com