Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTLPWG-8 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # TTLPWG-8
Description  TTLPWG Series FAST / TTL Pulse Width Generator Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

TTLPWG-8 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  TTLPWG-8 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
TTLPWG 9901
TTLPWG Series FAST / TTL Pulse Width Generator Modules
14-Pin Package Commercial
and Mil-Grade Versions
FAST/TTL Logic Buffered
Precise Pulse Width Output
triggered by Rising Edge of Input
Operating Temperature Ranges
0OC to +70OC, or -55OC to +125OC
General: Triggered by the input's rising edge (input
pulse width 10 ns, min.), a pulse of specified width
will be generated at the output with a propagation
delay of 5 ± 2 ns (7 ± 2 ns, for inverted output). High-
to-low transitions will not trigger the unit. Designed
for output duty-cycle less than 50%.
OUT
Pin 1
IN
Pin 8
T
D
T
D
PW
OUT
PW
OUT
OPERATING SPECIFICATIONS
V
CC Supply Voltage ................................... 5.00 ± 0.25 VDC
I
CC
Supply Current ......................... 35 mA typ., 55 mA Max.
Logic “1” Input: V
IH .......................
2.00 V min., 5.50 V max.
I
IH ...............................
20
µA max. @ 2.70V
Logic “0” Input: V
IL ...........................................
0.80 V max.
I
IL ............................................
-0.6 mA mA
V
OH
Logic “1” Voltage Out .................................. 2.40 V min.
V
OL
Logic “0” Voltage Out ................................ 0.50 V max.
P
WI
Input Pulse Width ......................................... 10 ns min.
Operating Temperature Range ........................... 0O to 70OC
Storage Temperature Range ..................... -65O to +150OC
TEST CONDITIONS -- FAST / TTL
V
CC Supply Voltage ................................................ 5.00VDC
Input Pulse Voltage ................................................... 3.20V
Input Pulse Rise Time ....................................... 3.0 ns max.
Input Pulse Width / Period ............................ 250 / 1000 ns
1. Measurements made at 25OC
2. Delay Times measured at 1.50V level of leading edge.
3. Rise Times measured from 0.75V to 2.40V.
4. 10pf probe and fixture load on output under test.
Electrical Specifications at 25OC
FAST / TTL Buffered Pulse Width Generator Modules
Part Number
Mil-Grade
Part Number
Output Pulse
Width (ns)
Maximum
Freq. (MHz)
TTLPWG-5
TTLPWG-5M
5 ± 1.0
63
TTLPWG-6
TTLPWG-6M
6 ± 1.0
56
TTLPWG-7
TTLPWG-7M
7 ± 1.0
53
TTLPWG-8
TTLPWG-8M
8 ± 1.0
47
TTLPWG-9
TTLPWG-9M
9 ± 1.0
44
TTLPWG-10 TTLPWG-10M
10 ± 1.5
42
TTLPWG-12 TTLPWG-12M
12 ± 1.5
35
TTLPWG-15 TTLPWG-15M
15 ± 2.0
32
TTLPWG-20 TTLPWG-20M
20 ± 2.0
22
TTLPWG-25 TTLPWG-25M
25 ± 2.0
19
TTLPWG-30 TTLPWG-30M
30 ± 2.0
15
TTLPWG-35 TTLPWG-35M
35 ± 2.0
13
TTLPWG-40 TTLPWG-40M
40 ± 2.0
11
TTLPWG-45 TTLPWG-45M
45 ± 2.25
10
TTLPWG-50 TTLPWG-50M
50 ± 2.5
9
TTLPWG-60 TTLPWG-60M
60 ± 3.0
8
TTLPWG-70 TTLPWG-70M
70 ± 3.5
7
TTLPWG-80 TTLPWG-80M
80 ± 4.0
6
TTLPWG-100
DSP-1348M
100 ± 5.0
5
MIL-GRADE: These Military Grade devices use integrated circuits screened to MIL-STD-883B with an operating
temperature range of -55 to +125OC. These devices have a package height of .335"
MAX.
.245
(6.22)
TYP.
.810
(20.57)
.275
(6.99)
MAX.
.100
(2.54)
TYP.
.050
(1.27)
TYP.
.120
(3.05)
MIN.
.300
(7.62)
.400
(10.16)
MAX.
.010
(0.25)
TYP.
.020
(0.51)
TYP.
.600
(15.24)
TYP.
Dimensions in Inches (mm)
Commercial Grade 14-Pin Package with Unused Leads Removed
per Schematic.
(For Mil-Grade TTLPWG-xxxM, Height is 0.335")
1
IN
7
GND
OUT
8
Vcc
14
13
OUT
Pulse Width
Control Circuit
TTLPWG Schematic


Similar Part No. - TTLPWG-8

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
TTLPWG-80 RHOMBUS-IND-TTLPWG-80 Datasheet
23Kb / 1P
   TTL Gated Oscillators / Pulse Width Generator Modules / Pulse Width Discriminators
More results

Similar Description - TTLPWG-8

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
TTLOS-5 RHOMBUS-IND-TTLOS-5 Datasheet
23Kb / 1P
   TTL Gated Oscillators / Pulse Width Generator Modules / Pulse Width Discriminators
TTLPD-10 RHOMBUS-IND-TTLPD-10 Datasheet
23Kb / 1P
   TTLPD Series FAST / TTL Pulse Width Discriminator Modules
logo
PCA ELECTRONICS INC.
EPA230-5 PCA-EPA230-5 Datasheet
37Kb / 1P
   8 Pin DIP Delayed Pulse Width Generator TTL Compatible Active Delay Line Modules
EP9981-5 PCA-EP9981-5 Datasheet
34Kb / 1P
   14 Pin DIP Delayed Pulse Width Generator TTL Compatible Active Delay Line Modules
logo
List of Unclassifed Man...
MA828 ETC1-MA828 Datasheet
367Kb / 16P
   THREE-PHASE PULSE WIDTH MODULATION WAVEFORM GENERATOR
MA818 ETC1-MA818 Datasheet
374Kb / 16P
   THREE-PHASE PULSE WIDTH MODULATION WAVEFORM GENERATOR
logo
Zarlink Semiconductor I...
MA838 ZARLINK-MA838 Datasheet
314Kb / 13P
   SINGLE PHASE PULSE WIDTH MODULATION WAVEFORM GENERATOR
logo
Rhombus Industries Inc.
ECLPWG-5 RHOMBUS-IND-ECLPWG-5 Datasheet
31Kb / 1P
   10K / 10KH ECL Logic Pulse Width Control Modules
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
   Pulse-Width Modulator
logo
Data Delay Devices, Inc...
PWD-21 DATADELAY-PWD-21 Datasheet
115Kb / 1P
   PULSE WIDTH DISCRIMINATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com